Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS6510-ADSG Datasheet(PDF) 2 Page - Orister Corporation

Part # RS6510-ADSG
Description  2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS6510-ADSG Datasheet(HTML) 2 Page - Orister Corporation

  RS6510-ADSG Datasheet HTML 1Page - Orister Corporation RS6510-ADSG Datasheet HTML 2Page - Orister Corporation RS6510-ADSG Datasheet HTML 3Page - Orister Corporation RS6510-ADSG Datasheet HTML 4Page - Orister Corporation RS6510-ADSG Datasheet HTML 5Page - Orister Corporation RS6510-ADSG Datasheet HTML 6Page - Orister Corporation RS6510-ADSG Datasheet HTML 7Page - Orister Corporation RS6510-ADSG Datasheet HTML 8Page - Orister Corporation RS6510-ADSG Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Page No. : 2/10
DS‐RS6510‐07    February, 2010 
www.Orister.com
Pin Assignments 
 
SOP‐8 
 
 
 
PACKAGE 
PIN 
SYMBOL 
DESCRIPTION 
BS 
Bootstrap. This capacitor (C5) is needed to drive the power switch’s gate above 
the supply voltage. It is connected between the SW and BS pins to form a floating 
supply across the power switch driver. The voltage across C5 is about 5V and is 
supplied by the internal +5V supply when the SW pin voltage is low. 
IN 
Supply Voltage. The RS6510 operates from a 4.75V to 20V unregulated input. C1 
is needed to prevent large voltage spikes from appearing at the input. 
SW 
Power  Switching  Output.  SW  is  the  switching  node  that  supplies  power  to  the 
output.  Connect  the  output  LC  filter  from  SW  to  the  output  load.  Note  that  a 
capacitor is required from SW to BS to power the high‐side switch. 
GND 
Ground. 
FB 
Feedback  Input.  FB  senses  the  output  voltage  and  regulates  it.  Drive  FB  with  a 
resistive  voltage  divider  from  the  output  voltage  to  ground.  The  feedback 
threshold is 1.23V. See Setting the Output Voltage. 
COMP 
Compensation Node. COMP is used to compensate the regulation control loop. 
Connect  a  series  RC  network  from  COMP  to  GND.  In  some  cases,  an  additional 
capacitor from COMP to GND is required. See Compensation. 
EN 
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high 
to turn on the regulator, drive it low to turn it off. For automatic startup, leave 
EN unconnected. 
SOP‐8 
SS 
Soft‐Start.  Connect  SS  to  an  external  capacitor  to  program  the  soft‐start.  If 
unused, leave it open. 
Ordering Information 
DEVICE 
DEVICE CODE 
RS6510‐XX Y Z 
XX is nominal output voltage : 
AD : ADJ 
Y is package & Pin Assignments designator : 
S : SOP‐8 
Z is Lead Free designator : 
P: Commercial Standard, Lead (Pb) Free and Phosphorous (P) Free Package 
G: Green (Halogen Free with Commercial Standard) 
 


Similar Part No. - RS6510-ADSG

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS6510A ORISTER-RS6510A Datasheet
517Kb / 10P
   2A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
RS6510A-12SG ORISTER-RS6510A-12SG Datasheet
517Kb / 10P
   2A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
RS6510A-12SP ORISTER-RS6510A-12SP Datasheet
517Kb / 10P
   2A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
RS6510A-33SG ORISTER-RS6510A-33SG Datasheet
517Kb / 10P
   2A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
RS6510A-33SP ORISTER-RS6510A-33SP Datasheet
517Kb / 10P
   2A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
More results

Similar Description - RS6510-ADSG

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS6518 ORISTER-RS6518 Datasheet
543Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6512 ORISTER-RS6512 Datasheet
534Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6509 ORISTER-RS6509 Datasheet
563Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6519 ORISTER-RS6519 Datasheet
605Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6511 ORISTER-RS6511 Datasheet
602Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6507 ORISTER-RS6507 Datasheet
553Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6517 ORISTER-RS6517 Datasheet
603Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6508A ORISTER-RS6508A Datasheet
517Kb / 10P
   2A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
RS6510A ORISTER-RS6510A Datasheet
517Kb / 10P
   2A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
RS6512A ORISTER-RS6512A Datasheet
514Kb / 10P
   2A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com