Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9R18120S3S Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # ISL9R18120S3S
Description  18A, 1200V Stealth??Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ISL9R18120S3S Datasheet(HTML) 1 Page - Fairchild Semiconductor

  ISL9R18120S3S Datasheet HTML 1Page - Fairchild Semiconductor ISL9R18120S3S Datasheet HTML 2Page - Fairchild Semiconductor ISL9R18120S3S Datasheet HTML 3Page - Fairchild Semiconductor ISL9R18120S3S Datasheet HTML 4Page - Fairchild Semiconductor ISL9R18120S3S Datasheet HTML 5Page - Fairchild Semiconductor ISL9R18120S3S Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2004 Fairchild Semiconductor Corporation
March 2004
ISL9R18120G2 / ISL9R18120P2 / ISL9R18120S3S Rev. B
ISL9R18120G2 / ISL9R18120P2 / ISL9R18120S3S
18A, 1200V Stealth™ Diode
General Description
The ISL9R18120G2, ISL9R18120P2 and ISL9R18120S3S are
Stealth™ diodes optimized for low loss performance in high
frequency hard switched applications. The Stealth™ family
exhibits low reverse recovery current (IRM(REC)) and
exceptionally soft recovery under typical operating conditions.
This device is intended for use as a free wheeling or boost
diode in power supplies and other power switching
applications. The low IRM(REC) and short ta phase reduce loss
in switching transistors. The soft recovery minimizes ringing,
expanding the range of conditions under which the diode may
be operated without the use of additional snubber circuitry.
Consider using the Stealth™ diode with a 1200V NPT IGBT to
provide the most efficient and highest power density design at
lower cost.
Features
• Soft Recovery . . . . . . . . . . . . . . . . . . . . . . . . tb / ta > 5.0
• Fast Recovery . . . . . . . . . . . . . . . . . . . . . . . . . trr < 45ns
• Operating Temperature . . . . . . . . . . . . . . . . . . . . 150oC
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 1200V
• Avalanche Energy Rated
Applications
• Switch Mode Power Supplies
• Hard Switched PFC Boost Diode
• UPS Free Wheeling Diode
• Motor Drive FWD
• SMPS FWD
• Snubber Diode
Device Maximum Ratings T
C = 25°C unless otherwise noted
Symbol
Parameter
Ratings
Units
VRRM
Repetitive Peak Reverse Voltage
1200
V
VRWM
Working Peak Reverse Voltage
1200
V
VR
DC Blocking Voltage
1200
V
IF(AV)
Average Rectified Forward Current (TC = 92
oC)
18
A
IFRM
Repetitive Peak Surge Current (20kHz Square Wave)
36
A
IFSM
Nonrepetitive Peak Surge Current (Halfwave 1 Phase 60Hz)
200
A
PD
Power Dissipation
125
W
EAVL
Avalanche Energy (1A, 40mH)
20
mJ
TJ, TSTG
Operating and Storage Temperature Range
-55 to 150
°C
TL
TPKG
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s
Package Body for 10s, See Application Note AN-7528
300
260
°C
°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and
operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
K
A
JEDEC TO-220AC
ANODE
CATHODE
JEDEC TO-263AB
CATHODE
(FLANGE)
N / C
2 LEAD TO-247
ANODE
CATHODE
CATHODE
(BOTTOM SIDE
METAL)
ANODE
CATHODE
(FLANGE)
Package
Symbol


Similar Part No. - ISL9R18120S3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9R1560G2 FAIRCHILD-ISL9R1560G2 Datasheet
167Kb / 6P
   15A, 600V Stealth??Diode
ISL9R1560G2 FAIRCHILD-ISL9R1560G2 Datasheet
550Kb / 6P
   15A, 600V Stealth Rectifier
ISL9R1560G2 FAIRCHILD-ISL9R1560G2 Datasheet
510Kb / 6P
   30A, 600V Stealth Rectifier
ISL9R1560G_F085 FAIRCHILD-ISL9R1560G_F085 Datasheet
550Kb / 6P
   15A, 600V Stealth Rectifier
ISL9R1560P2 FAIRCHILD-ISL9R1560P2 Datasheet
167Kb / 6P
   15A, 600V Stealth??Diode
More results

Similar Description - ISL9R18120S3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9K18120G3 FAIRCHILD-ISL9K18120G3 Datasheet
147Kb / 6P
   18A, 1200V Stealth??Dual Diode
ISL9R8120P2 FAIRCHILD-ISL9R8120P2 Datasheet
145Kb / 6P
   8A, 1200V Stealth??Diode
ISL9R30120G2 FAIRCHILD-ISL9R30120G2 Datasheet
143Kb / 6P
   30A, 1200V Stealth??Diode
ISL9K8120P3 FAIRCHILD-ISL9K8120P3 Datasheet
140Kb / 6P
   8A, 1200V Stealth??Dual Diode
ISL9K30120G3 FAIRCHILD-ISL9K30120G3 Datasheet
145Kb / 6P
   30A, 1200V Stealth??Dual Diode
logo
Advanced Power Technolo...
APT12067JLL ADPOW-APT12067JLL_06 Datasheet
73Kb / 2P
   1200V 18A 0.670W
logo
Fairchild Semiconductor
ISL9R1560S3S FAIRCHILD-ISL9R1560S3S Datasheet
131Kb / 7P
   15A, 600V Stealth??Diode
ISL9R460PF2 FAIRCHILD-ISL9R460PF2_09 Datasheet
671Kb / 7P
   4A, 600V Stealth??Diode
logo
Samsung semiconductor
ISL9860PF2 SAMSUNG-ISL9860PF2 Datasheet
142Kb / 6P
   8A, 600V Stealth Diode
logo
Fairchild Semiconductor
ISL9R860P2 FAIRCHILD-ISL9R860P2 Datasheet
129Kb / 6P
   8A, 600V Stealth??Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com