Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS1117A-ADEP Datasheet(PDF) 6 Page - Orister Corporation

Part # RS1117A-ADEP
Description  1.0A Low Dropout Positive Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS1117A-ADEP Datasheet(HTML) 6 Page - Orister Corporation

Back Button RS1117A-ADEP Datasheet HTML 2Page - Orister Corporation RS1117A-ADEP Datasheet HTML 3Page - Orister Corporation RS1117A-ADEP Datasheet HTML 4Page - Orister Corporation RS1117A-ADEP Datasheet HTML 5Page - Orister Corporation RS1117A-ADEP Datasheet HTML 6Page - Orister Corporation RS1117A-ADEP Datasheet HTML 7Page - Orister Corporation RS1117A-ADEP Datasheet HTML 8Page - Orister Corporation RS1117A-ADEP Datasheet HTML 9Page - Orister Corporation RS1117A-ADEP Datasheet HTML 10Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Page No. : 6/13
DS‐RS1117A‐16    September, 2009 
www.Orister.com
Detail Description 
Output Voltage Adjustment 
Like  most  regulators,  RS1117A  series  regulate  the  output  by 
comparing  the  output  voltage  to  an  internally  generated 
reference  voltage.  On  the  adjustable  version,  the  VREF  is 
available externally as 1.25V between VOUT and ADJ. The voltage 
ratio  formed  by  R1  and  R2  should  be  set  to  conduct  10mA 
(minimum  output  load).  The  output  voltage  is  given  by  the 
following equation: VOUT =VREF (1+R2/R1) + IADJ R2 
 
On  fixed  versions  of  RS1117A  series,  the  voltage  divider  is 
provided internally. 
 
Thermal Protection 
RS1117A  series  have  thermal  protection  which  limits  junction 
temperature  to  150°C.  However,  device  functionality  is  only 
guaranteed to a maximum junction temperature of +125°C. 
 
The  power  dissipation  and  junction  temperature  for  RS1117A  in  all  packages  given  by  PD=(VIN‐VOUT)IOUT
TJUNCTION=TAMBIENT+(PDJA), Note: TJUNCTION must not exceed 125°C 
 
Current Limit Protection 
RS1117A series are protected against overload conditions. Current protection is triggered at typically 1.5A. 
 
Stability and Load Regulation 
RS1117A series require a capacitor from VOUT to GND to provide 
compensation  feedback  to  the  internal  gain  stage.  This  is  to 
ensure  stability  at  the  output  terminal.  Typically,  a  47uF 
tantalum or 100uF aluminum electrolytic is sufficient. 
 
Note  :  It  is  important  that  the  ESR  for  this  capacitor  does  not 
exceed 0.5Ω. 
 
The  output  capacitor  does  not  have  a  theoretical  upper  limit 
and  increasing  its  value  will  increase  stability.  COUT=100uF  or 
more is typical for high current regulator design. 
 
RS1117A series load regulation are limited by the resistance of 
the wire connecting it to the load(RP). For the adjustable version, the best load regulation is accomplished when the top of 
the  resistor  divider(R1)  is  connected  directly  to  the  output  pin  of  the  RS1117A  series.  When  so  connected,  RP  is  not 
multiplied by the divider ratio. For fixed output versions, the top of Ris internally connected to the output and ground pin 
can be connected to low side of the load as a negative side sense if, so desired. 
 
Thermal Consideration 
The RS1117A series contain thermal limiting circuitry designed to protect itself for over‐temperature conditions. Even for 
normal load conditions, maximum junction temperature ratings must not be exceeded. As mention in thermal protection 
section, we need to consider all sources of thermal resistance between junction and ambient. It contains junction‐to‐case, 
case‐to‐heat‐sink interface and heat sink resistance itself. An additional heat sink is applied externally sometimes. It can 
increase the maximum power dissipation. For example, the equivalent junction temperature of 300mA output current is 
115°C without external heat sink. Under the same junction temperature IC can operates 500mA with an adequate heat sink. 
Therefore, to attach an extra heat sink is recommended. 
 
  
 
RL
R1
R2
Connect
R1 to Case
Connect
R2 to Load
Out
In
Adj
R P
Parasitic
Line Resistance
V IN
VOUT =VREF (1+R2/R1) + IADJ R2
VIN
R1
R2
V REF
In
Out
ADJ
IADJ
10uA
VOUT


Similar Part No. - RS1117A-ADEP

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
RS1117A-J18G PTC-RS1117A-J18G Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A-J18P PTC-RS1117A-J18P Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A-J25G PTC-RS1117A-J25G Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A-J25P PTC-RS1117A-J25P Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A-J33G PTC-RS1117A-J33G Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
More results

Similar Description - RS1117A-ADEP

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK1117-1.25 KODENSHI-KK1117-1.25 Datasheet
196Kb / 4P
   1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS7805AJ ORISTER-RS7805AJ Datasheet
794Kb / 12P
   1.0A Low Dropout Positive Voltage Regulator
RS1117 ORISTER-RS1117 Datasheet
391Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-X IKSEMICON-IL1117-X Datasheet
237Kb / 6P
   1.0A Low Dropout Positive Voltage Regulator
IL1117-XX IKSEMICON-IL1117-XX Datasheet
1,017Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
IL2940CT-XX IKSEMICON-IL2940CT-XX Datasheet
270Kb / 9P
   1.0A Low Dropout Positive Voltage Regulator
logo
Princeton Technology Co...
RS7805 PTC-RS7805 Datasheet
113Kb / 2P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A PTC-RS1117A Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
TS29100 TSC-TS29100 Datasheet
179Kb / 8P
   1.0A Ultra Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com