Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3PE1500-1FG484YPP Datasheet(PDF) 2 Page - Microsemi Corporation

Part # A3PE1500-1FG484YPP
Description  ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
Download  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3PE1500-1FG484YPP Datasheet(HTML) 2 Page - Microsemi Corporation

  A3PE1500-1FG484YPP Datasheet HTML 1Page - Microsemi Corporation A3PE1500-1FG484YPP Datasheet HTML 2Page - Microsemi Corporation A3PE1500-1FG484YPP Datasheet HTML 3Page - Microsemi Corporation A3PE1500-1FG484YPP Datasheet HTML 4Page - Microsemi Corporation A3PE1500-1FG484YPP Datasheet HTML 5Page - Microsemi Corporation A3PE1500-1FG484YPP Datasheet HTML 6Page - Microsemi Corporation A3PE1500-1FG484YPP Datasheet HTML 7Page - Microsemi Corporation A3PE1500-1FG484YPP Datasheet HTML 8Page - Microsemi Corporation A3PE1500-1FG484YPP Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 162 page
background image
ProASIC3E Flash Family FPGAs
II
Revision 13
I/Os Per Package1
ProASIC3E Device Status
ProASIC3E Devices
A3PE600
A3PE1500 3
A3PE3000 3
Cortex-M1 Devices 2
M1A3PE1500
M1A3PE3000
Package
I/O Types
PQ208
147
65
147
65
147
65
FG256
165
79
––––
FG324
––––
221
110
FG484
270
135
280
139
341
168
FG676
444
222
FG896
––––
620
310
Notes:
1. When considering migrating your design to a lower- or higher-density device, refer to the ProASIC3E FPGA Fabric User’s
Guide to ensure compliance with design and board migration requirements.
2. Each used differential I/O pair reduces the number of single-ended I/Os available by two.
3. For A3PE1500 and A3PE3000 devices, the usage of certain I/O standards is limited as follows:
– SSTL3(I) and (II): up to 40 I/Os per north or south bank
– LVPECL / GTL+ 3.3 V / GTL 3.3 V: up to 48 I/Os per north or south bank
– SSTL2(I) and (II) / GTL+ 2.5 V/ GTL 2.5 V: up to 72 I/Os per north or south bank
4. FG256 and FG484 are footprint-compatible packages.
5. When using voltage-referenced I/O standards, one I/O pin should be assigned as a voltage-referenced pin (VREF) per
minibank (group of I/Os).
6. "G" indicates RoHS-compliant packages. Refer to the "ProASIC3E Ordering Information" on page III for the location of the "G"
in the part number.
Table 1-2 • ProASIC3E FPGAs Package Sizes Dimensions
Package
PQ208
FG256
FG324
FG484
FG676
FG896
Length × Width (mm\mm)
28 × 28
17 × 17
19 × 19
23 × 23
27 × 27
31 × 31
Nominal Area (mm2)
784
289
361
529
729
961
Pitch (mm)
0.5
1.0
1.0
1.0
1.0
1.0
Height (mm)
3.40
1.60
1.63
2.23
2.23
2.23
ProASIC3E Devices
Status
M1 ProASIC3E Devices
Status
A3PE600
Production
A3PE1500
Production
M1A3PE1500
Production
A3PE3000
Production
M1A3PE3000
Production


Similar Part No. - A3PE1500-1FG484YPP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PE1500-1FG100 MICROSEMI-A3PE1500-1FG100 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-1FG100ES MICROSEMI-A3PE1500-1FG100ES Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-1FG100I MICROSEMI-A3PE1500-1FG100I Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-1FG100PP MICROSEMI-A3PE1500-1FG100PP Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-1FG100Y MICROSEMI-A3PE1500-1FG100Y Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
More results

Similar Description - A3PE1500-1FG484YPP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PE1500-FGG484 MICROSEMI-A3PE1500-FGG484 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-FG484 MICROSEMI-A3PE3000-FG484 Datasheet
8Mb / 166P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE600-2PQ208 MICROSEMI-A3PE600-2PQ208 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-PQG208I MICROSEMI-A3PE1500-PQG208I Datasheet
8Mb / 166P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-FGG324 MICROSEMI-A3PE3000-FGG324 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3P1000-FG256 MICROSEMI-A3P1000-FG256 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P030-2QNG68I MICROSEMI-A3P030-2QNG68I Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-PQG208I MICROSEMI-A3P1000-PQG208I Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-VQ100 MICROSEMI-M1A3P250-VQ100 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-1VQ100I MICROSEMI-M1A3P250-1VQ100I Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com