Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2135 Datasheet(PDF) 3 Page - Orister Corporation

Part # RS2135
Description  High Precision CC/CV Primary?륲ide PWM Power Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS2135 Datasheet(HTML) 3 Page - Orister Corporation

  RS2135 Datasheet HTML 1Page - Orister Corporation RS2135 Datasheet HTML 2Page - Orister Corporation RS2135 Datasheet HTML 3Page - Orister Corporation RS2135 Datasheet HTML 4Page - Orister Corporation RS2135 Datasheet HTML 5Page - Orister Corporation RS2135 Datasheet HTML 6Page - Orister Corporation RS2135 Datasheet HTML 7Page - Orister Corporation RS2135 Datasheet HTML 8Page - Orister Corporation RS2135 Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Page No. : 3/10
DS‐RS2135‐03    September,  2009 
www.Orister.com
Block Diagram 
 
Absolute Maximum Ratings 
Symbol 
Parameter 
Range 
Units 
‐ 
Drain Voltage (off state) ‐0.3V to Bvdss 
‐ 
VDD Voltage ‐0.3 to VDD_Clamp 
‐ 
VDD Zener Clamp Continuous Current 
10 
mA 
‐ 
COMP Voltage ‐0.3 to 7 
‐ 
CS Input Voltage ‐0.3 to 7 
‐ 
INV Input Voltage ‐0.3 to 7 
TJ 
Junction Temperature ‐20 to 150 
o
TOPR 
Operating Temperature Range ‐20 to +85 
o
TSTG 
Storage Temperature Range ‐55 to 150 
o
TLEAD 
Lead Temperature (Soldering, 10secs) 
260 
o
Note: Stress beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. Exposure to absolute 
maximum‐rated conditions for extended periods may affect device reliability. 
Output Power Table 
Part No. 
Package 
230VAC ±15% 
85 to 265VAC 
RS2135S 
SOP‐8 
6W 
5W 


Similar Part No. - RS2135

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2132 ORISTER-RS2132 Datasheet
598Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Controller
RS2132NFG ORISTER-RS2132NFG Datasheet
598Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Controller
RS2132NFP ORISTER-RS2132NFP Datasheet
598Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Controller
RS2136 ORISTER-RS2136 Datasheet
385Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Power Switch
RS2136PG ORISTER-RS2136PG Datasheet
385Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Power Switch
More results

Similar Description - RS2135

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2138 ORISTER-RS2138 Datasheet
519Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Power Switch
RS2136 ORISTER-RS2136 Datasheet
385Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Power Switch
RS2132 ORISTER-RS2132 Datasheet
598Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Controller
logo
Unisonic Technologies
UCS3654 UTC-UCS3654_16 Datasheet
226Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3651S UTC-UCSR3651S_16 Datasheet
247Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651S UTC-USR3651S_18 Datasheet
261Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651 UTC-USR3651 Datasheet
242Kb / 8P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USRB02 UTC-USRB02 Datasheet
224Kb / 7P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCS3654 UTC-UCS3654 Datasheet
217Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651S UTC-USR3651S Datasheet
219Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com