Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANS2N2905AL Datasheet(PDF) 2 Page - Microsemi Corporation

Part # JANS2N2905AL
Description  PNP SWITCHING SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANS2N2905AL Datasheet(HTML) 2 Page - Microsemi Corporation

  JANS2N2905AL Datasheet HTML 1Page - Microsemi Corporation JANS2N2905AL Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N2904, 2N2904A, 2N2904AL, 2N2905, 2N2905A, 2N2905AL JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(3)
Forward-Current Transfer Ratio
IC = 0.1 mAdc, VCE = 10 Vdc
2N2904
2N2905
2N2904A, 2N2904AL
2N2905A, 2N2905AL
IC = 1.0 mAdc, VCE = 10 Vdc
2N2904
2N2905
2N2904A, 2N2904AL
2N2905A, 2N2905AL
IC = 10 mAdc, VCE = 10 Vdc
2N2904
2N2905
2N2904A, 2N2904AL
2N2905A, 2N2905AL
IC = 150 mAdc, VCE = 10 Vdc
2N2904, 2N2904A, L
2N2905, 2N2905A, L
IC = 500 mAdc, VCE = 10 Vdc
2N2904
2N2905
2N2904A, 2N2904AL
2N2905A, 2N2905AL
hFE
20
35
40
75
25
50
40
100
35
75
40
100
40
100
20
30
40
50
175
450
175
450
120
300
Collector-Emitter Saturation Voltage
IC = 150 mAdc, IB = 15 mAdc
IC = 500 mAdc, IB = 50 mAdc
VCE(sat)
0.4
1.6
Vdc
Base-Emitter Voltage
IC = 150 mAdc, IB = 15 mAdc
IC = 500 mAdc, IB = 50 mAdc
VBE(sat)
1.3
2.6
Vdc
DYNAMIC CHARACTERISTICS
Small-Signal Cutoff Frequency
IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz
2N2904
2N2905
2N2904A, 2N2905A
2N2904AL, 2N2905AL
hfe
25
50
40
100
Small-Signal Cutoff Frequency, Magnitude
IC = 50 mAdc, VCE = 20 Vdc, f = 100 MHz
h
fe
2.0
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
8.0
pF
Input Capacitance
VEB = 2.0 Vdc, IC = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cibo
30
pF
SWITCHING CHARACTERISTICS
Turn-On Time
VCC = 30 Vdc; IC = 150 mAdc; IB1= 15 mAdc
ton
45
ηs
Turn-Off Time
VCC = 30 Vdc; IC = 150 mAdc; IB1 = IB2 = 15 mAdc
toff
300
ηs
(3) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2


Similar Part No. - JANS2N2905AL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANS2N2905AL MICROSEMI-JANS2N2905AL Datasheet
57Kb / 2P
   PNP SWITCHING SILICON TRANSISTOR
More results

Similar Description - JANS2N2905AL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT4403LT1 ONSEMI-MMBT4403LT1 Datasheet
147Kb / 8P
   Switching Transistor(PNP Silicon)
September, 2004 ??Rev. 3
logo
Siemens Semiconductor G...
SMBT4126 SIEMENS-SMBT4126 Datasheet
96Kb / 4P
   PNP Silicon Switching Transistor
logo
ON Semiconductor
MMBT4403WT1 ONSEMI-MMBT4403WT1 Datasheet
177Kb / 6P
   Switching Transistor PNP Silicon
March, 2005 ??Rev. 2
logo
Infineon Technologies A...
SMBT2907A INFINEON-SMBT2907A Datasheet
141Kb / 7P
   PNP Silicon Switching Transistor
Jun-12-2002
logo
Zowie Technology Corpor...
MMBT4403GH ZOWIE-MMBT4403GH Datasheet
558Kb / 5P
   Switching Transistor PNP Silicon
logo
NTE Electronics
NTE106 NTE-NTE106 Datasheet
24Kb / 2P
   Silicon PNP Transistor Switching Transistor
logo
Microsemi Corporation
2N2907ADIE MICROSEMI-2N2907ADIE Datasheet
44Kb / 2P
   SWITCHING TRANSISTOR PNP SILICON
logo
Siemens Semiconductor G...
PZT3906 SIEMENS-PZT3906 Datasheet
119Kb / 5P
   PNP Silicon Switching Transistor
logo
ON Semiconductor
MPS3638A ONSEMI-MPS3638A Datasheet
215Kb / 8P
   Switching Transistor(PNP Silicon)
1997
logo
Microsemi Corporation
2N3250A MICROSEMI-2N3250A Datasheet
58Kb / 2P
   PNP SILICON SWITCHING TRANSISTOR
logo
Siemens Semiconductor G...
SMBT2907A SIEMENS-SMBT2907A Datasheet
248Kb / 7P
   PNP Silicon Switching Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com