Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2912IDDB-1 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2912IDDB-1
Description  Single UV/OV Voltage Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2912IDDB-1 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2912IDDB-1 Datasheet HTML 4Page - Linear Technology LTC2912IDDB-1 Datasheet HTML 5Page - Linear Technology LTC2912IDDB-1 Datasheet HTML 6Page - Linear Technology LTC2912IDDB-1 Datasheet HTML 7Page - Linear Technology LTC2912IDDB-1 Datasheet HTML 8Page - Linear Technology LTC2912IDDB-1 Datasheet HTML 9Page - Linear Technology LTC2912IDDB-1 Datasheet HTML 10Page - Linear Technology LTC2912IDDB-1 Datasheet HTML 11Page - Linear Technology LTC2912IDDB-1 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC2912
8
2912fa
APPLICATIONS INFORMATION
Power-Up/Power-Down
As soon as VCC reaches 1V during power up, the UV output
asserts low and the OV output weakly pulls to VCC.
The LTC2912 is guaranteed to assert UV low, OV high
(LTC2912-1, LTC2912-2) and OV low (LTC2912-3) under
conditions of low VCC, down to VCC = 1V. Above VCC = 2V
(2.1V maximum), the VH and VL inputs take control.
Once the VH input and VCC become valid an internal timer
is started. After an adjustable delay time, UV weakly pulls
high.
Threshold Accuracy
Reset threshold accuracy is important in a supply-sensitive
system. Ideally, such a system resets only if supply voltages
fall outside the exact thresholds for a specified margin.
Both LTC2912 inputs have a relative threshold accuracy
of ±1.5% over the full operating temperature range.
For example, when the LTC2912 is programmed to moni-
tor a 5V input with a 10% tolerance, the desired UV trip
point is 4.5V. Because of the ±1.5% relative accuracy of
the LTC2912, the UV trip point can be anywhere between
4.433V and 4.567V which is 4.5V ±1.5%.
Likewise, the accuracy of the resistances chosen for RA,
RB and RC can affect the UV and OV trip points as well.
Using the example just given, if the resistances used to
set the UV trip point have 1% accuracy, the UV trip range
is between 4.354V and 4.650V. This is illustrated in the
following calculations.
The UV trip point is given as:
VUV = 0.5V 1+
RC
RA + RB
The two extreme conditions, with a relative accuracy of
1.5% and resistance accuracy of 1%, result in:
VUV(MIN) = 0.5V • 0.985 • 1+
RC • 0.99
RA + RB
() •1.01
and
VUV(MAX) = 0.5V • 1.015 • 1+
RC •1.01
RA + RB
() •0.99
For a desired trip point of 4.5V,
RC
RA + RB
= 8
Therefore,
VUV(MIN) = 0.5V • 0.985 • 1+ 8
0.99
1.01
= 4.354V
and
VUV(MAX) = 0.5V • 1.015 • 1+ 8
1.01
0.99
= 4.650V
Glitch Immunity
In any supervisory application, noise riding on the moni-
tored DC voltage causes spurious resets. To solve this
problem without adding hysteresis, which causes a new
error term in the trip voltage, the LTC2912 lowpass filters
the output of the first stage comparator at each input. This
filter integrates the output of the comparator before as-
serting the UV or OV logic. A transient at the input of the
comparator of sufficient magnitude and duration triggers
the output logic. The Typical Performance Characteristics
show a graph of the Transient Duration vs Comparator
Overdrive.
UV/OV Timing
The LTC2912 has an adjustable timeout period (tUOTO) that
holds OV, OV or UV asserted after each fault has cleared.
This delay assures a minimum reset pulse width allowing
settling time for the monitored voltage after it has entered
the “valid” region of operation.


Similar Part No. - LTC2912IDDB-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2912IDDB-1 LINER-LTC2912IDDB-1 Datasheet
173Kb / 12P
   Single UV/OV Voltage Monitor
More results

Similar Description - LTC2912IDDB-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2912 LINER-LTC2912_15 Datasheet
228Kb / 14P
   Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912 Datasheet
173Kb / 12P
   Single UV/OV Voltage Monitor
LTC2913 LINER-LTC2913 Datasheet
281Kb / 12P
   Dual UV/OV Voltage Monitor
LTC2913 LINER-LTC2913_15 Datasheet
181Kb / 12P
   Dual UV/OV Voltage Monitor
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
   Quad UV/OV Positive/Negative Voltage Monitor
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
   Quad UV/OV Positive/Negative Voltage Monitor
logo
Analog Devices
ADCMP671 AD-ADCMP671 Datasheet
312Kb / 16P
   Low Power, Adjustable UV and OV Monitor
REV. 0
logo
Linear Technology
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909_15 Datasheet
196Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909 Datasheet
235Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com