Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2912CTS8-1 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2912CTS8-1
Description  Single UV/OV Voltage Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2912CTS8-1 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2912CTS8-1 Datasheet HTML 4Page - Linear Technology LTC2912CTS8-1 Datasheet HTML 5Page - Linear Technology LTC2912CTS8-1 Datasheet HTML 6Page - Linear Technology LTC2912CTS8-1 Datasheet HTML 7Page - Linear Technology LTC2912CTS8-1 Datasheet HTML 8Page - Linear Technology LTC2912CTS8-1 Datasheet HTML 9Page - Linear Technology LTC2912CTS8-1 Datasheet HTML 10Page - Linear Technology LTC2912CTS8-1 Datasheet HTML 11Page - Linear Technology LTC2912CTS8-1 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LTC2912
11
2912fa
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
DDB Package
8-Lead Plastic DFN (3mm × 2mm)
(Reference LTC DWG # 05-08-1702 Rev B)
TS8 Package
8-Lead Plastic TSOT-23
(Reference LTC DWG # 05-08-1637)
2.00 ±0.10
(2 SIDES)
NOTE:
1. DRAWING CONFORMS TO VERSION (WECD-1) IN JEDEC PACKAGE OUTLINE M0-229
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE
0.40 ± 0.10
BOTTOM VIEW—EXPOSED PAD
0.56 ± 0.05
(2 SIDES)
0.75 ±0.05
R = 0.115
TYP
R = 0.05
TYP
2.15 ±0.05
(2 SIDES)
3.00 ±0.10
(2 SIDES)
1
4
8
5
PIN 1 BAR
TOP MARK
(SEE NOTE 6)
0.200 REF
0 – 0.05
(DDB8) DFN 0905 REV B
0.25 ± 0.05
0.50 BSC
PIN 1
R = 0.20 OR
0.25 × 45°
CHAMFER
0.25 ± 0.05
2.20 ±0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
0.61 ±0.05
(2 SIDES)
1.15 ±0.05
0.70 ±0.05
2.55 ±0.05
PACKAGE
OUTLINE
0.50 BSC
1.50 – 1.75
(NOTE 4)
2.80 BSC
0.22 – 0.36
8 PLCS (NOTE 3)
DATUM ‘A’
0.09 – 0.20
(NOTE 3)
TS8 TSOT-23 0802
2.90 BSC
(NOTE 4)
0.65 BSC
1.95 BSC
0.80 – 0.90
1.00 MAX
0.01 – 0.10
0.20 BSC
0.30 – 0.50 REF
PIN ONE ID
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DRAWING NOT TO SCALE
3. DIMENSIONS ARE INCLUSIVE OF PLATING
4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
5. MOLD FLASH SHALL NOT EXCEED 0.254mm
6. JEDEC PACKAGE REFERENCE IS MO-193
3.85 MAX
0.52
MAX
0.65
REF
RECOMMENDED SOLDER PAD LAYOUT
PER IPC CALCULATOR
1.4 MIN
2.62 REF
1.22 REF


Similar Part No. - LTC2912CTS8-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2912CTS8-1 LINER-LTC2912CTS8-1 Datasheet
173Kb / 12P
   Single UV/OV Voltage Monitor
More results

Similar Description - LTC2912CTS8-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2912 LINER-LTC2912_15 Datasheet
228Kb / 14P
   Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912 Datasheet
173Kb / 12P
   Single UV/OV Voltage Monitor
LTC2913 LINER-LTC2913 Datasheet
281Kb / 12P
   Dual UV/OV Voltage Monitor
LTC2913 LINER-LTC2913_15 Datasheet
181Kb / 12P
   Dual UV/OV Voltage Monitor
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
   Quad UV/OV Positive/Negative Voltage Monitor
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
   Quad UV/OV Positive/Negative Voltage Monitor
logo
Analog Devices
ADCMP671 AD-ADCMP671 Datasheet
312Kb / 16P
   Low Power, Adjustable UV and OV Monitor
REV. 0
logo
Linear Technology
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909_15 Datasheet
196Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909 Datasheet
235Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com