Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1731-8.4 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1731-8.4
Description  Lithium-Ion Linear Battery Charger Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1731-8.4 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1731-8.4 Datasheet HTML 4Page - Linear Technology LTC1731-8.4 Datasheet HTML 5Page - Linear Technology LTC1731-8.4 Datasheet HTML 6Page - Linear Technology LTC1731-8.4 Datasheet HTML 7Page - Linear Technology LTC1731-8.4 Datasheet HTML 8Page - Linear Technology LTC1731-8.4 Datasheet HTML 9Page - Linear Technology LTC1731-8.4 Datasheet HTML 10Page - Linear Technology LTC1731-8.4 Datasheet HTML 11Page - Linear Technology LTC1731-8.4 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1731-8.2/LTC1731-8.4
sn1731 17318fs
PACKAGE DESCRIPTION
MS8 Package
8-Lead Plastic MSOP
(Reference LTC DWG # 05-08-1660)
MSOP (MS8) 1001
0.53
± 0.015
(.021
± .006)
SEATING
PLANE
NOTE:
1. DIMENSIONS IN MILLIMETER/(INCH)
2. DRAWING NOT TO SCALE
3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
0.18
(.077)
0.254
(.010)
1.10
(.043)
MAX
0.22 – 0.38
(.009 – .015)
0.13
± 0.05
(.005
± .002)
0.86
(.34)
REF
0.65
(.0256)
BCS
0
° – 6° TYP
DETAIL “A”
DETAIL “A”
GAUGE PLANE
12
3
4
4.88
± 0.1
(.192
± .004)
8
7 6 5
3.00
± 0.102
(.118
± .004)
(NOTE 3)
3.00
± 0.102
(.118
± .004)
NOTE 4
0.52
(.206)
REF
5.23
(.206)
MIN
3.2 – 3.45
(.126 – .136)
0.889
± 0.127
(.035
± .005)
RECOMMENDED SOLDER PAD LAYOUT
0.42
± 0.04
(.0165
± .0015)
TYP
0.65
(.0256)
BSC


Similar Part No. - LTC1731-8.4

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTC1731-8.4 LITEON-LTC1731-8.4 Datasheet
175Kb / 12P
   LITHIUM - LON LINEAR BATTERY CHARGER CONTROLLER
logo
Linear Technology
LTC1731-8.4 LINER-LTC1731-8.4 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.4 LINER-LTC1731-8.4_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results

Similar Description - LTC1731-8.4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4 Datasheet
169Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.4 LINER-LTC1731-8.4_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-8.4 LINER-LTC1732-8.4_15 Datasheet
160Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.2 LINER-LTC1731-8.2_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4_00 Datasheet
151Kb / 8P
   Lithium-Ion Linear Battery Charger Controller
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
   Linear Lithium-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com