Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1326 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1326
Description  Micropower Precision Triple Supply Monitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1326 Datasheet(HTML) 4 Page - Linear Technology

  LTC1326 Datasheet HTML 1Page - Linear Technology LTC1326 Datasheet HTML 2Page - Linear Technology LTC1326 Datasheet HTML 3Page - Linear Technology LTC1326 Datasheet HTML 4Page - Linear Technology LTC1326 Datasheet HTML 5Page - Linear Technology LTC1326 Datasheet HTML 6Page - Linear Technology LTC1326 Datasheet HTML 7Page - Linear Technology LTC1326 Datasheet HTML 8Page - Linear Technology LTC1326 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1326/LTC1326-2.5
132625fc
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOH
RST Output Voltage High (Note 3)
ISOURCE = 1µA
VCC3 – 1
V
SRST Output Voltage High (Note 3)
ISOURCE = 1µA
VCC3 – 1
V
RST Output Voltage High
ISOURCE = 600µA
VCC3 – 1
V
tPHL
Prop Delay RST to RST
CRST = 20pF
25
ns
High Input to Low Output
tPLH
Prop Delay RST to RST
CRST = 20pF
45
ns
Low Input to High Output
VOVR
VCC5 Reset Override Voltage
Override VCC5 Ability to Assert RST (Note 4)
VCC3 ±0.025
V
Note 3: The output pins SRST and RST have weak internal pull-ups to
VCC3 of 6µA typ. However, external pull-up resistors may be used when
faster rise times are required.
Note 4: The VCC5 reset override voltage is valid for an operating range less
than approximately 4.15V. Above this point the override is turned off and
the VCC5 pin functions normally.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND.
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
15
16
18
19
20
25
22
1326
/2.5 G01
17
23
24
21
–60
–20
20
40
–40
0
60
80
100
IVCC3 vs Temperature
TEMPERATURE (
°C)
2.50
2.55
2.65
2.70
2.75
3.00
2.85
1326
/2.5 G03
2.60
2.90
2.95
2.80
–60
–20
20
40
–40
0
60
80
100
IVCC25 vs Temperature
(LTC1326-2.5)
TEMPERATURE (
°C)
5.0
4.8
4.6
4.4
4.2
4.0
3.8
3.6
3.4
3.2
3.0
1326
/2.5 G02
–60
–20
20
40
–40
0
60
80
100
IVCC5 vs Temperature
(LTC1326)
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. LTC1326 Only VCC3 = 3.3V, VCC5 = 5V, VCCA = VCC3, TA = 25°C unless
otherwise noted.


Similar Part No. - LTC1326

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1326 LINER-LTC1326 Datasheet
303Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1326 LINER-LTC1326 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC1326 LINER-LTC1326 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
LTC1326 LINER-LTC1326 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC1326 LINER-LTC1326 Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
More results

Similar Description - LTC1326

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1326-2.5 LINER-LTC1326-2.5_15 Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1326 LINER-LTC1326 Datasheet
303Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1326 LINER-LTC1326_15 Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1728ES5-3.3 LINER-LTC1728ES5-3.3 Datasheet
156Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and
LTC1727 LINER-LTC1727 Datasheet
188Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1727 LINER-LTC1727_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1728 LINER-LTC1728_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
logo
Analog Devices
OP727ARZ AD-OP727ARZ Datasheet
177Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP747ARZ AD-OP747ARZ Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP777 AD-OP777 Datasheet
162Kb / 12P
   Precision Micropower Single Supply Operational Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com