Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWR11FC686KCC Datasheet(PDF) 1 Page - AVX Corporation

Part # CWR11FC686KCC
Description  CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CWR11FC686KCC Datasheet(HTML) 1 Page - AVX Corporation

  CWR11FC686KCC Datasheet HTML 1Page - AVX Corporation CWR11FC686KCC Datasheet HTML 2Page - AVX Corporation CWR11FC686KCC Datasheet HTML 3Page - AVX Corporation CWR11FC686KCC Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JUNE 2013
25
Case
EIA
Length (L)
Width (W)
Height (H)
Term. Width (W
1)
Term. Length A
S min
Code
Metric
±0.10 (±0.004)
±0.30(±0.012)
A
3216-18
3.20±0.20
1.60±0.20
1.60±0.20
1.20 (0.047)
0.80 (0.031)
1.80 (0.071)
(0.126±0.008)
(0.063±0.008)
(0.063±0.008)
B
3528-21
3.50±0.20
2.80±0.20
1.90±0.20
2.20 (0.087)
0.80 (0.031)
1.40 (0.055)
(0.138±0.008)
(0.110±0.008)
(0.075±0.008)
C
6032-28
6.00±0.30
3.20±0.30
2.50±0.30
2.20 (0.087)
1.30 (0.051)
2.90 (0.114)
(0.236±0.012)
(0.126±0.012)
(0.098±0.012)
D
7343-31
7.30±0.30
4.30±0.30
2.80±0.30
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
(0.287±0.012)
(0.169±0.012)
(0.110±0.012)
TBJ Series
CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
Fully qualified to MIL-PRF-55365/8,
the CWR11 is the military version of
EIA-535BAAC, with four case sizes
designed for maximum packaging
efficiency on 8mm & 12mm tape for
high volume production (ensuring no
TCE mismatch with any substrate).
This construction is compatible with a
wide range of SMT board assembly
processes including wave or reflow
solder, conductive epoxy or compres-
sion bonding techniques. The part also
carries full polarity, capacitance / voltage
and JAN brand marking.
The series is qualified to MIL-PRF-
55365 Weibull “B”, “C”, “D” and “T”
levels, with all surge options (“A”, “B” &
“C”) available.
For Space Level applications, AVX
SRC9000 qualification is recommend-
ed (see ratings table for part number
availability).
There are four termination finishes
available: solder plated, fused solder
plated, hot solder dipped and gold
plated
(these
are
“H”,
“K”,
“C”
and “B” termination, respectively, per
MIL-PRF-55365).
The molding compound has been
selected to meet the requirements of
UL94V-0 (Flame Retardancy) and
outgassing requirements of NASA
SP-R-0022A.
CASE DIMENSIONS: millimeters (inches)
MARKING
(Brown marking on gold body)
Polarity Stripe (+)
“J” for “JAN” Brand
Capacitance Code
Rated Voltage
Manufacturer’s ID
L
S
AA
W
1
W
H
Capacitance
Rated voltage DC (V
R) to 85ºC
μF
Code
4V (C)
6V (D)
10V (F)
15V (H)
20V (J)
25V (K)
35V (M)
50V (N)
0.10
104
AA
0.15
154
AB
0.22
224
AB
0.33
334
AA
B
0.47
474
A
A
B
C
0.68
684
A
A
B
B
C
1.0
105
A
A
A
B
B
C
1.5
155
A
A
A
B
B
C
D
2.2
225
A
A
A
B
B
C
C
D
3.3
335
A
B
B
B
C
C
D
4.7
475
A
B
B
B
C
C
D
D
6.8
685
B
B
B
C
D
D
10
106
B
B
C
D
15
156
B
C
C
D
D
22
226
C
D
D
33
336
C
D
D
47
476
D
D
68
686
D
D
100
107
D
150
157
220
227
330
337
CAPACITANCE AND RATED VOLTAGE, VR (MIL VOLTAGE CODE) RANGE
CASE SIZE


Similar Part No. - CWR11FC686KCC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CWR11FC105JBA KEMET-CWR11FC105JBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
CWR11FC105JBB KEMET-CWR11FC105JBB Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
CWR11FC105JBC KEMET-CWR11FC105JBC Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
CWR11FC105JCA KEMET-CWR11FC105JCA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
CWR11FC105JCB KEMET-CWR11FC105JCB Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
More results

Similar Description - CWR11FC686KCC

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CWR11KK106KBB AVX-CWR11KK106KBB Datasheet
233Kb / 10P
   CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
CWR11DH106KB AVX-CWR11DH106KB Datasheet
146Kb / 4P
   CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
TAZSERIES AVX-TAZSERIES Datasheet
320Kb / 15P
   CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
TBCSERIES AVX-TBCSERIES Datasheet
154Kb / 3P
   CWR15 MIL-PRF-55365/12 Established Reliability, COTS-Plus & Space Level
CWR19FC107KBGB AVX-CWR19FC107KBGB Datasheet
303Kb / 14P
   TAZ Series CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
logo
Kyocera Kinseki Corpota...
TAZ KSS-TAZ Datasheet
1Mb / 14P
   CWR09 - MIL-PRF-55365/4 Established Reliability
logo
Vishay Siliconix
DLA06013 VISHAY-DLA06013 Datasheet
174Kb / 19P
   Wet Tantalum Capacitors, Space Level, Established Reliability
ERH VISHAY-ERH Datasheet
230Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 29-May-08
RER VISHAY-RER Datasheet
172Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 23-Jun-16
ESS VISHAY-ESS_08 Datasheet
170Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com