Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD30GA3WNUX-TR Datasheet(PDF) 2 Page - Rohm

Part # BD30GA3WNUX-TR
Description  300mA Variable / Fixed Output LDO Regulators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD30GA3WNUX-TR Datasheet(HTML) 2 Page - Rohm

  BD30GA3WNUX-TR Datasheet HTML 1Page - Rohm BD30GA3WNUX-TR Datasheet HTML 2Page - Rohm BD30GA3WNUX-TR Datasheet HTML 3Page - Rohm BD30GA3WNUX-TR Datasheet HTML 4Page - Rohm BD30GA3WNUX-TR Datasheet HTML 5Page - Rohm BD30GA3WNUX-TR Datasheet HTML 6Page - Rohm BD30GA3WNUX-TR Datasheet HTML 7Page - Rohm BD30GA3WNUX-TR Datasheet HTML 8Page - Rohm BD30GA3WNUX-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
BDxxGA3WEFJ / BDxxGA3WNUX
Datasheet
●Ordering Information
B
D
x
x
G
A
3
W
y
y
y
-
z z
Part
Number
Output
voltage
00:Variable
15:1.5V
18:1.8V
25:2.5V
30:3.0V
33:3.3V
50:5.0V
60:6.0V
70:7.0V
80:8.0V
90:9.0V
J0:10.0V
J2:12.0V
Input
Voltage
G:15V
Output
Current
A3:0.3A
Shutdown
Mode
“W”:Included
Package
EFJ :HTSOP-J8
NUX:VSON008X2030
Packaging and forming specification
E2:Emboss tape reel
(HTSOP-J8)
TR:Emboss tape reel
(VSON008X2030)
●Line up
*
1 under development
xx
Output
Voltage(V)
Product Name
00
variable
BD00GA3WEFJ-E2
BD00GA3WNUX-TR
15
1.5
BD15GA3WEFJ-E2
BD15GA3WNUX-TR*
1
18
1.8
BD18GA3WEFJ-E2
BD18GA3WNUX-TR*
1
25
2.5
BD25GA3WEFJ-E2
BD25GA3WNUX-TR*
1
30
3.0
BD30GA3WEFJ-E2
BD30GA3WNUX-TR*
1
33
3.3
BD33GA3WEFJ-E2
BD33GA3WNUX-TR*
1
50
5.0
BD50GA3WEFJ-E2
BD50GA3WNUX-TR*
1
60
6.0
BD60GA3WEFJ-E2
BD60GA3WNUX-TR*
1
70
7.0
BD70GA3WEFJ-E2
BD70GA3WNUX-TR*
1
80
8.0
BD80GA3WEFJ-E2
BD80GA3WNUX-TR*
1
90
9.0
BD90GA3WEFJ-E2
BD90GA3WNUX-TR*
1
J0
10.0
BDJ0GA3WEFJ-E2
BDJ0GA3WNUX-TR*
1
J2
12.0
BDJ2GA3WEFJ-E2
BDJ2GA3WNUX-TR*
1
2/20
TSZ02201-0R6R0A600180-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
03.Dec.2012.Rev.002


Similar Part No. - BD30GA3WNUX-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD30GA3WNUX-TR ROHM-BD30GA3WNUX-TR Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
More results

Similar Description - BD30GA3WNUX-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_13 Datasheet
494Kb / 22P
   1.5A Variable / Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
510Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
BA33E00WHFP-TR ROHM-BA33E00WHFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com