Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM105B105K16A Datasheet(PDF) 7 Page - Rohm

Part # CM105B105K16A
Description  Automotive 1.0A Variable Output LDO Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CM105B105K16A Datasheet(HTML) 7 Page - Rohm

Back Button CM105B105K16A Datasheet HTML 3Page - Rohm CM105B105K16A Datasheet HTML 4Page - Rohm CM105B105K16A Datasheet HTML 5Page - Rohm CM105B105K16A Datasheet HTML 6Page - Rohm CM105B105K16A Datasheet HTML 7Page - Rohm CM105B105K16A Datasheet HTML 8Page - Rohm CM105B105K16A Datasheet HTML 9Page - Rohm CM105B105K16A Datasheet HTML 10Page - Rohm CM105B105K16A Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7/21
BDxxGC0MEFJ-M
Datasheet
TSZ02201-0R6R0AN00240-1-2
2012.8.31 Rev.001
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
Vcc
2V/div
Vo
2V/div
1msec/div
Fig.11
Input sequence 1
Co=1µF,Ta=105℃
40msec/div
Vcc
2V/div
Vo
2V/div
Fig.12
OFF sequence 1
Co=1µF,Ta=-40℃
Vcc
2V/div
Vo
2V/div
Fig.13
OFF sequence 1
Co=1µF,Ta=25℃
40msec/div
40msec/div
Vcc
2V/div
Fig.14
OFF sequence 1
Co=1µF,Ta=105℃
VEN
2V/div
VEN
2V/div
VEN
2V/div
VEN
2V/div
Vo
2V/div


Similar Part No. - CM105B105K16A

ManufacturerPart #DatasheetDescription
logo
Rohm
CM105B105K16A ROHM-CM105B105K16A Datasheet
510Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
CM105B105K16A ROHM-CM105B105K16A Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
CM105B105K16A ROHM-CM105B105K16A Datasheet
476Kb / 22P
   1A Variable Fixed Output LDO Regulator
CM105B105K16A ROHM-CM105B105K16A Datasheet
719Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
CM105B105K16A ROHM-CM105B105K16A Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
More results

Similar Description - CM105B105K16A

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXIC0MEFJ-M ROHM-BDXXIC0MEFJ-M Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BDXXGC0MEFJ-M ROHM-BDXXGC0MEFJ-M Datasheet
993Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00HC0MEFJ-M ROHM-BD00HC0MEFJ-M Datasheet
603Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BDXXHC0MEFJ-M ROHM-BDXXHC0MEFJ-M Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00GC0MEFJ-LB ROHM-BD00GC0MEFJ-LB Datasheet
797Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00HC0MEFJ-LB ROHM-BD00HC0MEFJ-LB Datasheet
763Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00IC0MEFJ-LB ROHM-BD00IC0MEFJ-LB Datasheet
882Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00HA3MEFJ-ME2 ROHM-BD00HA3MEFJ-ME2 Datasheet
609Kb / 24P
   Automotive 0.3A Variable Output LDO Regulator
BD00HA5MEFJ-M ROHM-BD00HA5MEFJ-M Datasheet
710Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
BD00IA5MHFV-M ROHM-BD00IA5MHFV-M Datasheet
2Mb / 31P
   Automotive 0.5A Variable Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com