Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD60GA3WNUX-E2 Datasheet(PDF) 5 Page - Rohm

Part # BD60GA3WNUX-E2
Description  300mA Variable / Fixed Output LDO Regulators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD60GA3WNUX-E2 Datasheet(HTML) 5 Page - Rohm

  BD60GA3WNUX-E2 Datasheet HTML 1Page - Rohm BD60GA3WNUX-E2 Datasheet HTML 2Page - Rohm BD60GA3WNUX-E2 Datasheet HTML 3Page - Rohm BD60GA3WNUX-E2 Datasheet HTML 4Page - Rohm BD60GA3WNUX-E2 Datasheet HTML 5Page - Rohm BD60GA3WNUX-E2 Datasheet HTML 6Page - Rohm BD60GA3WNUX-E2 Datasheet HTML 7Page - Rohm BD60GA3WNUX-E2 Datasheet HTML 8Page - Rohm BD60GA3WNUX-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
BDxxGA3WEFJ / BDxxGA3WNUX
Datasheet
●Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
15.0 *
2
V
EN voltage
VEN
15.0
V
HTSOP-J8
Pd
*3
2110
*3
Power dissipation
VSON008X2030
Pd
*4
1700
*4
mW
Operating Temperature Range
Topr
-25 to +85
Storage Temperature Range
Tstg
-55 to +150
Junction Temperature
Tjmax
+150
*2 Not to exceed Pd
*3 Reduced by 16.9mW/℃ for temperature above 25℃. (When mounted on a two-layer glass epoxy board with 70mm×70mm×1.6mm dimension)
*4 Reduced by 13.6mW/℃ for temperature above 25℃. (When mounted on a four-layer glass epoxy board with 114.3mm×76.2mm×1.6mm dimension)
●Recommended Operating Range (Ta=25℃)
Parameter
Symbol
Min.
Max.
Unit
Input power supply voltage
VCC
4.5
14.0
V
EN voltage
VEN
0.0
14.0
V
Output voltage setting range
VO
1.5
13.0
V
Output current
IO
0.0
0.3
A
●Electrical Characteristics (Unless otherwise specified, Ta=25℃, EN=3V, VCC=6V, R1=43kΩ, R2=8.2kΩ)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Circuit current at shutdown mode
ISD
-
0
5
μA
VEN=0V, OFF mode
Bias current
ICC
-
600
900
μA
Line regulation
Reg.I
-1
0.5
1
%
VCC=( VO+0.9V )→14.0V
Load regulation
Reg IO
-1.5
0.5
1.5
%
IO=0→0.3A
Minimum dropout Voltage
VCO
-
0.6
0.9
V
VCC=5V, IO=0.3A
Output reference voltage(Variable type)
VFB
0.792
0.800
0.808
V
IO=0A
Output voltage(Fixed type)
VO
VO×0.99
VO
VO×1.01
V
IO=0A
EN Low voltage
VEN (Low)
0
-
0.8
V
EN High voltage
VEN (High)
2.4
-
14.0
V
EN Bias current
IEN
1
3
9
µA
5/20
TSZ02201-0R6R0A600180-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
03.Dec.2012.Rev.002


Similar Part No. - BD60GA3WNUX-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD60GA3WNUX-TR ROHM-BD60GA3WNUX-TR Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
More results

Similar Description - BD60GA3WNUX-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_13 Datasheet
494Kb / 22P
   1.5A Variable / Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
510Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
BA33E00WHFP-TR ROHM-BA33E00WHFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com