Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9N312AS3ST Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # ISL9N312AS3ST
Description  N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ISL9N312AS3ST Datasheet(HTML) 5 Page - Fairchild Semiconductor

  ISL9N312AS3ST Datasheet HTML 1Page - Fairchild Semiconductor ISL9N312AS3ST Datasheet HTML 2Page - Fairchild Semiconductor ISL9N312AS3ST Datasheet HTML 3Page - Fairchild Semiconductor ISL9N312AS3ST Datasheet HTML 4Page - Fairchild Semiconductor ISL9N312AS3ST Datasheet HTML 5Page - Fairchild Semiconductor ISL9N312AS3ST Datasheet HTML 6Page - Fairchild Semiconductor ISL9N312AS3ST Datasheet HTML 7Page - Fairchild Semiconductor ISL9N312AS3ST Datasheet HTML 8Page - Fairchild Semiconductor ISL9N312AS3ST Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B, January 2002
Figure 11. Capacitance vs Drain to Source
Voltage
Figure 12. Gate Charge Waveforms for Constant
Gate Currents
Figure 13. Switching Time vs Gate Resistance
Figure 14. Switching Time vs Gate Resistance
Typical Characteristic (Continued)
100
1000
0.1
1
10
30
2000
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅≅≅
≅ C
GS + CGD
CRSS = CGD
0
2
4
6
8
10
0
102030
Qg, GATE CHARGE (nC)
VDD = 15V
ID = 58A
ID = 32A
WAVEFORMS IN
DESCENDING ORDER:
0
50
100
150
0
1020304050
RGS, GATE TO SOURCE RESISTANCE (Ω
Ω)
VGS = 4.5V, VDD = 15V, ID = 12A
td(OFF)
tr
tf
td(ON)
0
50
100
150
200
0
1020304050
RGS, GATE TO SOURCE RESISTANCE (Ω
Ω)
VGS = 10V, VDD = 15V, ID = 12A
td(OFF)
tr
td(ON)
tf
Test Circuits and Waveforms
Figure 15. Unclamped Energy Test Circuit
Figure 16. Unclamped Energy Waveforms
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0


Similar Part No. - ISL9N312AS3ST

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9N312AD3 FAIRCHILD-ISL9N312AD3 Datasheet
275Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N312AD3ST FAIRCHILD-ISL9N312AD3ST Datasheet
275Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
logo
Inchange Semiconductor ...
ISL9N312AP3 ISC-ISL9N312AP3 Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - ISL9N312AS3ST

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9N302AS3ST FAIRCHILD-ISL9N302AS3ST Datasheet
253Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N306AP3 FAIRCHILD-ISL9N306AP3 Datasheet
205Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N307AD3ST FAIRCHILD-ISL9N307AD3ST Datasheet
189Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N322AP3 FAIRCHILD-ISL9N322AP3 Datasheet
140Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N316AD3ST FAIRCHILD-ISL9N316AD3ST Datasheet
187Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N302AP3 FAIRCHILD-ISL9N302AP3 Datasheet
122Kb / 10P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N310AP3 FAIRCHILD-ISL9N310AP3 Datasheet
149Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N312AD3 FAIRCHILD-ISL9N312AD3 Datasheet
275Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N318AD3ST FAIRCHILD-ISL9N318AD3ST Datasheet
184Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N307AP3 FAIRCHILD-ISL9N307AP3 Datasheet
141Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com