Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8570CRTF Datasheet(PDF) 5 Page - Holt Integrated Circuits

Part # HI-8570CRTF
Description  ARINC 429 /- 5V Supply Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8570CRTF Datasheet(HTML) 5 Page - Holt Integrated Circuits

  HI-8570CRTF Datasheet HTML 1Page - Holt Integrated Circuits HI-8570CRTF Datasheet HTML 2Page - Holt Integrated Circuits HI-8570CRTF Datasheet HTML 3Page - Holt Integrated Circuits HI-8570CRTF Datasheet HTML 4Page - Holt Integrated Circuits HI-8570CRTF Datasheet HTML 5Page - Holt Integrated Circuits HI-8570CRTF Datasheet HTML 6Page - Holt Integrated Circuits HI-8570CRTF Datasheet HTML 7Page - Holt Integrated Circuits HI-8570CRTF Datasheet HTML 8Page - Holt Integrated Circuits HI-8570CRTF Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Notes:
1. All data taken in still air.
2. At 100% duty cycle, 5V power supplies.
3. Low Speed: Data Rate = 12.5 Kbps, Load: R = 400 Ohms,C=30nF.
4. High Speed: Data Rate = 100 Kbps, Load: R = 400 Ohms,C=10nF. Data not presented forC=30nF
as this is considered unrealistic for high speed operation.
5. 8 Lead Plastic ESOIC (Thermally enhanced SOIC with built in heat sink). Heat sink not soldered.
6. Similar results would be obtained with TXAOUT shorted to TXBOUT.
7. For applications requiring survival with continuous short circuit, operation above Tj = 175°C is not recommended.
8. Data will vary depending on air flow and the method of heat sinking employed.
PACKAGE THERMAL CHARACTERISTICS
PACKAGE STYLE
ARINC 429
SUPPLY CURRENT (mA)
JUNCTION TEMP, Tj C
DATA RATE
1
2
°
°°
°
°
°
°
Ta=25 C
Ta=85 C
Ta=125 C
Ta=25 C
Ta=85 C
Ta=125 C
Low Speed
30.26
29.22
28.46
53.75
112.76
152.04
High Speed
30.44
29.42
28.68
53.92
112.95
152.25
3
4
8 Lead Plastic ESOIC
5
TXAOUT and TXBOUT Shorted to Ground
6,7,8
PACKAGE STYLE
ARINC 429
SUPPLY CURRENT (mA)
JUNCTION TEMP, Tj C
DATA RATE
1
2
°
°°
°
°
°
°
Ta=25 C
Ta=85 C
Ta=125 C
Ta=25 C
Ta=85 C
Ta=125 C
Low Speed
20.98
20.96
20.96
38.24
98.34
138.92
High Speed
26.40
26.16
25.96
44.78
104.66
144.59
3
4
8 Lead Plastic ESOIC
5
Maximum ARINC Load
HI-8570, HI-8571
HOLT INTEGRATED CIRCUITS
5


Similar Part No. - HI-8570CRTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8570 HOLTIC-HI-8570 Datasheet
130Kb / 8P
   /- 5V Supply, ARINC 429 LINE DRIVER
HI-8570 HOLTIC-HI-8570_14 Datasheet
66Kb / 9P
   ARINC 429 Supply Line Driver
More results

Similar Description - HI-8570CRTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8570 HOLTIC-HI-8570 Datasheet
130Kb / 8P
   /- 5V Supply, ARINC 429 LINE DRIVER
HI-8570 HOLTIC-HI-8570_14 Datasheet
66Kb / 9P
   ARINC 429 Supply Line Driver
logo
Device Engineering Inco...
DEI5070 DEIAZ-DEI5070 Datasheet
324Kb / 11P
   ARINC 429 5V LINE DRIVER FAMILY
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585_11 Datasheet
83Kb / 9P
   ARINC 429 Line Driver
HI-8585 HOLTIC-HI-8585_06 Datasheet
137Kb / 8P
   ARINC 429 LINE DRIVER
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com