Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA3662CP-V5E2 Datasheet(PDF) 3 Page - Rohm

Part # BA3662CP-V5E2
Description  300mA Variable Output LDO Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3662CP-V5E2 Datasheet(HTML) 3 Page - Rohm

  BA3662CP-V5E2 Datasheet HTML 1Page - Rohm BA3662CP-V5E2 Datasheet HTML 2Page - Rohm BA3662CP-V5E2 Datasheet HTML 3Page - Rohm BA3662CP-V5E2 Datasheet HTML 4Page - Rohm BA3662CP-V5E2 Datasheet HTML 5Page - Rohm BA3662CP-V5E2 Datasheet HTML 6Page - Rohm BA3662CP-V5E2 Datasheet HTML 7Page - Rohm BA3662CP-V5E2 Datasheet HTML 8Page - Rohm BA3662CP-V5E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/14
BA3662CP-V5
Datasheet
TSZ02201-0R6R0A600110-1-2
26.Jun.2012 Rev.001
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
●Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Supply Voltage
1
Vcc
-0.3 to +35.0
V
Output Control Voltage
VCTL
-0.3 to +Vcc
V
Power Dissipation
2
Pd
2000
mW
Operating Temperature Range
Topr
-40 to +125
Storage Temperature Range
Tstg
-55 to +150
Maximum Junction
Temperature
Tjmax
+150
Peak Supply Voltage
3
Vcc
peak
+50
V
※ 1 Not to exceed Pd.
※ 2 TO220CP-V5:Derating in done at 16mW/℃ for operating above Ta≧25℃.(without heat sink)
※ 3 Applied voltage : 200msec or less (tr
≥1msec)
NOTE : This product is not designed for protection against radioactive rays.
●Recommended Operating Ratings (Ta=-40 to +125℃)
Parameter
Symbol
Min.
Max.
Unit
Supply Voltage
Vcc
4.0
25.0
V
Output Control Voltage
VCTL
0
Vcc
V
Output Current
Io
0
0.3
A
Output Voltage
Vo
3.0
15.0
V
●Protect Features
Parameter
Symbol
Min.
Typ.
Max.
Unit
Over Voltage protection
Vcc
26
28
30
V
●Electrical Characteristics(Unless otherwise specified, Ta=25℃, Vcc=10V,VCTL=5V,Io=200mA,R1=2.2kΩ, R2=6.8kΩ)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Shut Down Current
Isd
0
10
µA
VCTL=0V
Bias Current
Ib
2.5
5.0
mA
VCTL=2V, Io=0mA
C Terminal Voltage
Vc
1.200
1.225
1.250
V
Io=50mA
Dropout Voltage
⊿Vd
0.3
0.5
V
Vcc=Vo×0.95
Ripple Rejection
R.R.
45
55
dB
f=120Hz, ein
1=1Vrms,
Io=100mA
Line Regulation
Reg.I
20
100
mV
Vcc=6→25V
Load Regulation
Reg.L
40
80
mV
Io=5mA→200mA
Temperature Coefficient of
Output Voltage
Tcvo
±0.02
%/℃
Io=5mA,Tj=0℃ to 125℃
Short Current
Ios
0.1
A
Vcc=25V,Vo=0V
ON Mode Voltage
VthH
2.0
V
ACTIVE MODE, Io=0mA
OFF Mode Voltage
VthL
0.8
V
OFF MODE, Io=0mA
Input High Current
ICTL
100
200
300
µA
VCTL=5V, Io=0mA
※ 1 ein : Input Voltage Ripple
MAX200msec
(Voltage Supply more than 35V)
50V
35V
0V
tr≧1msec


Similar Part No. - BA3662CP-V5E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5 Datasheet
108Kb / 5P
   Silicon Monolithic Integrated Circuit
BA3662CP-V5 ROHM-BA3662CP-V5 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
BA3662CP-V5_1010 ROHM-BA3662CP-V5_1010 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
More results

Similar Description - BA3662CP-V5E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXGA3MEFJ-M ROHM-BDXXGA3MEFJ-M Datasheet
997Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
2021.10.11 Rev.002
BA3662CP-V5_1010 ROHM-BA3662CP-V5_1010 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
BD00GA3MEFJ-ME2 ROHM-BD00GA3MEFJ-ME2 Datasheet
611Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
BD00GA3MEFJ-LB ROHM-BD00GA3MEFJ-LB Datasheet
788Kb / 24P
   300mA Variable Output Industrial LDO Regulator
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BD00GA3WEFJ-E2 ROHM-BD00GA3WEFJ-E2 Datasheet
612Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
BD00FA1WEFJ ROHM-BD00FA1WEFJ Datasheet
796Kb / 19P
   100mA Variable Output LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152ADU25 AKM-AP1152ADU25 Datasheet
1Mb / 26P
   14.5V Input / 300mA Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com