Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8592PCTF Datasheet(PDF) 7 Page - Holt Integrated Circuits

Part # HI-8592PCTF
Description  Single-Rail ARINC 429 Differential Line Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8592PCTF Datasheet(HTML) 7 Page - Holt Integrated Circuits

Back Button HI-8592PCTF Datasheet HTML 3Page - Holt Integrated Circuits HI-8592PCTF Datasheet HTML 4Page - Holt Integrated Circuits HI-8592PCTF Datasheet HTML 5Page - Holt Integrated Circuits HI-8592PCTF Datasheet HTML 6Page - Holt Integrated Circuits HI-8592PCTF Datasheet HTML 7Page - Holt Integrated Circuits HI-8592PCTF Datasheet HTML 8Page - Holt Integrated Circuits HI-8592PCTF Datasheet HTML 9Page - Holt Integrated Circuits HI-8592PCTF Datasheet HTML 10Page - Holt Integrated Circuits HI-8592PCTF Datasheet HTML 11Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
HI-8592, HI-8593, HI-8594
HOLT INTEGRATED CIRCUITS
7
0V
10V
-10V
5V
0V
5V
0V
10%
90%
t
fx
10%
90%
t
phlx
10%
TX1IN
TX0IN
V
DIFF
(TXAOUT - TXBOUT)
t
fx
t
rx
t
rx
t
plhx
t
phlx
t
plhx
Figure 3. Line Driver Timing


Similar Part No. - HI-8592PCTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8592PCTF HOLTIC-HI-8592PCTF Datasheet
1Mb / 13P
   Single-Rail ARINC 429 Differential Line Driver
More results

Similar Description - HI-8592PCTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8592 HOLTIC-HI-8592 Datasheet
1Mb / 13P
   Single-Rail ARINC 429 Differential Line Driver
HI-8592 HOLTIC-HI-8592_16 Datasheet
1Mb / 14P
   Single-Rail ARINC 429 Differential Line Driver
HI-8596 HOLTIC-HI-8596_16 Datasheet
832Kb / 12P
   Single-Rail ARINC 429 Differential Line Driver
HI-8596 HOLTIC-HI-8596 Datasheet
598Kb / 12P
   Single-Rail ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI5090 DEIAZ-DEI5090 Datasheet
285Kb / 10P
   SINGLE-RAIL ARINC 429 LINE DRIVER
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com