Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT2H1311G0DUF Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NT2H1311G0DUF
Description  NFC Forum Type 2 Tag compliant IC with 144/504/888 bytes user memory
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NT2H1311G0DUF Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NT2H1311G0DUF Datasheet HTML 2Page - NXP Semiconductors NT2H1311G0DUF Datasheet HTML 3Page - NXP Semiconductors NT2H1311G0DUF Datasheet HTML 4Page - NXP Semiconductors NT2H1311G0DUF Datasheet HTML 5Page - NXP Semiconductors NT2H1311G0DUF Datasheet HTML 6Page - NXP Semiconductors NT2H1311G0DUF Datasheet HTML 7Page - NXP Semiconductors NT2H1311G0DUF Datasheet HTML 8Page - NXP Semiconductors NT2H1311G0DUF Datasheet HTML 9Page - NXP Semiconductors NT2H1311G0DUF Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
NTAG213_215_216
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 24 July 2013
265330
6 of 58
NXP Semiconductors
NTAG213/215/216
NFC Forum T2T compliant IC with 144/504/888 bytes user memory
7.
Pinning information
7.1 Pinning
The pinning of the NTAG213/215/216 wafer delivery is shown in section “Bare die outline”
(see Section 13.2).
8.
Functional description
8.1 Block description
NTAG21x ICs consist of a 180 (NTAG213), 540 bytes (NTAG215) or 924 bytes
(NTAG216) EEPROM, RF interface and Digital Control Unit (DCU). Energy and data are
transferred via an antenna consisting of a coil with a few turns which is directly connected
to NTAG21x. No further external components are necessary. Refer to Ref. 4 for details on
antenna design.
RF interface:
– modulator/demodulator
– rectifier
– clock regenerator
– Power-On Reset (POR)
– voltage regulator
Anticollision: multiple cards may be selected and managed in sequence
Command interpreter: processes memory access commands supported by the
NTAG21x
EEPROM interface
NTAG213 EEPROM: 180 bytes, organized in 45 pages of 4 byte per page.
– 26 bytes reserved for manufacturer and configuration data
– 34 bits used for the read-only locking mechanism
– 4 bytes available as capability container
– 144 bytes user programmable read/write memory
NTAG215 EEPROM: 540 bytes, organized in 135 pages of 4 byte per page.
– 26 bytes reserved for manufacturer and configuration data
– 28 bits used for the read-only locking mechanism
– 4 bytes available as capability container
– 504 bytes user programmable read/write memory
NTAG216 EEPROM: 924 bytes, organized in 231 pages of 4 byte per page.
– 26 bytes reserved for manufacturer and configuration data
Table 3.
Pin allocation table
Pin
Symbol
LA
LA
Antenna connection LA
LB
LB
Antenna connection LB


Similar Part No. - NT2H1311G0DUF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NT2H1311F0DTL NXP-NT2H1311F0DTL Datasheet
1Mb / 56P
   NFC Forum Type 2 Tag compliant IC with 144/888 bytes user memory and field detection
Rev. 3.0-18 July 2013
NT2H1311F0DTL NXP-NT2H1311F0DTL Datasheet
1Mb / 56P
   NFC Forum Type 2 Tag compliant IC with 144/888 bytes user memory and field detection
Rev. 3.1-28 August 2013
NT2H1311TT NXP-NT2H1311TT Datasheet
1Mb / 57P
   NTAG 213 TT - NFC T2T compliant IC with Tag Tamper feature
Rev. 1.1-28 March 2017
NT2H1311TTDUD NXP-NT2H1311TTDUD Datasheet
1Mb / 57P
   NTAG 213 TT - NFC T2T compliant IC with Tag Tamper feature
Rev. 1.1-28 March 2017
NT2H1311TTDUF NXP-NT2H1311TTDUF Datasheet
1Mb / 57P
   NTAG 213 TT - NFC T2T compliant IC with Tag Tamper feature
Rev. 1.1-28 March 2017
More results

Similar Description - NT2H1311G0DUF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTAG213F NXP-NTAG213F Datasheet
1Mb / 56P
   NFC Forum Type 2 Tag compliant IC with 144/888 bytes user memory and field detection
Rev. 3.0-18 July 2013
NTAG213F_1308 NXP-NTAG213F_1308 Datasheet
1Mb / 56P
   NFC Forum Type 2 Tag compliant IC with 144/888 bytes user memory and field detection
Rev. 3.1-28 August 2013
NTAG210 NXP-NTAG210 Datasheet
1,001Kb / 46P
   NFC Forum Type 2 Tag compliant IC with 48/128 bytes user memory
Rev. 3.0-14 March 2013
NT2L1001 NXP-NT2L1001 Datasheet
871Kb / 32P
   NTAG 210關, NFC Forum Type 2 Tag compliant IC with 48 bytes user memory
Rev. 3.0-7 September 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
logo
NXP Semiconductors
NCX3310 NXP-NCX3310 Datasheet
1Mb / 2P
   NFC Forum-compliant Tag IC with I2C for Automotive
REV 1
logo
ams AG
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
NT3H2211W0FHKH NXP-NT3H2211W0FHKH Datasheet
2Mb / 77P
   NTAG I2C plus, NFC Forum Type 2 Tag compliant IC with I2C interface
Rev. 3.0-3 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com