Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-C1G3 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-C1G3
Description  1.0 Single Digit PCB Based LED Display
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-C1G3 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-C1G3 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-C1G3 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-C1G3 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-C1G3 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-C1G3 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-C1G3 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-C1G3 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-C1G3 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-C1G3 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Circuit Diagram
Absolute Maximum Ratings at TA = 25°C
Parameter
Symbol
Red/Yellow/
Orange
Green
AlGaAs Red
Units
Power Dissipation per segment/Dot Point (DP)
PD
115/57.5
125/62.5
100/50
mW
Continuous Forward Current per segment or DP
IF
25
25
25
mA
Derating Linearly from 25°C per segment
0.33
0.33
0.33
mA/°C
Reverse Voltage per segment/DP
VR
10/5
V
Operating Temperature
TO
-40 to 85
°C
Storage Temperature
TS
-40 to 85
°C
Wave solder Condition 1.6mm below body
250°C peak for 3 secs max


Similar Part No. - HDSP-C1G3

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-C1G3 AVAGO-HDSP-C1G3 Datasheet
205Kb / 10P
   1.0??Single Digit PCB Based LED Display
More results

Similar Description - HDSP-C1G3

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADSP-H1E1 AVAGO-ADSP-H1E1 Datasheet
181Kb / 10P
   1.0??Single Digit PCB Based LED Display
HDSP-H1X1 AVAGO-HDSP-H1X1 Datasheet
307Kb / 7P
   1.0 Single Digit PCB Based LED Display
HDSP-C1X1 AVAGO-HDSP-C1X1 Datasheet
205Kb / 10P
   1.0??Single Digit PCB Based LED Display
ADSP-H3E1 AVAGO-ADSP-H3E1 Datasheet
199Kb / 10P
   0.36??Single Digit PCB Based LED Display
ADSP-H5E1 AVAGO-ADSP-H5E1 Datasheet
199Kb / 10P
   0.52??Single Digit PCB Based LED Display
HEDS-9700 AVAGO-HEDS-9700 Datasheet
278Kb / 10P
   0.36 Single Digit PCB Based LED Display
HDSP-H3X1 AVAGO-HDSP-H3X1 Datasheet
301Kb / 8P
   0.36" Single Digit PCB Based LED Display
HDSP-C3X1 AVAGO-HDSP-C3X1 Datasheet
205Kb / 10P
   0.36??Single Digit PCB Based LED Display
HDSP-C8X1 AVAGO-HDSP-C8X1 Datasheet
197Kb / 10P
   0.8??Single Digit PCB Based LED Display
HDSP-C5L1 AVAGO-HDSP-C5L1 Datasheet
251Kb / 10P
   0.52 Single Digit PCB Based LED Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com