Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8436PCT Datasheet(PDF) 8 Page - Holt Integrated Circuits

Part # HI-8436PCT
Description  32-Channel Ground/Open or Supply/Open
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8436PCT Datasheet(HTML) 8 Page - Holt Integrated Circuits

Back Button HI-8436PCT Datasheet HTML 4Page - Holt Integrated Circuits HI-8436PCT Datasheet HTML 5Page - Holt Integrated Circuits HI-8436PCT Datasheet HTML 6Page - Holt Integrated Circuits HI-8436PCT Datasheet HTML 7Page - Holt Integrated Circuits HI-8436PCT Datasheet HTML 8Page - Holt Integrated Circuits HI-8436PCT Datasheet HTML 9Page - Holt Integrated Circuits HI-8436PCT Datasheet HTML 10Page - Holt Integrated Circuits HI-8436PCT Datasheet HTML 11Page - Holt Integrated Circuits HI-8436PCT Datasheet HTML 12Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
HI-8436
HOLT INTEGRATED CIRCUITS
8
REGISTER DESCRIPTIONS (cont.)
TABLE 7.
DATA WORD 1
Bit
Name
R/W Default
Description
7-6
-
R/W
0
Not Used.
5-0
SOHYS5-0
R/W
0
Supply/Open Hysteresis. For all inputs programmed to be Supply/Open sensors the hysteresis
is set by these 6 bits.
.
DATA WORD 0
7-6
-
R/W
0
Not Used.
5- 0
SOCVAL5-0 R/W
0
Supply/Open Threshold Center Value. For all inputs programmed to be Supply/Open sensors
the center threshold is set by these 6 bits.
.
VTHI = Threshold center value + ½ Hysteresis, Max limit = 5.2V, Min limit = 0.6V
VTLO = Threshold center value - ½ Hysteresis, Max limit = 5.0V, Min limit = 0.4V
Example: Supply/Open sensor with VTHI = 5V and VTLO = 2V:
a) Program SOHYS
Hysteresis = VTHI - VTLO = 0.2V x SOHYS
SOHYS = (5V - 2V)/(0.2V) = 15 LSB
b) Program SOCVAL
Center Value = (VTHI + VTLO)/2= 0.1V x SOCVAL
SOCVAL = (5V + 2V) / (2 x 0.1) = 35 LSB
c) write 0x3C 0x0F 0x23 to SPI
0x3C writes to the Supply/Open Threshold and Hysteresis Registers.
0x0F = 15 LSB x 0.2V/LSB = 3V Hysteresis
0x23 = 35 LSB x 0.1V/LSB = 3.5V Center Value
VTHI = 3.5+½(3)=5V
VTLO=3.5-½(3)=2V
Hysteresis = 0.2V x SOHYS
Center Threshold = 0.1V x SOCVAL
Note: The maximum value for VTHI = 5.2V and the minimum value for VTLO = 0.4V. Also VTHI - VTLO >= 0.2V.
76543210
MSB
LSB
SUPPLY/OPEN THRESHOLD CENTER VALUE AND HYSTERESIS REGISTER: SOCENHYS
Read: SPI Op-code 0xBC
Write: SPI Op-code 0x3C
Reset Value 00
[Opcode, DB1, DB0]
76543210
MSB
LSB
DATA BYTE 1
DATA BYTE 0
X X
X
X


Similar Part No. - HI-8436PCT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8436 HOLTIC-HI-8436_16 Datasheet
213Kb / 21P
   32-Channel Ground/Open or Supply/Open
More results

Similar Description - HI-8436PCT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8435 HOLTIC-HI-8435 Datasheet
220Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8436 HOLTIC-HI-8436_16 Datasheet
213Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8425 HOLTIC-HI-8425_16 Datasheet
283Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8430 HOLTIC-HI-8430_15 Datasheet
286Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8430 HOLTIC-HI-8430 Datasheet
289Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8425 HOLTIC-HI-8425 Datasheet
280Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8429 HOLTIC-HI-8429_17 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
HI-8429_1511 HOLTIC-HI-8429_1511 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
QSG-8429 HOLTIC-QSG-8429 Datasheet
718Kb / 19P
   HI??429 Eight Sensor Array with Ground/Open or Supply/Open and SPI interface.
logo
Schurter Inc.
DENO SCHURTER-DENO Datasheet
320Kb / 1P
   Ground wire choke, open design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com