Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N303AP Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # N303AP
Description  N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

N303AP Datasheet(HTML) 3 Page - Fairchild Semiconductor

  N303AP Datasheet HTML 1Page - Fairchild Semiconductor N303AP Datasheet HTML 2Page - Fairchild Semiconductor N303AP Datasheet HTML 3Page - Fairchild Semiconductor N303AP Datasheet HTML 4Page - Fairchild Semiconductor N303AP Datasheet HTML 5Page - Fairchild Semiconductor N303AP Datasheet HTML 6Page - Fairchild Semiconductor N303AP Datasheet HTML 7Page - Fairchild Semiconductor N303AP Datasheet HTML 8Page - Fairchild Semiconductor N303AP Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
ISL9N303AP3 / ISL9N303AS3ST / ISL9N303AS3, Rev. C1
Typical Characteristics
Figure 1. Normalized Power Dissipation vs
Ambient Temperature
Figure 2. Maximum Continuous Drain Current vs
Case Temperature
Figure 3. Normalized Maximum Transient Thermal Impedance
Figure 4. Peak Current Capability
TC, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
175
0.2
0.4
0.6
0.8
1
1.2
125
150
0
20
40
60
80
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (
oC)
VGS = 10V
VGS = 4.5V
0.01
0.1
1
10-4
10-3
10-2
10-1
100
101
t, RECTANGULAR PULSE DURATION (s)
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
0.5
0.2
0.1
0.05
0.01
0.02
DUTY CYCLE - DESCENDING ORDER
SINGLE PULSE
2
10-5
100
1000
10-5
10-4
10-3
10-2
10-1
10-0
101
3000
50
t, PULSE WIDTH (s)
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
VGS = 10V
TC = 25
oC
I = I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
VGS = 5V


Similar Part No. - N303AP

ManufacturerPart #DatasheetDescription
logo
EPCOS
N30 EPCOS-N30 Datasheet
188Kb / 6P
   Ferrites and accessories
logo
TP-Link Technologies Co...
N300 TP-LINK-N300 Datasheet
1Mb / 5P
   300Mbps Wireless N Router
logo
List of Unclassifed Man...
N3004 ETC-N3004 Datasheet
166Kb / 7P
   5 Bit Programmable Synchronous Buck Converter with Dual LDOs
logo
E-SWITCH
N301100 E-SWITCH-N301100 Datasheet
62Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
N301101 E-SWITCH-N301101 Datasheet
62Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - N303AP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9N308AP3 FAIRCHILD-ISL9N308AP3 Datasheet
140Kb / 11P
   N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 8m ?
ISL9N304AP3 FAIRCHILD-ISL9N304AP3 Datasheet
195Kb / 11P
   N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 4.5m?
ISL9N7030BLP3 FAIRCHILD-ISL9N7030BLP3 Datasheet
197Kb / 10P
   30V, 0.009 Ohm, 75A, N-Channel Logic Level UltraFET Trench Power MOSFETs
logo
Intersil Corporation
HUF76137P3 INTERSIL-HUF76137P3 Datasheet
108Kb / 10P
   75A, 30V, 0.009 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76143P3 FAIRCHILD-HUF76143P3 Datasheet
287Kb / 11P
   75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76132P3 FAIRCHILD-HUF76132P3 Datasheet
287Kb / 11P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76143P3 INTERSIL-HUF76143P3 Datasheet
109Kb / 10P
   75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76132P3 INTERSIL-HUF76132P3 Datasheet
110Kb / 10P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76139P3 INTERSIL-HUF76139P3 Datasheet
121Kb / 10P
   75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76139P3 FAIRCHILD-HUF76139P3 Datasheet
293Kb / 11P
   75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com