Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8431PQTF Datasheet(PDF) 8 Page - Holt Integrated Circuits

Part # HI-8431PQTF
Description  8-Channel, Ground /Open, or Supply / Open Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8431PQTF Datasheet(HTML) 8 Page - Holt Integrated Circuits

Back Button HI-8431PQTF Datasheet HTML 4Page - Holt Integrated Circuits HI-8431PQTF Datasheet HTML 5Page - Holt Integrated Circuits HI-8431PQTF Datasheet HTML 6Page - Holt Integrated Circuits HI-8431PQTF Datasheet HTML 7Page - Holt Integrated Circuits HI-8431PQTF Datasheet HTML 8Page - Holt Integrated Circuits HI-8431PQTF Datasheet HTML 9Page - Holt Integrated Circuits HI-8431PQTF Datasheet HTML 10Page - Holt Integrated Circuits HI-8431PQTF Datasheet HTML 11Page - Holt Integrated Circuits HI-8431PQTF Datasheet HTML 12Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
HOLT INTEGRATED CIRCUITS
8
APPLICATION EXAMPLES
Figure 6 Input Sensing, GND/OPEN Typical ABD0100H Thresholds, 1ma wetting current
Figure 7 Highside Output Driving Relay
Figure 8 Highside Output Driving LED
Figure 9 Highside Output Driving Lamp
Figure 10 Highside Output Driving Resistive Load
HI-8430, HI-8431
SENSE0
SENSE1
SENSE2
SENSE3
SENSE4
SENSE5
SENSE6
SENSE7
OE
Low to High Threshold = 9.7V
High to Low Threshold = 5.6V
VWET
SNSE_SEL
THS_SEL
HI-8430
VLOGIC
HI_SET
LO_SET
From SENSORS
VLOGIC = 3.3V
GND
SO_0
SO_1
SO_2
SO_3
SO_4
SO_5
SO_6
SO_7
HI_SET = 0.97V
LO_SET = 0.56V
75K
13K
18K
28V
VLOGIC = 3.3V
GND
10μF
10V
0.1μF
10V
3.3μF
10V
GND
3.3μF
10V
Drive
Control
Current
Sense
VDRV
HI-8430
DRV_n
DSEL_n
FAULT_n
V+
Drive
Control
Current
Sense
VDRV
HI-8430
DRV_n
DSEL_n
FAULT_n
V+
Drive
Control
Current
Sense
VDRV
HI-8430
DRV_n
DSEL_n
FAULT_n
V+
Drive
Control
Current
Sense
VDRV
HI-8430
DRV_n
DSEL_n
FAULT_n
V+


Similar Part No. - HI-8431PQTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8430 HOLTIC-HI-8430_15 Datasheet
286Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8435 HOLTIC-HI-8435 Datasheet
220Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8435PCI HOLTIC-HI-8435PCI Datasheet
220Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8435PCIF HOLTIC-HI-8435PCIF Datasheet
220Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8435PCT HOLTIC-HI-8435PCT Datasheet
220Kb / 21P
   32-Channel Ground/Open or Supply/Open
More results

Similar Description - HI-8431PQTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8425 HOLTIC-HI-8425_16 Datasheet
283Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8430 HOLTIC-HI-8430_15 Datasheet
286Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8425 HOLTIC-HI-8425 Datasheet
280Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8435 HOLTIC-HI-8435 Datasheet
220Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8436 HOLTIC-HI-8436 Datasheet
209Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8436 HOLTIC-HI-8436_16 Datasheet
213Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8429 HOLTIC-HI-8429_17 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
HI-8429_1511 HOLTIC-HI-8429_1511 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
QSG-8429 HOLTIC-QSG-8429 Datasheet
718Kb / 19P
   HI??429 Eight Sensor Array with Ground/Open or Supply/Open and SPI interface.
HI-8423 HOLTIC-HI-8423_13 Datasheet
64Kb / 6P
   6-Channel / 8-Channel Discrete-to-Digital Interface Sensing Open / Ground Signals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com