Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8435PCI Datasheet(PDF) 5 Page - Holt Integrated Circuits

Part # HI-8435PCI
Description  32-Channel Ground/Open or Supply/Open
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8435PCI Datasheet(HTML) 5 Page - Holt Integrated Circuits

  HI-8435PCI Datasheet HTML 1Page - Holt Integrated Circuits HI-8435PCI Datasheet HTML 2Page - Holt Integrated Circuits HI-8435PCI Datasheet HTML 3Page - Holt Integrated Circuits HI-8435PCI Datasheet HTML 4Page - Holt Integrated Circuits HI-8435PCI Datasheet HTML 5Page - Holt Integrated Circuits HI-8435PCI Datasheet HTML 6Page - Holt Integrated Circuits HI-8435PCI Datasheet HTML 7Page - Holt Integrated Circuits HI-8435PCI Datasheet HTML 8Page - Holt Integrated Circuits HI-8435PCI Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
FIGURE 5. Single-Byte Read From a Register
CSN
SO
SI
SCK
MSB
LSB
0
12
3
4
5
67
High Z
High Z
0
12
3
4
5
67
MSB
LSB
Data Byte 0
Op-Code Byte
FIGURE 6. 2-Byte SPI Write Example
CSN
SO
SI
SCK
SPI Mode 0
MSB
LSB
0
12
3
4
5
67
High Z
0
12
3
4
5
67
0
12
3
4
5
67
MSB
LSB MSB
LSB
Data Byte 1
Data Byte 0
Op-Code Byte
Note: SPI Instruction op-codes not shown in Table 2 are
“reserved” and must not be used. Further, these op-codes will
not provide meaningful data in response to a read instruction.
Two instruction bytes cannot be “chained”; CSN must be
negated after each instruction, and then reasserted for the
following Read or Write instruction.
HOLT INTEGRATED CIRCUITS
5
HI-8435
FIGURE 7. 4-Byte SPI Read Example
CSN
SO
SI
SCK
SPI Mode 0
MSB
LSB
0
12 3 4 5 67
High Z
0
12 3 4 5 67
0
12 3 4 5 67
MSB
LSB MSB
LSB
Data Byte 3
Data Byte 2
Op-Code Byte
0
12 3 4 5 67
0
12 3 4 5 67
MSB
LSB MSB
LSB
Data Byte 1
Data Byte 0


Similar Part No. - HI-8435PCI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8430 HOLTIC-HI-8430 Datasheet
289Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8430PCI HOLTIC-HI-8430PCI Datasheet
289Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8430PCIF HOLTIC-HI-8430PCIF Datasheet
289Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8430PCT HOLTIC-HI-8430PCT Datasheet
289Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8430PCTF HOLTIC-HI-8430PCTF Datasheet
289Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
More results

Similar Description - HI-8435PCI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8436 HOLTIC-HI-8436_16 Datasheet
213Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8436 HOLTIC-HI-8436 Datasheet
209Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8425 HOLTIC-HI-8425_16 Datasheet
283Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8430 HOLTIC-HI-8430_15 Datasheet
286Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8430 HOLTIC-HI-8430 Datasheet
289Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8425 HOLTIC-HI-8425 Datasheet
280Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8429 HOLTIC-HI-8429_17 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
HI-8429_1511 HOLTIC-HI-8429_1511 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
QSG-8429 HOLTIC-QSG-8429 Datasheet
718Kb / 19P
   HI??429 Eight Sensor Array with Ground/Open or Supply/Open and SPI interface.
logo
Schurter Inc.
DENO SCHURTER-DENO Datasheet
320Kb / 1P
   Ground wire choke, open design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com