Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMG5 Datasheet(PDF) 2 Page - Rohm

Part # EMG5
Description  NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMG5 Datasheet(HTML) 2 Page - Rohm

  EMG5 Datasheet HTML 1Page - Rohm EMG5 Datasheet HTML 2Page - Rohm EMG5 Datasheet HTML 3Page - Rohm EMG5 Datasheet HTML 4Page - Rohm EMG5 Datasheet HTML 5Page - Rohm EMG5 Datasheet HTML 6Page - Rohm EMG5 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
EMG5 / UMG5N
lAbsolute maximum ratings
(Ta = 25°C)
<For Tr1 and Tr2 in common>
Supply voltage
Input voltage
Output current
Collector current
Power dissipation
Junction temperature
Range of storage temperature
lElectrical characteristics
(Ta = 25°C)
<For Tr1 and Tr2 in common>
*1 Characteristics of built-in transistor
*2 Each terminal mounted on a reference footprint
*3 120mW per element must not be exceeded.
MHz
Transition frequency
fT *1
VCE = 10V, IE = -5mA,
f = 100MHz
-
250
-
kW
Resistance ratio
R2/R1
-
3.7
4.7
5.7
-
Input resistance
R1
-
7
10
13
m
A
DC current gain
GI
VO = 5V, IO = 5mA
68
-
-
-
Output current
IO(off)
VCC = 50V, VI = 0V
-
-
0.5
V
Input current
II
VI = 5V
-
-
0.88
mA
Output voltage
VO(on)
IO / II = 5mA / 0.25mA
-
0.1
0.3
V
VI(on)
VO = 0.3V, IO = 1mA
1.4
-
-
0.3
Input voltage
VI(off)
VCC = 5V, IO = 100mA
-
-
Parameter
Symbol
Conditions
Unit
Min.
Typ.
Max.
Tj
150
°C
Tstg
-
55 to +150
°C
IC(MAX.)*1
100
mA
150 (Total)*3
mW
PD *2
VIN
-
6 to +40
V
IO
70
mA
Parameter
Symbol
Values
Unit
VCC
50
V
2/6
2012.06 - Rev.B


Similar Part No. - EMG5

ManufacturerPart #DatasheetDescription
logo
Rohm
EMG5 ROHM-EMG5 Datasheet
72Kb / 4P
   Emitter common (dual digital transistors)
EMG5 ROHM-EMG5 Datasheet
420Kb / 7P
   NPN 100mA 50V Complex Digital Transistors
EMG5 ROHM-EMG5 Datasheet
1Mb / 10P
   Emitter common (dual digital transistor)
logo
ON Semiconductor
EMG5DXV5 ONSEMI-EMG5DXV5 Datasheet
116Kb / 7P
   Dual Bias Resistor Transistors
March, 2013 ??Rev. 1
EMG5DXV5T1 ONSEMI-EMG5DXV5T1 Datasheet
69Kb / 7P
   Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 0
More results

Similar Description - EMG5

ManufacturerPart #DatasheetDescription
logo
Rohm
IMH9AT110 ROHM-IMH9AT110 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMH11NTN ROHM-UMH11NTN Datasheet
471Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG3 ROHM-UMG3 Datasheet
422Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG2AT148 ROHM-FMG2AT148 Datasheet
473Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors
UMH8NTR ROHM-UMH8NTR Datasheet
361Kb / 6P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG6NTR ROHM-UMG6NTR Datasheet
434Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG2NTR ROHM-UMG2NTR Datasheet
473Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG8AT148 ROHM-FMG8AT148 Datasheet
435Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMH2 ROHM-EMH2_12 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMG1T2R ROHM-EMG1T2R Datasheet
463Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com