Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8425PCI Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-8425PCI
Description  8-Channel, Ground /Open, or Supply / Open Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8425PCI Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-8425PCI Datasheet HTML 1Page - Holt Integrated Circuits HI-8425PCI Datasheet HTML 2Page - Holt Integrated Circuits HI-8425PCI Datasheet HTML 3Page - Holt Integrated Circuits HI-8425PCI Datasheet HTML 4Page - Holt Integrated Circuits HI-8425PCI Datasheet HTML 5Page - Holt Integrated Circuits HI-8425PCI Datasheet HTML 6Page - Holt Integrated Circuits HI-8425PCI Datasheet HTML 7Page - Holt Integrated Circuits HI-8425PCI Datasheet HTML 8Page - Holt Integrated Circuits HI-8425PCI Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
HI-8425, HI-8426
8-Channel, Ground /Open, or Supply / Open Sensor
4-channel 200 mA Ground / Open Driver
GENERAL DESCRIPTION
FEATURES
The HI-8425 is a combined 8-channel discrete-to-digital
sensor and quad low side driver fabricated with Silicon-on-
Insulator (SOI) technology for robust latch-up free
operation. Sense detection can either be GND/Open or
Supply/Open as configured by the SNSE_SEL pin.
Supply/Open sensing is also referred to as 28V/Open
sensing. The sensing circuit window comparator thresholds
can be fixed at the internal programmed values or can be
set externally at the HI_SET and LO_SET pins, as selected
by the
pin. The digital SENSE outputs can be tri-
stated by taking the
pin high.
The HI-8425 also offers four low side switches each
capable of sinking 200 mA of current. Each switch transistor
is controlled by its own digital input pin and is fully fault
protected. Over-current conditions, such as a short circuit,
are detected and inhibited while signaling the fault
condition at the corresponding logic output. These four
FAULT outputs are also available in a combined OR output.
The outputs are fully protected from transients when driving
relays.
The HI-8426 puts all of the features of the HI-8425 except
the individual Fault Detection Outputs, Tri-state pin
selection and fixed internal thresholds into a 32-pin Chip
Scale Package (QFN) which measures only 5mm x 5mm.
Interface to the digital subsystem is simple CMOS logic
inputs and outputs. The logic pins are compatible with 5V or
3.3V logic allowing direct connection to a wide range of
microcontrollers or FPGAs.
THS_SEL
OE
All sense inputs are internally lightning protected to
DO160G, Section 22, Cat AZ, BZ and ZZ without external
components.
·
·
·
·
·
·
Robust CMOS Silicon-on-Insulator (SOI) technology
8-channel Selectable Sense Operation, GND/Open
or Supply/Open
Selectable Thresholds and Hysteresis
Sense Detection Range 3V to 22V
Logic Operation from 3.0V to 5.5V
Lightning Protected Sense Inputs
August 2013
SENSE0 - 1
1-2
2-3
3-4
4-5
5-6
6-7
7-8
SENSE
SENSE
SENSE
SENSE
SENSE
SENSE
SENSE
24 - DSEL_3
23-DRV0
22-DRV1
21 - GND
20 - DRV_2
19 - DRV_3
18 - FAULT_OR
17 - GND
HI-8426PCI
HI-8426PCT
32 Pin Plastic 5mm x 5mm
Chip-scale package (QFN)
(See page 15 for leaded QFP package options)
PIN CONFIGURATIONS
VWET - 1
SENSE0 - 2
SENSE1 - 3
SENSE2 - 4
SENSE3 - 5
SENSE4 - 6
SENSE5 - 7
SENSE6 - 8
SENSE7 - 9
-10
OE
30 -
29 - FAULT_0
28 - DRV_0
27 - DRV_1
26 - FAULT_1
25 - GND
24 - FAULT_2
23 - DRV_2
22 - DRV_3
21 - FAULT_3
HI-8425PCI
HI-8425PCT
40 Pin Plastic 6mm x 6mm
Chip-scale package (QFN)
APPLICATIONS
·
·
·
·
·
·
Airbus ABD0100H compliant
4 Low-Side 200 mA drivers
4.5 Ohm On Resistance
Over-Current Fault Detection Signaled by Logic Output
Max Power Dissipation Automatically Limited by
Fault Protection
Diode Clamps for Discharging Inductive Loads
HOLT INTEGRATED CIRCUITS
(DS8425 Rev. C)
08/13
www.holtic.com
·
·
·
·
Avionics Discrete to Digital Sensing
Relay Driver
Lamp driver
Discrete Signaling


Similar Part No. - HI-8425PCI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8425 HOLTIC-HI-8425_16 Datasheet
283Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
More results

Similar Description - HI-8425PCI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8425 HOLTIC-HI-8425_16 Datasheet
283Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8430 HOLTIC-HI-8430_15 Datasheet
286Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8430 HOLTIC-HI-8430 Datasheet
289Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8435 HOLTIC-HI-8435 Datasheet
220Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8436 HOLTIC-HI-8436 Datasheet
209Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8436 HOLTIC-HI-8436_16 Datasheet
213Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8429 HOLTIC-HI-8429_17 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
HI-8429_1511 HOLTIC-HI-8429_1511 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
QSG-8429 HOLTIC-QSG-8429 Datasheet
718Kb / 19P
   HI??429 Eight Sensor Array with Ground/Open or Supply/Open and SPI interface.
HI-8423 HOLTIC-HI-8423_13 Datasheet
64Kb / 6P
   6-Channel / 8-Channel Discrete-to-Digital Interface Sensing Open / Ground Signals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com