Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8201H Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-8201H
Description  Quad 10 Ohm 12V outside-the-rails
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8201H Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-8201H Datasheet HTML 1Page - Holt Integrated Circuits HI-8201H Datasheet HTML 2Page - Holt Integrated Circuits HI-8201H Datasheet HTML 3Page - Holt Integrated Circuits HI-8201H Datasheet HTML 4Page - Holt Integrated Circuits HI-8201H Datasheet HTML 5Page - Holt Integrated Circuits HI-8201H Datasheet HTML 6Page - Holt Integrated Circuits HI-8201H Datasheet HTML 7Page - Holt Integrated Circuits HI-8201H Datasheet HTML 8Page - Holt Integrated Circuits HI-8201H Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HOLT INTEGRATED CIRCUITS
3
ELECTRICAL CHARACTERISTICS
, GND = 0V. Operating temperature range (unless otherwise noted).
V
= 3.3V or 5.0V
LOGIC
PARAMETER
CONDITIONS
FIGURE
MIN
TYP
MAX
UNIT
SYMBOL
SWITCH PARAMETERS
Switch Resistance,
R
12V > Vs > -12V
Leakage -
I
2
1
10
nA
LOGIC INPUTS
Input High Voltage
V
75%
V
Input Low Voltage
V
25%
V
Input Current
I
80K Ohm pulldown
VLogic = 3.3V
45
Vlogic = 5.0V
65
SUPPLY
Operating Range
VDD
3.0
5.5
IDD
inputs static
2.5
DYNAMIC PARAMETERS
Max Vin On/Off cycling
fcycle
any load
5
Khz
Turn On Time
T
3
180
250
ns
Turn Off time
T
Break-Before-Make Time
T
4
40
80
ns
Charge Injection
Q
V =0V, R =0
25°C
5
-20
pC
Off Isolation
R
f = 1 MHz, 25°C
6
65
dB
Crosstalk
C
25°C
7
90
dB
Capacitance
C
Switch Off, 25°C
8
15
pF
C
Switch On, 25°C
9
60
pF
Charge Pump Power On
Tvon
V+ and V- = +/-14.5V
VLogic = 5.0V
10
10
ms
25°C, 10mA
1
6
8
10
(open circuit and
|
|
power down)
2
µA
µA
I
0.5
µA
200
ogic
V
ogic Operating Current
VLogic = 3.3V
1.0
mA
Vlogic = 5.0V
mA
3
80
150
ns
f = 1 MHz,
W
W,
ON
SWLEAK
IH
IL
IH
ON
OFF
D
SS
R
R
OFF
ON
IL
VL
VL
Switch voltage ± 12V, 125°C
Switch voltage ± 12V, 200°C
µA
125°C
°C
2
µA
HI-8200H, HI-8201H, HI-8202H
NOTE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only.
Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
Operating Temperature Range: (Plastic) ........................ -55°C to +175°C
(Ceramic) ...................... -55°C to +200°C
Storage Temperature Range:
......................................-65°C to +150°C
Reflow Soldering Temperature: .......................................... +260°C Max.
Supply Voltage, V
.........................................................................7.0V
Switch Current (either direction, DC)
Peak Switch Current (1 ms pulse, 10% duty cycle max.)..................100mA
Digital Input Voltage (IN1-4):.....................................
LOGIC
: .................................................20mA
-0.3V to V
+ 0.3V
LOGIC
(Voltages referenced to GND = 0V)


Similar Part No. - HI-8201H

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8201 HOLTIC-HI-8201 Datasheet
83Kb / 10P
   Quad 10 Ohm 12V outside-the-rails Analog Switch with
HI-8201PCI HOLTIC-HI-8201PCI Datasheet
83Kb / 10P
   Quad 10 Ohm 12V outside-the-rails Analog Switch with
HI-8201PCIF HOLTIC-HI-8201PCIF Datasheet
83Kb / 10P
   Quad 10 Ohm 12V outside-the-rails Analog Switch with
HI-8201PCM HOLTIC-HI-8201PCM Datasheet
83Kb / 10P
   Quad 10 Ohm 12V outside-the-rails Analog Switch with
HI-8201PCMF HOLTIC-HI-8201PCMF Datasheet
83Kb / 10P
   Quad 10 Ohm 12V outside-the-rails Analog Switch with
More results

Similar Description - HI-8201H

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8200 HOLTIC-HI-8200 Datasheet
83Kb / 10P
   Quad 10 Ohm 12V outside-the-rails Analog Switch with
logo
Maxim Integrated Produc...
MAX20327 MAXIM-MAX20327 Datasheet
721Kb / 13P
   12V Capable, Low-RON, Beyond-the-Rails??DPDT Analog Switch
19-100268; Rev 0; 6/18
MAX4240 MAXIM-MAX4240 Datasheet
174Kb / 16P
   Single/Dual/Quad, 1.8V/10關A, SOT23, Beyond-the-Rails Op Amps
Rev 0; 3/98
MAX14777 MAXIM-MAX14777 Datasheet
862Kb / 16P
   Quad Beyond-the-Rails -15V to 35V Analog Switch
Rev 1; 10/13
logo
Wurth Elektronik GmbH &...
177920514 WURTH-177920514 Datasheet
1Mb / 21P
   Nominal input voltage rails: 5V / 12V / 24V
logo
Maxim Integrated Produc...
MAX961 MAXIM-MAX961 Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX961 MAXIM-MAX961_08 Datasheet
330Kb / 16P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08
logo
Texas Instruments
TS3A5018 TI-TS3A5018 Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX961 MAXIM-MAX961_07 Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
MAX14661 MAXIM-MAX14661 Datasheet
1Mb / 27P
   Beyond-the-Rails 16:2 Multiplexer
19-6739; Rev 2; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com