Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8202PDI Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-8202PDI
Description  Quad 10 Ohm 12V outside-the-rails Analog Switch with
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8202PDI Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-8202PDI Datasheet HTML 1Page - Holt Integrated Circuits HI-8202PDI Datasheet HTML 2Page - Holt Integrated Circuits HI-8202PDI Datasheet HTML 3Page - Holt Integrated Circuits HI-8202PDI Datasheet HTML 4Page - Holt Integrated Circuits HI-8202PDI Datasheet HTML 5Page - Holt Integrated Circuits HI-8202PDI Datasheet HTML 6Page - Holt Integrated Circuits HI-8202PDI Datasheet HTML 7Page - Holt Integrated Circuits HI-8202PDI Datasheet HTML 8Page - Holt Integrated Circuits HI-8202PDI Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HOLT INTEGRATED CIRCUITS
www.holtic.com
GENERAL DESCRIPTION
The HI-8200 is a quad analog CMOS switch fabricated with Sili-
con-on-Insulator (SOI) technology for latch-up free operation
and maximum switch isolation. High voltage gate drive is en-
tirely created on-chip enabling +/-12V switching range from a
single 3.3V or 5V supply. These switches are ideally suited for
applications demanding low switch leakage when the power
pins are 0V.
(-40°C to +85°C) and extended (-55°C to +125°C) tem-
perature range options.
At 25 C and with VDD from 3.0V to 5.5V, the switch resistance
(RON) is typically 8
RON is independent of VDD. In a switch-
ing range of -5V to +5V, the maximum deviation of RON from
flat is less than 5%.
These switches conduct equally well in either direction. Power
down and Off state leakages are less than 10nA maximum.
Charge injection is less than 10pC. Switching times are typi-
cally 180ns to the On state and 60ns to the Off state. The on-
board charge pump allows an On/Off cycle time of 5KHz for all
four switches simultaneously before the switching range be-
comes restricted.
The HI-8200 provides four each normally open switches when
the switch control inputs are low. The HI-8201 provides four
each normally closed switches when the switch control inputs
are low. The HI-8202 provides a combination of two normally
closed and two normally open switches.
Industry-standard plastic package options include 20-pin
TSSOP, 16-pin DIP and 16-pin QFN. Ceramic packaging is
available on request. All three products are offered in both in-
dustrial
°
W.
FEATURES
·
W
CMOS analog switches with up to +/-12V switching range
from a single 3.3V or 5V supply
Low RON: 10
max at 25°C
Robust CMOS Silicon-on-Insulator (SOI) technology
Switch nodes are open-circuit when chip is powered down
SOI switch isolation with 1nA typical Off leakage
ESD protection > 4KV HBM
Fast switching time with break-before-make
Low power
Extended Temperature Range (-55°C to +125°C)
·
·
·
·
·
·
·
·
PIN CONFIGURATIONS (Top Views)
December 2012
(DS8200 Rev. B)
12/12
HI-8200, HI-8201, HI-8202
Quad 10 Ohm +/-12V outside-the-rails
Analog Switch with
Open Circuit when Power Off
S1B 1
V- 2
GND 3
S4B 4
12 S2B
11 V+
10 VLOGIC
9
S3B
16-pin 5mm x 5mm Chip-scale package
(see page 6 for additional package configurations)
HI-8200PCx
APPLICATIONS
·
·
·
·
·
Avionics
Data bus isolation
Sample-and-Hold circuits
Test Equipment
Communications Systems
IN1 1
S1A 2
-3
S1B 4
V- 5
GND 6
S4B 7
-8
S4A 9
IN4 10
20 IN2
19 S2A
18 -
17 S2B
16 V+
15 VLOGIC
14 S3B
13 -
12 S3A
11 IN3
20-Pin TSSOP package
HI-8200PSx
PRODUCT OPTIONS
PART TYPE IN1 Switch 1 IN2 Switch 2 IN3 Switch 3 IN4 Switch 4
HI-8200
0
Open
0
Open
0
Open
0
Open
1
Closed
1
Closed
1
Closed
1
Closed
HI-8201
0
Closed
0
Closed
0
Closed
0
Closed
1
Open
1
Open
1
Open
1
Open
HI-8202
0
Open
0
Closed
0
Closed
0
Open
1
Closed
1
Open
1
Open
1
Closed


Similar Part No. - HI-8202PDI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8202PSHF HOLTIC-HI-8202PSHF Datasheet
76Kb / 9P
   Quad 10 Ohm 12V outside-the-rails
More results

Similar Description - HI-8202PDI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8200H HOLTIC-HI-8200H Datasheet
76Kb / 9P
   Quad 10 Ohm 12V outside-the-rails
logo
Maxim Integrated Produc...
MAX20327 MAXIM-MAX20327 Datasheet
721Kb / 13P
   12V Capable, Low-RON, Beyond-the-Rails??DPDT Analog Switch
19-100268; Rev 0; 6/18
MAX14777 MAXIM-MAX14777 Datasheet
862Kb / 16P
   Quad Beyond-the-Rails -15V to 35V Analog Switch
Rev 1; 10/13
logo
Texas Instruments
TS3A5018 TI-TS3A5018 Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
TS5A3157 TI-TS5A3157 Datasheet
396Kb / 26P
[Old version datasheet]   10-ohm SPDT ANALOG SWITCH
TS5A1066 TI-TS5A1066 Datasheet
220Kb / 19P
[Old version datasheet]   10 OHM SPST ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX312 MAXIM-MAX312_02 Datasheet
662Kb / 12P
   10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
logo
Texas Instruments
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com