Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3597PST-40 Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-3597PST-40
Description  Octal ARINC 429 Receiverswith Label Recognition and SPI Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3597PST-40 Datasheet(HTML) 6 Page - Holt Integrated Circuits

Back Button HI-3597PST-40 Datasheet HTML 2Page - Holt Integrated Circuits HI-3597PST-40 Datasheet HTML 3Page - Holt Integrated Circuits HI-3597PST-40 Datasheet HTML 4Page - Holt Integrated Circuits HI-3597PST-40 Datasheet HTML 5Page - Holt Integrated Circuits HI-3597PST-40 Datasheet HTML 6Page - Holt Integrated Circuits HI-3597PST-40 Datasheet HTML 7Page - Holt Integrated Circuits HI-3597PST-40 Datasheet HTML 8Page - Holt Integrated Circuits HI-3597PST-40 Datasheet HTML 9Page - Holt Integrated Circuits HI-3597PST-40 Datasheet HTML 10Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
HI-3596, HI-3597, HI-3598, HI-3599
HOLT INTEGRATED CIRCUITS
6
ARINC 429 Data Format
Control Register bit CR9 controls how individual bits in
the received ARINC word are mapped to the HI-359x
SPI data word during data read operations. Table 5
describes this mapping.
Table 5. SPI / ARINC bit-mapping
SPI / ARINC bit-mapping
SPI Order
1
2 - 22
23 24 25 26 27 28 29 30 31 32
ARINC bit 32 31 - 11 10
9
1
2
3
4
5
6
7
8
CR9 = 0
Data
ARINC bit 32 31 - 11 10
9
8
7
6
5
4
3
2
1
CR9 = 1
Data
ARINC 429 Receiver
ARINC Bus Interface
Figure 3 shows the input circuit for each on-chip ARINC
429linereceiver.TheARINC429specificationrequires
detection levels summarized in Table 6.
Table 6. ARINC 429 Detection Levels
STATE
DIFFERENTIAL VOLTAGE
ONE
+6.5 Volts to +13 Volts
NULL
+2.5 Volts to -2.5 Volts
ZERO
-6.5 Volts to -13 Volts
DIFFERENTIAL
AMPLIFIERS
COMPARATORS
RINA-40
RINA
RINB
RINB-40
VDD
GND
VDD
GND
ONE
NULL
ZERO
Figure 3. ARINC Receiver Input
The HI-359x family guarantees recognition of these lev-
els with a common mode Voltage with respect to GND
less than ±30V for the worst case condition (3.15V sup-
ply and 13V signal level).
The tolerances in the design guarantee detection of
the above levels, so the actual acceptance ranges are
slightly larger. If the ARINC signal is out of the actual
acceptance ranges, including the nulls, the chip rejects
the data.
Receiver Logic Operation
Figure4isablockdiagramshowingthelogicforeach
receiver.
Bit Timing
TheARINC429specificationdefinestimingtolerances
for received data according to Table 7.
Table 7. ARINC 429 Receiver Timing Tolerances
HIGH SPEED
LOW SPEED
Bit Rate
100Kbps ± 1%
12K - 14.5Kbps
Pulse Rise Time
1.5±0.5μs
10±5μs
Pulse Fall Time
1.5±0.5μs
10±5μs
Pulse Width
5μs±5%
34.5to41.7μs


Similar Part No. - HI-3597PST-40

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3597 HOLTIC-HI-3597 Datasheet
208Kb / 18P
   Octal ARINC 429 Receivers with Label Recognition and SPI Interface
More results

Similar Description - HI-3597PST-40

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3596 HOLTIC-HI-3596 Datasheet
208Kb / 18P
   Octal ARINC 429 Receivers with Label Recognition and SPI Interface
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-3596 HOLTIC-HI-3596_15 Datasheet
1Mb / 18P
   Octal ARINC 429 Receivers
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
logo
Holt Integrated Circuit...
HI-3585 HOLTIC-HI-3585 Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
logo
Device Engineering Inco...
DEI1148 DEIAZ-DEI1148 Datasheet
532Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1046A DEIAZ-DEI1046A Datasheet
211Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com