Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8190PSF Datasheet(PDF) 5 Page - Holt Integrated Circuits

Part # HI-8190PSF
Description  12, Quad, SPST, 3.3V / 5.0V compatible
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8190PSF Datasheet(HTML) 5 Page - Holt Integrated Circuits

  HI-8190PSF Datasheet HTML 1Page - Holt Integrated Circuits HI-8190PSF Datasheet HTML 2Page - Holt Integrated Circuits HI-8190PSF Datasheet HTML 3Page - Holt Integrated Circuits HI-8190PSF Datasheet HTML 4Page - Holt Integrated Circuits HI-8190PSF Datasheet HTML 5Page - Holt Integrated Circuits HI-8190PSF Datasheet HTML 6Page - Holt Integrated Circuits HI-8190PSF Datasheet HTML 7Page - Holt Integrated Circuits HI-8190PSF Datasheet HTML 8Page - Holt Integrated Circuits HI-8190PSF Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HOLT INTEGRATED CIRCUITS
5
HI-8190H, HI-8191H, HI-8192H
Figure 5. Charge Injection
VIN
VOUT
+
-
VS
C
10nF
L
+5V
+15V
-15V
VLOGIC
V+
V-
GND
VOUT
SA
SB
IN
DVOUT
QC
INJ =
L x
UT
DVO
RS
VS
50W
+5V
+15V
-15V
VLOGIC
V+
V-
GND
0.1 F
µ
0.1 F
µ
0.1 F
µ
VOUT
SA
SB
IN
Figure 6 - Off Isolation
VS
50W
+5V
+15V
-15V
VLOGIC
V+
V-
GND
0.1 F
µ
0.1 F
µ
0.1 F
µ
SA1
SB1
IN1
Figure 7 - Channel-to-Channel Crosstalk
VOUT
SA2
SB2
IN2
50W
NC
VS
+5V
+15V
-15V
VLOGIC
V+
V-
GND
0.1 F
µ
0.1 F
µ
0.1 F
µ
SA
SB
IN
Figure 8 - Off Capacitance
Capacitance
Meter
f=1MHz
+5V
+15V
-15V
VLOGIC
V+
V-
GND
0.1 F
µ
0.1 F
µ
0.1 F
µ
SA
SB
IN
Figure 9 - On Capacitance
Capacitance
Meter
f=1MHz


Similar Part No. - HI-8190PSF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8190PSI HOLTIC-HI-8190PSI Datasheet
79Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
HI-8190PSIF HOLTIC-HI-8190PSIF Datasheet
79Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
HI-8190PSM HOLTIC-HI-8190PSM Datasheet
79Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
HI-8190PSMF HOLTIC-HI-8190PSMF Datasheet
79Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
HI-8190PST HOLTIC-HI-8190PST Datasheet
79Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com