Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8582PQTF-10 Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-8582PQTF-10
Description  ARINC 429 System on a Chip
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8582PQTF-10 Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-8582PQTF-10 Datasheet HTML 1Page - Holt Integrated Circuits HI-8582PQTF-10 Datasheet HTML 2Page - Holt Integrated Circuits HI-8582PQTF-10 Datasheet HTML 3Page - Holt Integrated Circuits HI-8582PQTF-10 Datasheet HTML 4Page - Holt Integrated Circuits HI-8582PQTF-10 Datasheet HTML 5Page - Holt Integrated Circuits HI-8582PQTF-10 Datasheet HTML 6Page - Holt Integrated Circuits HI-8582PQTF-10 Datasheet HTML 7Page - Holt Integrated Circuits HI-8582PQTF-10 Datasheet HTML 8Page - Holt Integrated Circuits HI-8582PQTF-10 Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
FUNCTIONAL DESCRIPTION
CONTROL WORD REGISTER
The HI-8582/HI-8583 contain a 16-bit control register which is
used to configure the device. The control register bits CR0 - CR15
are loaded from BD00 - BD15 when CWSTR is pulsed low. The
control register contents are output on the databus when SEL = 1
and RSR is pulsed low. Each bit of the control register has the
following function:
STATUS REGISTER
The HI-8582/HI-8583 contain a 9-bit status register which can be
interrogated to determine the status of the ARINC receivers, data
FIFOs and transmitter.
The contents of the status register are
output on BD00 - BD08 when the RSR pin is taken low and
SEL = 0. Unused bits are output as Zeros. The following table
defines the status register bits.
HI-8582, HI-8583
SR
FUNCTION
STATE
DESCRIPTION
Bit
SR0
Data ready
0
Receiver 1 FIFO empty
(Receiver 1)
1
Receiver 1 FIFO contains valid data
Resets to zero when all data has
been read. D/R1 pin is the inverse of
this bit
SR1
FIFO half full
0
Receiver 1 FIFO holds less than 16
(Receiver 1)
words
1
Receiver 1 FIFO holds at least 16
words. HF1 pin is the inverse of
this bit.
SR2
FIFO full
0
Receiver 1 FIFO not full
(Receiver 1)
1
Receiver 1 FIFO full. To avoid data
loss, the FIFO must be read within
one ARINC word period. FF1 pin is
the inverse of this bit
SR3
Data ready
0
Receiver 2 FIFO empty
(Receiver 2)
1
Receiver 2 FIFO contains valid data
Resets to zero when all data has
been read. D/R2 pin is the inverse of
this bit
SR4
FIFO half full
0
Receiver 2 FIFO holds less than 16
(Receiver 2)
words
1
Receiver 2 FIFO holds at least 16
words. HF2 pin is the inverse of
this bit.
SR5
FIFO full
0
Receiver 2 FIFO not full
(Receiver 2)
1
Receiver 2 FIFO full. To avoid data
loss, the FIFO must be read within
one ARINC word period. FF2 pin is
the inverse of this bit
SR6
Transmitter FIFO
0
Transmitter FIFO not empty
empty
1
Transmitter FIFO empty.
SR7
Transmitter FIFO
0
Transmitter FIFO not full
full
1
Transmitter FIFO full. FFT pin is the
inverse of this bit.
SR8
Transmitter FIFO
0
Transmitter FIFO contains less than
half full
16 words
1
Transmitter FIFO contains at least
16 words.HFT pin is the
inverse of this bit.
CR
FUNCTION
STATE
DESCRIPTION
Bit
CR0
Receiver 1
0
Data rate = CLK/10
Data clock
Select
1
Data rate = CLK/80
CR1
Label Memory
0
Normal operation
Read / Write
1
Load 16 labels using PL1 / PL2
Read 16 labels using EN1 / EN2
CR2
Enable Label
0
Disable label recognition
Recognition
(Receiver 1)
1
Enable label recognition
CR3
Enable Label
0
Disable Label Recognition
Recognition
(Receiver 2)
1
Enable Label recognition
CR4
Enable
0
Transmitter 32nd bit is data
32nd bit
as parity
1
Transmitter 32nd bit is parity
CR5
Self Test
0
The transmitter’s digital
outputs are internally connected
to the receiver logic inputs
1
Normal operation
CR6
Receiver 1
0
Receiver 1 decoder disabled
decoder
1
ARINC bits 9 and 10 must match
CR7 and CR8
CR7
-
-
If receiver 1 decoder is enabled,
the ARINC bit 9 must match this bit
CR8
-
-
If receiver 1 decoder is enabled,
the ARINC bit 10 must match this bit
CR9
Receiver 2
0
Receiver 2 decoder disabled
Decoder
1
ARINC bits 9 and 10 must match
CR10 and CR11
CR10
-
-
If receiver 2 decoder is enabled,
the ARINC bit 9 must match this bit
CR11
-
-
If receiver 2 decoder is enabled,
the ARINC bit 10 must match this bit
CR12
Invert
0
Transmitter 32nd bit is Odd parity
Transmitter
parity
1
Transmitter 32nd bit is Even parity
CR13
Transmitter
0
Data rate=CLK/10, O/P slope=1.5us
data clock
select
1
Data rate=CLK/80, O/P slope=10us
CR14
Receiver 2
0
Data rate=CLK/10
data clock
select
1
Data rate=CLK/80
CR15
Data
0
Scramble ARINC data
format
1
Unscramble ARINC data
HOLT INTEGRATED CIRCUITS
3


Similar Part No. - HI-8582PQTF-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8582PQTF-10 HOLTIC-HI-8582PQTF-10 Datasheet
156Kb / 15P
   ARINC 429 System on a Chip
More results

Similar Description - HI-8582PQTF-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8582 HOLTIC-HI-8582 Datasheet
419Kb / 15P
   ARINC 429 SYSTEM ON A CHIP
HI-8582 HOLTIC-HI-8582_06 Datasheet
156Kb / 15P
   ARINC 429 System on a Chip
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585 Datasheet
132Kb / 7P
   ARINC 429 LIN DRIVER
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8444 HOLTIC-HI-8444_16 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
logo
Device Engineering Inco...
DEI1041 DEIAZ-DEI1041 Datasheet
136Kb / 8P
   ARINC 429 LINE RECEIVER
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585_11 Datasheet
83Kb / 9P
   ARINC 429 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com