Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8282APQT-10 Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-8282APQT-10
Description  ARINC 429 Serial Transmitter and Dual Receiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8282APQT-10 Datasheet(HTML) 6 Page - Holt Integrated Circuits

Back Button HI-8282APQT-10 Datasheet HTML 2Page - Holt Integrated Circuits HI-8282APQT-10 Datasheet HTML 3Page - Holt Integrated Circuits HI-8282APQT-10 Datasheet HTML 4Page - Holt Integrated Circuits HI-8282APQT-10 Datasheet HTML 5Page - Holt Integrated Circuits HI-8282APQT-10 Datasheet HTML 6Page - Holt Integrated Circuits HI-8282APQT-10 Datasheet HTML 7Page - Holt Integrated Circuits HI-8282APQT-10 Datasheet HTML 8Page - Holt Integrated Circuits HI-8282APQT-10 Datasheet HTML 9Page - Holt Integrated Circuits HI-8282APQT-10 Datasheet HTML 10Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
FUNCTIONAL DESCRIPTION (cont.)
DATA RATE - EXAMPLE PATTERN
429DO
429DO
ARINC BIT
NULL
DATA
DATA
DATA
NULL
NULL
WORD GAP
BIT 1
NEXT WORD
BIT 32
BIT 31
BIT 30
LOADING CONTROL WORD
CWHLD
t
CWSET
t
CWSTR
t
DATA BUS
CWSTR
VALID
RECEIVER OPERATON
DATA READY FLAG
D/R
ARINC DATA
BYTE SELECT
SEL
ENABLE BYTE ON BUS
EN
DATA BUS
BIT 31
BIT 32
SELEN
t
D/R
t
ENSEL
t
DATAEN
t
D/REN
t
END/R
t
EN
t
ENSEL
t
SELEN
t
DATAEN
t
ENDATA
t
ENDATA
t
ENEN
t
DON'T CARE
DON'T CARE
DON'T CARE
BYTE 1 VALID
BYTE 2 VALID
TIMING DIAGRAMS
HI-8282A
REPEATER OPERATION
Repeater mode of operation allows a data word received by the
HI-8282 to be placed directly into the Transmit FIFO for
transmission.
After a 32-bit word has been shifted into the
receiver shift register, the
flag goes low. A logic "0" is placed
on the SEL line and
is strobed. This is the same procedure as
for normal receiver operation, placing the lower byte (16) of the
data word on the data bus. By strobing
at the same time as
D/R
EN
PL1
EN, the byte is also transferred into the Transmit FIFO.
SEL is
then taken high and
is strobed again to place the upper data
word byte onto the data bus. By strobing
at the same time as
, the second data word byte is also transferred to the Transmit
FIFO. The data word is now ready for transmission, according to
the parity programmed into the Control Word register.
In normal (non-repeater) operation, either byte of the received
data word may be read first by using the SEL input.
During
repeater operation however, data word lower byte must always be
read first. While the data is being read, it is loading concurrently
into the Transmit FIFO, which always loads lower byte first.
EN
PL2
EN
HOLT INTEGRATED CIRCUITS
6


Similar Part No. - HI-8282APQT-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282APQT-10 HOLTIC-HI-8282APQT-10 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
More results

Similar Description - HI-8282APQT-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com