Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3596PCT Datasheet(PDF) 8 Page - Holt Integrated Circuits

Part # HI-3596PCT
Description  Octal ARINC 429 Receiverswith Label Recognition and SPI Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3596PCT Datasheet(HTML) 8 Page - Holt Integrated Circuits

Back Button HI-3596PCT Datasheet HTML 4Page - Holt Integrated Circuits HI-3596PCT Datasheet HTML 5Page - Holt Integrated Circuits HI-3596PCT Datasheet HTML 6Page - Holt Integrated Circuits HI-3596PCT Datasheet HTML 7Page - Holt Integrated Circuits HI-3596PCT Datasheet HTML 8Page - Holt Integrated Circuits HI-3596PCT Datasheet HTML 9Page - Holt Integrated Circuits HI-3596PCT Datasheet HTML 10Page - Holt Integrated Circuits HI-3596PCT Datasheet HTML 11Page - Holt Integrated Circuits HI-3596PCT Datasheet HTML 12Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
HI-3596, HI-3597, HI-3598, HI-3599
HOLT INTEGRATED CIRCUITS
8
3. To validate the receive data bit rate, each bit must
follow its preceding bit by not less than 8 samples
and not more than 12 samples. With exactly 1MHz
inputclockfrequency,theacceptabledatabitrates
are shown in Table 8.
Table 8. Acceptable Data Bit Rates at 1MHz Input
ClockFrequency
HIGH SPEED LOW SPEED
Data Bit Rate Min
83Kbps
10.4Kbps
Data Bit Rate Max
125Kbps
15.6Kbps
4. Following the last data bit of a valid reception, the
Word Gap timer samples the Null shift register every
10inputclocks(every80clocksforlowspeed).If
a Null is present, the Word Gap counter is incre-
mented. A Word Gap count of 3 enables the next
reception.
Receiver Parity
IfenabledbysettingControlRegisterCR4bitto“1”,the
receiver parity circuit counts Ones received, including
theparitybit.Iftheresultisodd,thena“0”appearsin
the 32nd bit.
Setting Control Register CR4 bit to “0” disables parity
checkingandall32bitsaretreatedasdata.
Retrieving Data
Once 32 valid bits are recognized, the receiver logic
generates an End of Sequence (EOS). Depending on
the state of Control Register bits CR2, CR6, CR7 and
CR8,thereceived32-bitARINCwordisthenchecked
for correct decoding and label match before it is loaded
into the 4 x 32 Receive FIFO. ARINC words that do not
match required 9th and 10th ARINC bit and do not have
a label match are ignored and are not loaded into the
Receive FIFO. Table 9 describes this operation.
Table 9. FIFO Loading Control
CR2
ARINC word
matches
Enabled
label
CR6
ARINC word
bits 10, 9
match CR7, 8
FIFO
0
X
0
X
Load FIFO
1
No
0
X
Ignore Data
1
Yes
0
X
Load FIFO
0
X
1
No
Ignore Data
0
X
1
Yes
Load FIFO
1
Yes
1
No
Ignore Data
1
No
1
Yes
Ignore Data
1
No
1
No
Ignore Data
1
Yes
1
Yes
Load FIFO
Once a valid ARINC word is loaded into the FIFO, the
EOS signal clocks the Data Ready flip-flop to a “1”,
andthecorrespondingchannel’sStatusRegisterFIFO
Empty bit (SR0- SR7) goes to a “0”. The channel’s
Empty bit remains low until the corresponding Receive
FIFO is empty. Each received ARINC word is retrieved
via the SPI interface using SPI instruction n3 hex where
“n”isthechannelnumber1-8hex.
Up to 4ARINC words may be held in each channel’s
Receive FIFO. The Status Register FIFO Full bit (SR8
- SR15) goes high when the corresponding channel’s
Receive FIFO is full. Failure to offload a full Receive
FIFO causes additional received valid ARINC words to
overwrite the last received word.
Label Recognition
Theuserloadsthe16bytelabellook-uptabletospec-
ify which 8-bit incoming ARINC labels are captured by
the receiver, and which are discarded. If fewer than 16
labels are required, spare label memory locations must
befilledwithduplicatecopiesofanyvalidlabel.Afterthe
look-uptableisinitialized,setchannelControlRegister
bit CR2 to enable label recognition for that channel.
If label recognition is enabled, the receiver compares
thelabelineachnewARINCwordagainstthechannel’s
storedlabellook-uptable.Ifalabelmatchisfound,the
received word is processed. If no match occurs, the new
ARINC word is discarded and no indicators of received
ARINC data are presented. Note that 00 hex is treated
in the same way as any other label value. Label memory
bitsignificanceisnotchangedbythestatusofControl
RegisterbitCR9.Themostsignificantlabelbitisalways


Similar Part No. - HI-3596PCT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3596 HOLTIC-HI-3596 Datasheet
208Kb / 18P
   Octal ARINC 429 Receivers with Label Recognition and SPI Interface
HI-3596 HOLTIC-HI-3596_15 Datasheet
1Mb / 18P
   Octal ARINC 429 Receivers
More results

Similar Description - HI-3596PCT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3596 HOLTIC-HI-3596 Datasheet
208Kb / 18P
   Octal ARINC 429 Receivers with Label Recognition and SPI Interface
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-3596 HOLTIC-HI-3596_15 Datasheet
1Mb / 18P
   Octal ARINC 429 Receivers
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
logo
Holt Integrated Circuit...
HI-3585 HOLTIC-HI-3585 Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
logo
Device Engineering Inco...
DEI1148 DEIAZ-DEI1148 Datasheet
532Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1046A DEIAZ-DEI1046A Datasheet
211Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com