Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8448PCIF-10 Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-8448PCIF-10
Description  Quad / Octal ARINC 429 Line Receivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8448PCIF-10 Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-8448PCIF-10 Datasheet HTML 1Page - Holt Integrated Circuits HI-8448PCIF-10 Datasheet HTML 2Page - Holt Integrated Circuits HI-8448PCIF-10 Datasheet HTML 3Page - Holt Integrated Circuits HI-8448PCIF-10 Datasheet HTML 4Page - Holt Integrated Circuits HI-8448PCIF-10 Datasheet HTML 5Page - Holt Integrated Circuits HI-8448PCIF-10 Datasheet HTML 6Page - Holt Integrated Circuits HI-8448PCIF-10 Datasheet HTML 7Page - Holt Integrated Circuits HI-8448PCIF-10 Datasheet HTML 8Page - Holt Integrated Circuits HI-8448PCIF-10 Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ARINC INPUTS TESTA TESTB OUTA OUTB
INA - INB
-2.5 to +2.5 V
0
0
0
0
< -6.5 V
0
0
0
1
> +6.5 V
0
0
1
0
X0
1
0
1
X1
0
1
0
X1
1
0
0
FUNCTION TABLE
HI-8444, HI-8445, HI-8448
DESCRIPTION
FEATURES
PIN CONFIGURATIONS
(See page 6 for additional pin configurations)
The HI-8444 and HI-8445 are quad ARINC 429 line
receiver ICs available in a 20-pin TSSOP package. The HI-
8448 contains 8 independent ARINC 429 line receivers.
The technology is analog / digital CMOS. The device is
designed to operate from either a 5V or 3.3V supply. Each
receiver channel translates incoming ARINC 429 data bus
signals to a pair of TTL / CMOS outputs.
The optional HI-8444-10, HI-8445-10 and HI-8448-10 are
designed to be used with an external 15 Kohm series
resistor. The “-10” devices meet the lightning protection
requirements of DO-160E, level 3, waveforms 3, 4, 5A, and
5B.
The TESTA and TESTB inputs bypass the analog inputs for
testing purposes. They force the receiver outputs to the
specified ZERO, ONE or NULL state. The ARINC inputs
are ignored when the device is in the test mode.
The HI-8445 is identical to the HI-8444 except the TESTA
and TESTB pins are not available.
!
!
!
!
!
Direct ARINC 429 quad or octal line receivers in small
footprint packages
3.3V or 5.0V single supply operation
Test inputs bypass analog inputs and force digital
outputs to a one, zero, or null state
ARINC inputs are internally lightning protected per DO-
160E level 3 (-10 configuration only)
Hi-Rel processing options available
HI-8444PS
HI-8444PS-10
&
HI-8445PS
HI-8445PS-10
Quad
Receiver
IN1 A
IN1 B
IN2 A
IN2 B
TESTA (8444 only)
TESTB (8444 only)
IN3 A
IN3 B
IN4 A
IN4 B
OUT1 A
OUT1 B
OUT2 A
OUT2 B
VDD
VSS
OUT3 A
OUT3 B
OUT4 A
OUT4 B
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
20 Pin Plastic TSSOP package
May 2010
(DS8444 Rev. H)
05/10
Quad / Octal
ARINC 429 Line Receivers
HI-8448PS
HI-8448PS-10
Octal
Receiver
IN1 AX
IN1 BX
IN1 AY
IN1 BY
IN2 AX
IN2 BX
IN2 AY
IN2 BY
TESTA (X)
TESTB (X)
TESTA (Y)
TESTB (Y)
IN3 AX
IN3 BX
IN3 AY
IN3 BY
IN4 AX
IN4 BX
IN4 AY
OUT1 AX
OUT1 BX
OUT1 AY
OUT1 BY
OUT2AX
OUT2 BX
OUT2 AY
OUT2 BY
VDD
VSS
OUT3 AX
OUT3 BX
OUT3 AY
OUT3 BY
OUT4 AX
OUT4 BX
OUT4 AY
OUT4 BY
IN4 BY
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
38 Pin Plastic TSSOP package
HOLT INTEGRATED CIRCUITS
www.holtic.com


Similar Part No. - HI-8448PCIF-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8448PQI HOLTIC-HI-8448PQI Datasheet
139Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-8448PQI-10 HOLTIC-HI-8448PQI-10 Datasheet
139Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-8448PQI-10 HOLTIC-HI-8448PQI-10 Datasheet
145Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-8448PQIF-10 HOLTIC-HI-8448PQIF-10 Datasheet
145Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-8448PQT HOLTIC-HI-8448PQT Datasheet
139Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
More results

Similar Description - HI-8448PCIF-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8444 HOLTIC-HI-8444_06 Datasheet
145Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-8444 HOLTIC-HI-8444 Datasheet
139Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-3596 HOLTIC-HI-3596_15 Datasheet
1Mb / 18P
   Octal ARINC 429 Receivers
HI-8444 HOLTIC-HI-8444_16 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
HI-8448 HOLTIC-HI-8448_16 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
logo
Device Engineering Inco...
DEI1148 DEIAZ-DEI1148 Datasheet
532Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1046A DEIAZ-DEI1046A Datasheet
211Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1049 DEIAZ-DEI1049 Datasheet
690Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1046 DEIAZ-DEI1046 Datasheet
413Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1044A DEIAZ-DEI1044A Datasheet
212Kb / 7P
   QUAD ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com