Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8448PCTF Datasheet(PDF) 8 Page - Holt Integrated Circuits

Part # HI-8448PCTF
Description  Quad / Octal ARINC 429 Line Receivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8448PCTF Datasheet(HTML) 8 Page - Holt Integrated Circuits

  HI-8448PCTF Datasheet HTML 1Page - Holt Integrated Circuits HI-8448PCTF Datasheet HTML 2Page - Holt Integrated Circuits HI-8448PCTF Datasheet HTML 3Page - Holt Integrated Circuits HI-8448PCTF Datasheet HTML 4Page - Holt Integrated Circuits HI-8448PCTF Datasheet HTML 5Page - Holt Integrated Circuits HI-8448PCTF Datasheet HTML 6Page - Holt Integrated Circuits HI-8448PCTF Datasheet HTML 7Page - Holt Integrated Circuits HI-8448PCTF Datasheet HTML 8Page - Holt Integrated Circuits HI-8448PCTF Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HI-8444, HI-8445, HI-8448 PACKAGE DIMENSIONS
inches (millimeters)
Package Type: 20HS
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
20-PIN PLASTIC TSSOP
0° to 8°
Pin 1
.0095 ± .0025
(.245 ± .055)
.2555 ± .0035
(6.500 ± .100)
.173 ± .004
(4.400 ± .100)
.006 ± .002
(.145 ± .055)
.036 ± .005
(.925 ± .125)
.004 ± .002
(.100 ± .050)
.018 - .029
(.450 - .750)
.252 ± .006
(6.400 ± .150)
Detail A
See Detail A
.026
(.650)
BSC
Package Type:
0
° £ Q £ 7°
Detail A
See Detail A
SQ.
44PTQS
44-PIN PLASTIC QUAD FLAT PACK (PQFP)
.006
(.15)
.547 ± .010
(13.90 ± .25)
.394 ± .004
(10.0 ± .10)
SQ.
MAX.
.014 ± .002
(.35 ± .05)
.035
.006
±
(.88
.15)
±
.005
(.13)
R MIN.
.012
(.30)
R MAX.
.055
.002
±
(1.4
.05)
±
.063
(1.6)
MAX.
.0315
(.80)
inches (millimeters)
BSC
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
HOLT INTEGRATED CIRCUITS
8


Similar Part No. - HI-8448PCTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8448PQI HOLTIC-HI-8448PQI Datasheet
139Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-8448PQI-10 HOLTIC-HI-8448PQI-10 Datasheet
139Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-8448PQI-10 HOLTIC-HI-8448PQI-10 Datasheet
145Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-8448PQIF-10 HOLTIC-HI-8448PQIF-10 Datasheet
145Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-8448PQT HOLTIC-HI-8448PQT Datasheet
139Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
More results

Similar Description - HI-8448PCTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8444 HOLTIC-HI-8444_06 Datasheet
145Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-8444 HOLTIC-HI-8444 Datasheet
139Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-3596 HOLTIC-HI-3596_15 Datasheet
1Mb / 18P
   Octal ARINC 429 Receivers
HI-8444 HOLTIC-HI-8444_16 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
HI-8448 HOLTIC-HI-8448_16 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
logo
Device Engineering Inco...
DEI1148 DEIAZ-DEI1148 Datasheet
532Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1046A DEIAZ-DEI1046A Datasheet
211Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1049 DEIAZ-DEI1049 Datasheet
690Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1046 DEIAZ-DEI1046 Datasheet
413Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1044A DEIAZ-DEI1044A Datasheet
212Kb / 7P
   QUAD ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com