Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3599PSTF-40 Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part # HI-3599PSTF-40
Description  Octal ARINC 429 Receiverswith Label Recognition and SPI Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3599PSTF-40 Datasheet(HTML) 9 Page - Holt Integrated Circuits

Back Button HI-3599PSTF-40 Datasheet HTML 5Page - Holt Integrated Circuits HI-3599PSTF-40 Datasheet HTML 6Page - Holt Integrated Circuits HI-3599PSTF-40 Datasheet HTML 7Page - Holt Integrated Circuits HI-3599PSTF-40 Datasheet HTML 8Page - Holt Integrated Circuits HI-3599PSTF-40 Datasheet HTML 9Page - Holt Integrated Circuits HI-3599PSTF-40 Datasheet HTML 10Page - Holt Integrated Circuits HI-3599PSTF-40 Datasheet HTML 11Page - Holt Integrated Circuits HI-3599PSTF-40 Datasheet HTML 12Page - Holt Integrated Circuits HI-3599PSTF-40 Datasheet HTML 13Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
HI-3596, HI-3597, HI-3598, HI-3599
HOLT INTEGRATED CIRCUITS
9
comparedtothefirst(MSB)bitofeachSPI8-bitdata
fieldfromSPIinstructionn1hex,where“n”isthechan-
nel number 1-8 hex.
IfachannelControlRegisterCR2bitequals”0,”thecor-
responding receiver recognizes all label values as valid,
as shown in Table 9.
Reading the Label Memory
Thecontentsofeachchannel’sLabelMemorymaybe
read via the SPI interface using instruction n2 hex where
“n”equalsthechannelnumber1-8hex,asdescribedin
Table 2.
Digital Transmit Function
The Transmit Register can be used as a digital transmit-
ter by connecting the TX1 and TX0 pins to an external
ARINC 429 line driver such as the HI-8570 or HI-8571
(except HI-3599).
Loopback Self-Test
The HI-359x devices may use the Transmit Register
toexecuteuser-definedself-testsequences(loopback
test) for each receiver. This feature may be individually
enabled for each receiver by resetting Control Register
CR5bitto“0”.A32-bittestwordisloadedtotheTrans-
mit Register using SPI instructions n8 hex (for ARINC
429 high-speed data rate) or n9 hex (for ARINC 429 low
speed). Upon completion of the instruction, the word is
shifted out of the register and routed to all receivers.
If self-test mode is enabled and the receive channel
is set to the correct speed, each channel will receive
the test word as if it came from an external ARINC 429
bus.Ifloopbackisnotenabled,thechannelignoresthe
self-test word and continues to respond to the external
ARINC 429 bus (
Note: In the case of HI-3597, RIN1A
and RIN1B pins are not available). In all cases, the serial
test word may be observed at the TX1 and TX0 pins
(except HI-3599), as shown in Table 10.
NOTE:ThefirstbitshiftedintotheSelfTestregisterwill
bethefirstbitsenttothereceiversandtheTX1andTX0
pins. In ARINC 429 protocol, this bit is the LSB.
Table 10. Test Outputs
TX1
TX0
ARINC 429 State
0
0
NULL
1
0
ONE
0
1
ZERO
Line Receiver Input Pins
The HI-3598 has two sets of Line Receiver input pins,
RINA/B and RINA/B-40. Only one pair may be used
to connect to the ARINC 429 bus. THE RINA/B pins
may be connected directly to the ARINC 429 bus. The
RINA/B-40pinsrequireanexternal40KΩresistortobe
added in series with each ARINC input without affect-
ing the ARINC input thresholds. This option is especially
useful in applications where lightning protection circuitry
is also required.
When using the RINA/B-40 pins, each side of the ARINC
busmustbeconnectedthrougha40KΩseriesresistor
in order for the chip to detect the correct ARINC levels.
The typical 10V differential signal is translated and input
to a window comparator and latch. The comparator lev-
elsaresetsothatwiththeexternal40KΩresistors,they
are just below the standard 6.5V minimum ARINC data
threshold and just above the standard 2.5V maximum
ARINC null threshold.
When using HI-3596, HI-3597 or HI-3599, only one set
of ARINC 429 receive inputs are provided for each chan-
nel. The standard HI-3596, HI-3597 and HI-3599 use the
direct-connection RINA / RINB pins. The HI-3596-40,
HI-3597-40 and HI-3599-40 devices use the RINA-40 /
RINB-40 pins and require external 40KΩ series resis-
tors. See the Ordering Information table for complete
part number options.
Please refer to the Holt AN-300 Application Note for
additional information and recommendations on light-
ning protection of Holt line drivers and line receivers.
Master Reset (MR)
Assertion of Master Reset (MR) causes immediate ter-
mination of data reception. The eight Receive FIFOs
arecleared.StatusRegisterFIFOflagsandFIFOstatus
output signals are also cleared. Master Reset does not
affect the eight channel Control Registers. Master Reset
may be asserted using the MR input pin (HI-3596 and
HI-3598 only) or by executing SPI instruction n7 hex.
An individual receive channel can be reset by setting
itscorrespondingControlRegisterCR3bitto“1”.This
clears the channel’s receiver logic and Receive FIFO
anddisablesthereceiveruntilCR3isresetto“0”.For
applications requiring less than eight channels, unused
receivers should be held in reset by setting the corre-
sponding Control Register CR3 bits.


Similar Part No. - HI-3599PSTF-40

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3599 HOLTIC-HI-3599 Datasheet
208Kb / 18P
   Octal ARINC 429 Receivers with Label Recognition and SPI Interface
More results

Similar Description - HI-3599PSTF-40

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3596 HOLTIC-HI-3596 Datasheet
208Kb / 18P
   Octal ARINC 429 Receivers with Label Recognition and SPI Interface
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-3596 HOLTIC-HI-3596_15 Datasheet
1Mb / 18P
   Octal ARINC 429 Receivers
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
logo
Holt Integrated Circuit...
HI-3585 HOLTIC-HI-3585 Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
logo
Device Engineering Inco...
DEI1148 DEIAZ-DEI1148 Datasheet
532Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1046A DEIAZ-DEI1046A Datasheet
211Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com