Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8448PQTF Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-8448PQTF
Description  Quad / Octal ARINC 429 Line Receivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8448PQTF Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-8448PQTF Datasheet HTML 1Page - Holt Integrated Circuits HI-8448PQTF Datasheet HTML 2Page - Holt Integrated Circuits HI-8448PQTF Datasheet HTML 3Page - Holt Integrated Circuits HI-8448PQTF Datasheet HTML 4Page - Holt Integrated Circuits HI-8448PQTF Datasheet HTML 5Page - Holt Integrated Circuits HI-8448PQTF Datasheet HTML 6Page - Holt Integrated Circuits HI-8448PQTF Datasheet HTML 7Page - Holt Integrated Circuits HI-8448PQTF Datasheet HTML 8Page - Holt Integrated Circuits HI-8448PQTF Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HI-8444, HI-8445, HI-8448
PIN
SYMBOL
FUNCTION
DESCRIPTION
1
IN1 A
ARINC input
Receiver 1 positive input
2
IN1 B
ARINC input
3
IN2 A
4
IN2 B
5
TESTA
Logic input
Test input. (Not available on HI-8445)
6
TESTB
7
IN3 A
9
IN4 A
10
IN4 B
11
OUT4 B
12
OUT4 A
13
OUT3 B
14
OUT3 A
15
VSS
Power
Ground
16
VDD
Power
Positive supply voltage 3.3V or 5.0 V
Receiver 1 negative input
ARINC input
Receiver 2 positive input
ARINC input
Receiver 2 negative input
Logic input
Test input. (Not available on HI-8445)
ARINC input
Receiver 3 positive input
8
IN3 B
ARINC input
Receiver 3 negative input
ARINC input
Receiver 4 positive input
ARINC input
Receiver 4 negative input
Logic output
Receiver 4 "ZERO" output
Logic output
Receiver 4 "ONE" output
Logic output
Receiver 3 "ZERO" output
Logic output
Receiver 3 "ONE" output
17
OUT2 B
Logic output
Receiver 2 "ZERO" output
18
OUT2 A
Logic output
Receiver 2 "ONE" output
19
OUT1 B
Logic output
Receiver 1 "ZERO" output
20
OUT1 A
Logic output
Receiver 1 "ONE" output
PIN DESCRIPTIONS (HI-8444, HI-8445)
BLOCK DIAGRAMS
IN1 A
IN1 B
IN2 A
IN2 B
IN3 A
IN3 B
IN4 A
IN4 B
TESTA
TESTB
OUT1 A
OUT1 B
OUT2 A
OUT3 A
OUT3 B
OUT4 A
OUT4 B
OUT2 B
IN1 A
IN1 B
IN2 A
IN2 B
IN3 A
IN3 B
IN4 A
IN4 B
OUT1 A
OUT1 B
OUT2 A
OUT3 A
OUT3 B
OUT4 A
OUT4 B
OUT2 B
HI-8444
HI-8445
IN4 AX
OUT1 AX
OUT4 A
OUT4 B
IN1 AX
IN1 BX
IN2 AX
IN2 BX
IN3 AX
IN3 BX
IN4 BX
TESTA(X)
TESTB(X)
OUT1 BX
OUT2 AX
OUT3 AX
OUT3 BX
OUT4 AX
OUT4 BX
OUT2 BX
TESTA(Y)
TESTB(Y)
IN4 AY
IN1 AY
IN1 BY
IN2 AY
IN2 BY
IN3 AY
IN3 BY
IN4 BY
OUT1 AY
OUT1 BY
OUT2 AY
OUT3 AY
OUT3 BY
OUT4 AY
OUT4 BY
OUT2 BY
HI-8448
HOLT INTEGRATED CIRCUITS
2


Similar Part No. - HI-8448PQTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8448PQTF-10 HOLTIC-HI-8448PQTF-10 Datasheet
145Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
More results

Similar Description - HI-8448PQTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8444 HOLTIC-HI-8444_06 Datasheet
145Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-8444 HOLTIC-HI-8444 Datasheet
139Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-3596 HOLTIC-HI-3596_15 Datasheet
1Mb / 18P
   Octal ARINC 429 Receivers
HI-8444 HOLTIC-HI-8444_16 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
HI-8448 HOLTIC-HI-8448_16 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
logo
Device Engineering Inco...
DEI1148 DEIAZ-DEI1148 Datasheet
532Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1046A DEIAZ-DEI1046A Datasheet
211Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1049 DEIAZ-DEI1049 Datasheet
690Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1046 DEIAZ-DEI1046 Datasheet
413Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1044A DEIAZ-DEI1044A Datasheet
212Kb / 7P
   QUAD ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com