Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8282ACJT-10 Datasheet(PDF) 11 Page - Holt Integrated Circuits

Part # HI-8282ACJT-10
Description  ARINC 429 Serial Transmitter and Dual Receiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8282ACJT-10 Datasheet(HTML) 11 Page - Holt Integrated Circuits

Back Button HI-8282ACJT-10 Datasheet HTML 7Page - Holt Integrated Circuits HI-8282ACJT-10 Datasheet HTML 8Page - Holt Integrated Circuits HI-8282ACJT-10 Datasheet HTML 9Page - Holt Integrated Circuits HI-8282ACJT-10 Datasheet HTML 10Page - Holt Integrated Circuits HI-8282ACJT-10 Datasheet HTML 11Page - Holt Integrated Circuits HI-8282ACJT-10 Datasheet HTML 12Page - Holt Integrated Circuits HI-8282ACJT-10 Datasheet HTML 13Page - Holt Integrated Circuits HI-8282ACJT-10 Datasheet HTML 14Page - Holt Integrated Circuits HI-8282ACJT-10 Datasheet HTML 15Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ORDERING INFORMATION
NOTES:
1. The -10 configuration requires an external 10K to 15K ohm resistor in series with each ARINC input to
guarantee specified voltage thresholds. The 15K ohm resistors are required to withstand DO-160F, Level 3,
Waveforms 3,4,5A & 5B pin injection.
HI - 8282A
(Ceramic)
Cx x -xx
HI - 8282A
(Plastic)
Px x x -xx
44 PIN PLASTIC J-LEAD PLCC (44J)
PACKAGE
DESCRIPTION
PART
NUMBER
PJ
PQ
44 PIN PLASTIC QUAD FLAT PACK (44PTQS)
TEMPERATURE
RANGE
FLOW
BURN
IN
-40°C TO +85°C
NO
I
-55°C TO +125°C
-55°C TO +125°C
NO
YES
T
M
PART
NUMBER
T
M
I
PART
NUMBER
F
Blank
LEAD
FINISH
Tin / Lead (Sn / Pb) Solder
100% Matte Tin (Pb-free, RoHS compliant)
INPUT SERIES RESISTANCE
BUILT-IN
REQUIRED EXTERNALLY
PART
NUMBER
25 Kohm
-10 (Note 1)
0
No dash number
35 Kohm
10K to 15K ohm
PACKAGE
DESCRIPTION
40 PIN CERAMIC SIDE BRAZED DIP (40C)
PART
NUMBER
CD
CL
CJ
44 PIN CERAMIC LEADLESS CHIP CARRIER (44S)
44 PIN J-LEAD CERQUAD (44U)
TEMPERATURE
RANGE
FLOW
BURN
IN
-40°C TO +85°C
NO
I
-55°C TO +125°C
-55°C TO +125°C
NO
YES
T
M
PART
NUMBER
T
M
I
LEAD
FINISH
Tin / Lead (Sn / Pb) Solder
Gold
Gold
INPUT SERIES RESISTANCE
BUILT-IN
REQUIRED EXTERNALLY
PART
NUMBER
25 Kohm
-10 (Note 1)
0
No dash number
35 Kohm
10K to 15K ohm
HI-8282A
HOLT INTEGRATED CIRCUITS
11


Similar Part No. - HI-8282ACJT-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282ACJT-10 HOLTIC-HI-8282ACJT-10 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
More results

Similar Description - HI-8282ACJT-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com