Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8150PQI Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-8150PQI
Description  CMOS High Voltage Display Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8150PQI Datasheet(HTML) 6 Page - Holt Integrated Circuits

  HI-8150PQI Datasheet HTML 1Page - Holt Integrated Circuits HI-8150PQI Datasheet HTML 2Page - Holt Integrated Circuits HI-8150PQI Datasheet HTML 3Page - Holt Integrated Circuits HI-8150PQI Datasheet HTML 4Page - Holt Integrated Circuits HI-8150PQI Datasheet HTML 5Page - Holt Integrated Circuits HI-8150PQI Datasheet HTML 6Page - Holt Integrated Circuits HI-8150PQI Datasheet HTML 7Page - Holt Integrated Circuits HI-8150PQI Datasheet HTML 8Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
LD
DIN
BPIN
BPOSC
VDD
S37
S38
S1
S2
S3
S4
S5
S6
S26
S25
S24
S23
S22
S21
S20
DOUT 38
N/C
T2
T1
BPOUT
S19
39
38
37
36
35
34
33
32
31
30
29
28
27
52 Pin Plastic PQFP
PARAMETER
SYMBOL
VDD
MIN
TYP
MAX
UNITS
Clock Period
non-cascaded
t
5V
250
ns
cascaded
t
5V
500
ns
Clock Pulse Width
non-cascaded
t
5V
125
ns
cascaded
t
5V
250
ns
Data In - Setup
t
5V
50
ns
Data In - Hold
t
5V
80
ns
Chip Select - Setup to Clock
t
5V
100
ns
Chip Select - Hold to Clock
t
5V
120
ns
Load - Setup to Clock
t
5V
120
ns
Chip Select - Setup to Load
t
5V
0
ns
Load Pulse Width
t
5V
130
ns
Chip Select - Hold to Load
t
5V
120
ns
Data Out Valid, from Clock
t
5V
170
ns
CL
CL
CW
CW
DS
DH
CSS
CSH
CSL
LW
LCS
CDO
LS
HI-8050/51, HI-8150/51
HI-8051 & HI-8151 PIN CONFIGURATIONS
(See page 1 for HI-8050 & HI-8150 pin configurations)
AC ELECTRICAL CHARACTERISTICS (See Figure 7)
VDD =
, VEE = -25V, VSS = 0V, TA = operating temperature range (unless otherwise specified).
5V ±5%
HI-8051PQI
HI-8151PQI
HI-8051PQT
&
HI-8151PQT
HOLT INTEGRATED CIRCUITS
6


Similar Part No. - HI-8150PQI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8150PQI HOLTIC-HI-8150PQI Datasheet
247Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8150PQI HOLTIC-HI-8150PQI Datasheet
95Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
More results

Similar Description - HI-8150PQI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050 Datasheet
247Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_11 Datasheet
77Kb / 6P
   CMOS High Voltage Display Driver
HI-8050 HOLTIC-HI-8050_03 Datasheet
95Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8010 HOLTIC-HI-8010_06 Datasheet
110Kb / 9P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045 Datasheet
73Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_07 Datasheet
90Kb / 6P
   CMOS High Voltage Display Driver
HI-8010 HOLTIC-HI-8010 Datasheet
380Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_07 Datasheet
83Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_05 Datasheet
78Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8020 HOLTIC-HI-8020_06 Datasheet
222Kb / 7P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8020 HOLTIC-HI-8020 Datasheet
271Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com