Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

591-2101-102F Datasheet(PDF) 8 Page - Dialight Corporation

Part # 591-2101-102F
Description  Surface Mount LED Selector Guide
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

591-2101-102F Datasheet(HTML) 8 Page - Dialight Corporation

Back Button 591-2101-102F Datasheet HTML 4Page - Dialight Corporation 591-2101-102F Datasheet HTML 5Page - Dialight Corporation 591-2101-102F Datasheet HTML 6Page - Dialight Corporation 591-2101-102F Datasheet HTML 7Page - Dialight Corporation 591-2101-102F Datasheet HTML 8Page - Dialight Corporation 591-2101-102F Datasheet HTML 9Page - Dialight Corporation 591-2101-102F Datasheet HTML 10Page - Dialight Corporation 591-2101-102F Datasheet HTML 11Page - Dialight Corporation 591-2101-102F Datasheet HTML 12Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Micro LED
® SMD LED (cont.)
www.dialight.com
ChipLED
Dialight
Part Number
Color
Material
Dom .
λ Typ.
(nm)
Intensity
Typ. (mcd)
Forward
Voltage
Typ. (V)
Viewing
Angle
Height
Test
Current
(mA)
Fig
Type
1206 Series Package with Lens (3.0mm X 1.6mm X Height)
597-3612-407F
Blue
InGaN
470
133
3.3
50
1.5
20
9
Single Color
597-3311-407F
Green
GaP
567
12
2.1
70
1.5
20
9
Single Color
597-3312-407F
Green
AlInGaP
561
42
2.1
60
1.5
20
9
Single Color
597-3325-407F
Green
InGaN
525
415
3.3
50
1.5
20
9
Single Color
597-3111-407F
Red
GaAIAs
647
33.6
1.7
70
1.5
20
9
Single Color
597-3021-407F
Red
AlInGaP
626
240
1.9
60
1.5
20
9
Single Color
597-3202-407F
Orange
AlInGaP
605
240
1.9
60
1.5
20
9
Single Color
597-3201-407F
Orange
GaAsP/GaP
606
9
2.2
70
1.5
20
9
Single Color
597-3401-407F
Yellow
GaAsP
590
6
2.2
70
1.5
20
9
Single Color
1208 Series Package with Reflector (3.0mm X 2.0mm X Height)
597-3002-507F
Red
AlInGaP
630
63
2.2
110
1.3
20
10
Single Color
597-3021-507F
Red
GaAsP
653
6.3
2.0
110
1.3
20
10
Single Color
597-3032-507F
Red
AlInGaP
620
100
2.2
110
1.3
20
10
Single Color
597-3111-507F
Red
AlGaAs
662
16
1.75
110
1.3
20
10
Single Color
597-3202-507F
Orange
AlInGaP
605
160
2.2
110
1.3
20
10
Single Color
597-3211-507F
Orange
GaAsP
612
10
2.0
110
1.3
20
10
Single Color
597-3301-507F
Green
AlInGaP
573
25
2.2
110
1.3
20
10
Single Color
597-3312-507F
Green
AlInGaP
560
18
2.1
110
1.3
20
10
Single Color
597-3322-507F
Green
InGaN
525
140
3.2
110
1.3
20
10
Single Color
597-3401-507F
Yellow
GaAsP
588
6.3
2.1
110
1.3
20
10
Single Color
597-3402-507F
Yellow
AlInGaP
590
160
2.2
110
1.3
20
10
Single Color
597-3502-507F Yellow-Green
AlInGaP
572
25
2.2
110
1.3
20
10
Single Color
597-3602-507F
Blue
InGaN
470
100
3.3
110
1.3
20
10
Single Color
597-3902-507F
White
InGaN
x: 0.3
y: 0.3
900
3.2
110
1.3
20
10
Single Color
1210 Series Package (3.2mm X 2.7mm X Height)
597-7702-607F
Red/Green
GaAsP/GaP
621/569
12/15
2.0/2.1
130
1.1
20
11
Bi-Color
597-7722-607F Yellow/Green
GaP/GaAsp
588/569
9/15
2.1/2.1
130
1.1
20
11
Bi-Color
598-8610-207F
Red / Green
AlInGaP
635 / 565
60 / 40
2 / 2
140
0.7
20
12
Bi-Color
598-8621-207F
Red-Orange /
Green
AlInGaP /
InGaN
625 / 525
100 / 220
2 / 3.2
140
0.7
20
12
Bi-Color
598-8631-207F
Red-Orange /
Green
AlInGaP
625 / 568
110 /40
2 / 2
140
0.7
20
12
Bi-Color
598-8640-207F Yellow / Green
AlInGaP
590 / 570
135 / 50
2 / 2
140
0.7
20
12
Bi-Color
598-8660-207F
Yellow / Red
AlInGaP
590 / 640
135 / 50
2 / 2.2
140
0.7
20
12
Bi-Color
598-8610-307F
Red / Green /
Blue
AlInGaP
635 / 525 /
470
60 / 120 / 80
2 / 3.2
/3.2
140
0.7
20
13
Tri-Color
598-8920-307F
Red-Orange /
Green / Blue
AlInGaP /
InGaN /
InGaN
625 / 525 /
470
120 / 150 /
60
2 / 3.2 /
3.2
140
0.7
20
13
Tri-Color
598-8940-307F
Yellow / Green /
Blue
AlInGaP /
InGaN /
InGaN
590 / 525 /
475
110 / 220 /
90
2 / 3.2 /
3.2
140
0.7
20
13
Tri-Color
1210 Series Package with Reflector (3.0mm X 2.5mm X Height)
597-7701-507F
Red/Green
GaAsP/GaP
653/575
6.3 / 16
2.0/2.2
100
1.3
20
14
Bi-Color
597-7721-507F Yellow/Green
GaAsP/GaP
589/575
6.3 / 21
2.1/2.2
100
1.3
20
14
Bi-Color
8


Similar Part No. - 591-2101-102F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
591-2101-102 DIALIGHT-591-2101-102 Datasheet
43Kb / 4P
   3mm Prism CBI Circuit Board Indicator Surface Mount LED, Square Lens
591-2101-102 DIALIGHT-591-2101-102 Datasheet
1Mb / 16P
   Prism짰 CBI짰 LED Circuit Board Indicators Micro LED짰 Surface Mount LEDs
More results

Similar Description - 591-2101-102F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
598-8070-102F DIALIGHT-598-8070-102F Datasheet
1Mb / 16P
   Surface Mount LED Selector Guide
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
logo
Dialight Corporation
553-0177F DIALIGHT-553-0177F Datasheet
640Kb / 16P
   CBI LED Circuit Board Indicator Selector Guide
logo
List of Unclassifed Man...
SM14ML1S18 ETC2-SM14ML1S18 Datasheet
393Kb / 8P
   Contact selector guide
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
Silicon Laboratories
SI5374B-A-GL SILABS-SI5374B-A-GL Datasheet
1Mb / 20P
   Timing Selector Guide
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com