Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3593PCMF Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-3593PCMF
Description  3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3593PCMF Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-3593PCMF Datasheet HTML 1Page - Holt Integrated Circuits HI-3593PCMF Datasheet HTML 2Page - Holt Integrated Circuits HI-3593PCMF Datasheet HTML 3Page - Holt Integrated Circuits HI-3593PCMF Datasheet HTML 4Page - Holt Integrated Circuits HI-3593PCMF Datasheet HTML 5Page - Holt Integrated Circuits HI-3593PCMF Datasheet HTML 6Page - Holt Integrated Circuits HI-3593PCMF Datasheet HTML 7Page - Holt Integrated Circuits HI-3593PCMF Datasheet HTML 8Page - Holt Integrated Circuits HI-3593PCMF Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
VDD (3.3V)
AMPA
AMPB
SPI
Interface
TXAOUT
TXBOUT
Receive Control
Receive Status
ARINC 429
Transmit
Data FIFO
ARINC 429
Transmit
Formatter
ARINC 429
Line Driver
ARINC 429
Received
Data FIFO
(32 x 32)
Label
Filter
ARINC 429
Valid word
Checker
(See fig. 3)
ARINC 429
Line Receiver
Label
Filter
Bit Map
Memory
RIN1B-40
RIN1A
RIN1B
RIN1A-40
SCK
CS
SI
SO
V-
ACLK
GND
TFULL
V+
40 K
W
40 K
W
37.5
W
ARINC
Clock
Divider
BLOCK DIAGRAM
HI-3593
HOLT INTEGRATED CIRCUITS
2
Priority -
Label
Match (x3)
P-L Reg 3
P-L Reg 2
P-L Reg 1
Receiver 1
Receiver 2
RIN2B-40
RIN2A
RIN2B
RIN2A-40
DC / DC
Converter
3.3V
Transmitter
V+
V-
CP+
CP-
CN+
CN-
MR
V+
V-
Transmit Control
Transmit Status
Buffer
Buffer
Buffer
Flag /
Interrupt
R1FLAG
R1INT
R2FLAG
R2INT
TEMPTY
MB2-3
MB2-2
MB2-1
MB1-3
MB1-2
MB1-1
5
W
37.5
W
5
W
47uF
47uF
0.47uF
2.2uF


Similar Part No. - HI-3593PCMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3593PCMF HOLTIC-HI-3593PCMF Datasheet
143Kb / 23P
   3.3V ARINC 429 Dual Receiver, Single Transmitter with SPI Interface
More results

Similar Description - HI-3593PCMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3593 HOLTIC-HI-3593 Datasheet
143Kb / 23P
   3.3V ARINC 429 Dual Receiver, Single Transmitter with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584 Datasheet
313Kb / 15P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com