Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8045 Datasheet(PDF) 5 Page - Holt Integrated Circuits

Part # HI-8045
Description  CMOS HIGH VOLTAGE DISPLAY DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8045 Datasheet(HTML) 5 Page - Holt Integrated Circuits

  HI-8045_07 Datasheet HTML 1Page - Holt Integrated Circuits HI-8045_07 Datasheet HTML 2Page - Holt Integrated Circuits HI-8045_07 Datasheet HTML 3Page - Holt Integrated Circuits HI-8045_07 Datasheet HTML 4Page - Holt Integrated Circuits HI-8045_07 Datasheet HTML 5Page - Holt Integrated Circuits HI-8045_07 Datasheet HTML 6Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
S55
S54
S53
S52
S51
S50
S49
S48
S47
S46
S45
S44
S43
S42
S41
S40
S39
S38
S37
S36
S35
S34
S33
S32
S31
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
N/C
V
LD
DIN
BPOSC
N/C
N/C
BPIN
N/C
CONVOUT
V
DOUT 85
CONVOSC
V
T1
T2
BP
S1
S2
S3
S4
S5
S6
SS
DD
EE
CS
CL
HI-8045PQ
80 - SEGMENT
100 - PIN
PLASTIC
QUAD FLAT PACK
Pin 1
PIN ASSIGNMENTS
PACKAGE
DESCRIPTION
100-PIN PLASTIC QUAD FLAT PACK, PQFP (100PQS)
PART
NUMBER
HI-8045PQ
TEMPERATURE
RANGE
FLOW
BURN
IN
-40°C TO +85°C
No
I
PART
NUMBER
Blank
100% Matte Tin (Pb-free, RoHS compliant)
Tin / Lead (Sn / Pb) Solder
-55°C TO +125°C
No
T
T
-55°C TO +125°C
No
T
TF
-40°C TO +85°C
No
I
F
100% Matte Tin (Pb-free, RoHS compliant)
Tin / Lead (Sn / Pb) Solder
LEAD
FINISH
HI - 8045PQ xx
ORDERING INFORMATION
HI-8045
HOLT INTEGRATED CIRCUITS
5


Similar Part No. - HI-8045_07

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8045PQ HOLTIC-HI-8045PQ Datasheet
73Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045PQT HOLTIC-HI-8045PQT Datasheet
73Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_11 Datasheet
77Kb / 6P
   CMOS High Voltage Display Driver
More results

Similar Description - HI-8045_07

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050 Datasheet
247Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_11 Datasheet
77Kb / 6P
   CMOS High Voltage Display Driver
HI-8050 HOLTIC-HI-8050_03 Datasheet
95Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8010 HOLTIC-HI-8010_06 Datasheet
110Kb / 9P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045 Datasheet
73Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_07 Datasheet
90Kb / 6P
   CMOS High Voltage Display Driver
HI-8010 HOLTIC-HI-8010 Datasheet
380Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_05 Datasheet
78Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8020 HOLTIC-HI-8020_06 Datasheet
222Kb / 7P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8020 HOLTIC-HI-8020 Datasheet
271Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com