Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3593PCI Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-3593PCI
Description  3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3593PCI Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-3593PCI Datasheet HTML 1Page - Holt Integrated Circuits HI-3593PCI Datasheet HTML 2Page - Holt Integrated Circuits HI-3593PCI Datasheet HTML 3Page - Holt Integrated Circuits HI-3593PCI Datasheet HTML 4Page - Holt Integrated Circuits HI-3593PCI Datasheet HTML 5Page - Holt Integrated Circuits HI-3593PCI Datasheet HTML 6Page - Holt Integrated Circuits HI-3593PCI Datasheet HTML 7Page - Holt Integrated Circuits HI-3593PCI Datasheet HTML 8Page - Holt Integrated Circuits HI-3593PCI Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TABLE 1. DEFINED INSTRUCTIONS
Op-Code R/W
# Data
DESCRIPTION
bytes
0x00
W
0
Instruction not implemented. No operation.
0x04
W
0
Software controlled Master Reset
0x08
W
1
Write Transmit Control Register
0x0C
W
4
Write ARINC 429 message to Transmit FIFO
0x18
W
3
Write Receiver 1 Priority-Label Match Registers. The data field consists of three eight-bit labels. The first data
byte is written to P-L filter #3, the second to P-L filter #2, and the last byte to filter #1
0x10
W
1
Write Receiver 1 Control Register
0x14
W
32
Write label values to Receiver 1 label memory. Starting with label 0xFF, consecutively set or reset each
label in descending order. For example, if the first data byte is programmed to 10110010 then labels FF,
FD FC and F9 will be set and FE, FB, FA and F8 will be reset.
0x24
W
1
Write Receiver 2 Control Register
0x28
W
32
Write label values to Receiver 2 label memory. Starting with label 0xFF, consecutively set or reset each
label in descending order. For example, if the first data byte is programmed to 10110010 then labels FF,
FD FC and F9 will be set and FE, FB, FA and F8 will be reset.
0x2C
W
3
Write Receiver 2 Priority-Label Match Registers. The data field consists of three eight-bit labels. The first
eight bits is written to P-L filter #3, the second to P-L filter #2, and the last byte to filter #1
0x34
W
1
Write Flag / Interrupt Assignment Register
0x38
W
1
Write ACLK Division Register
0x40
W
0
Transmit current contents of Transmit FIFO if Transmit Control Register bit 5 (TMODE) is a “0”
0x44
W
0
Software Reset. Clears the Transmit and Receive FIFOs and the Priority-Label Registers
0x48
W
0
Set all bits in Receiver 1 label memory to a “1”
0x4C
W
0
Set all bits in Receiver 2 label memory to a “1”
0x80
R
1
Read Transmit Status Register
0x84
R
1
Read Transmit Control Register
0x90
R
1
Read Receiver 1 Status Register
0x94
R
1
Read Receiver 1 Control Register
0x98
R
32
Read label values from Receiver 1 label memory.
0x9C
R
3
Read Receiver 1 Priority-Label Match Registers.
0xA0
R
4
Read one ARINC 429 message from the Receiver 1 FIFO
0xA4
R
3
Read Receiver 1 Priority-Label Register #1, ARINC429 bytes 2,3 & 4 (bits9-32)
0xA8
R
3
Read Receiver 1 Priority-Label Register #2, ARINC429 bytes 2,3 & 4 (bits9-32)
0xAC
R
3
Read Receiver 1 Priority-Label Register #3, ARINC429 bytes 2,3 & 4 (bits9-32)
0xB0
R
1
Read Receiver 2 Status Register
0xB4
R
1
Read Receiver 2 Control Register
0xB8
R
32
Read label values from Receiver 2 label memory.
0xBC
R
3
Read Receiver 2 Priority-Label Match Registers.
0xC0
R
4
Read one ARINC 429 message from the Receiver 2 FIFO
0xC4
R
3
Read Receiver 2 Priority-Label Register #1, ARINC429 bytes 2,3 & 4 (bits9-32)
0xC8
R
3
Read Receiver 2 Priority-Label Register #2, ARINC429 bytes 2,3 & 4 (bits9-32)
0xCC
R
3
Read Receiver 2 Priority-Label Register #3, ARINC429 bytes 2,3 & 4 (bits9-32)
0xD0
R
1
Read Flag / Interrupt Assignment Register
0xD4
R
1
Read ACLK Division Register
0xFF
R
0
Instruction not implemented. No operation.
HI-3593
HOLT INTEGRATED CIRCUITS
4


Similar Part No. - HI-3593PCI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3593PCI HOLTIC-HI-3593PCI Datasheet
143Kb / 23P
   3.3V ARINC 429 Dual Receiver, Single Transmitter with SPI Interface
HI-3593PCIF HOLTIC-HI-3593PCIF Datasheet
143Kb / 23P
   3.3V ARINC 429 Dual Receiver, Single Transmitter with SPI Interface
More results

Similar Description - HI-3593PCI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3593 HOLTIC-HI-3593 Datasheet
143Kb / 23P
   3.3V ARINC 429 Dual Receiver, Single Transmitter with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584 Datasheet
313Kb / 15P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com