Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3588PCT Datasheet(PDF) 11 Page - Holt Integrated Circuits

Part # HI-3588PCT
Description  ARINC 429 Receiver with SPI Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3588PCT Datasheet(HTML) 11 Page - Holt Integrated Circuits

Back Button HI-3588PCT Datasheet HTML 5Page - Holt Integrated Circuits HI-3588PCT Datasheet HTML 6Page - Holt Integrated Circuits HI-3588PCT Datasheet HTML 7Page - Holt Integrated Circuits HI-3588PCT Datasheet HTML 8Page - Holt Integrated Circuits HI-3588PCT Datasheet HTML 9Page - Holt Integrated Circuits HI-3588PCT Datasheet HTML 10Page - Holt Integrated Circuits HI-3588PCT Datasheet HTML 11Page - Holt Integrated Circuits HI-3588PCT Datasheet HTML 12Page - Holt Integrated Circuits HI-3588PCT Datasheet HTML 13Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
HI-3588
ORDERING INFORMATION
HI - 3588 xx x x
PACKAGE
DESCRIPTION
44 PIN PLASTIC CHIP-SCALE, QFN (44PCS)
PART
NUMBER
PC
44 PIN PLASTIC QUAD FLAT PACK, PQFP (44PMQS)
PQ
LEAD
FINISH
PART
NUMBER
100% Matte Tin (Pb-free, RoHS compliant)
F
Tin / Lead (Sn / Pb) Solder
Blank
TEMPERATURE
RANGE
BURN
IN
-40°C TO +85°C
No
-55°C TO +125°C
No
T
PART
NUMBER
T
I
FLOW
I
HOLT INTEGRATED CIRCUITS
11


Similar Part No. - HI-3588PCT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3588PCT HOLTIC-HI-3588PCT Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3588PCT HOLTIC-HI-3588PCT Datasheet
100Kb / 11P
   Receiver with SPI Interface
HI-3588PCTF HOLTIC-HI-3588PCTF Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3588PCTF HOLTIC-HI-3588PCTF Datasheet
100Kb / 11P
   Receiver with SPI Interface
More results

Similar Description - HI-3588PCT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3593 HOLTIC-HI-3593_13 Datasheet
140Kb / 23P
   3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
HI-3593 HOLTIC-HI-3593 Datasheet
143Kb / 23P
   3.3V ARINC 429 Dual Receiver, Single Transmitter with SPI Interface
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-3585 HOLTIC-HI-3585 Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
logo
Device Engineering Inco...
DEI1041 DEIAZ-DEI1041 Datasheet
136Kb / 8P
   ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com