Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

553-2211 Datasheet(PDF) 6 Page - Dialight Corporation

Part # 553-2211
Description  3mm LED CBI Circuit Board Indicator Bi-level
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

553-2211 Datasheet(HTML) 6 Page - Dialight Corporation

Back Button 553-2211 Datasheet HTML 2Page - Dialight Corporation 553-2211 Datasheet HTML 3Page - Dialight Corporation 553-2211 Datasheet HTML 4Page - Dialight Corporation 553-2211 Datasheet HTML 5Page - Dialight Corporation 553-2211 Datasheet HTML 6Page - Dialight Corporation 553-2211 Datasheet HTML 7Page - Dialight Corporation 553-2211 Datasheet HTML 8Page - Dialight Corporation 553-2211 Datasheet HTML 9Page - Dialight Corporation 553-2211 Datasheet HTML 10Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4-60 Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
3mm Discrete LED
Low Current
Diffused
521-9324, -9325, -9326
4.4
[.175]
1.01
[.040]
5.97
[.235]
26.67
[1.05]
MIN.
1.00
[.040]
.40
[.016]
3.3
[.130]
2.54
[.100]
.40
[.016]
CATHODE
1.0
[.040]
PART NO.
COLOR
521-9324
Red
521-9325
Yellow
521-9326
Green
Red
Yellow
Green
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
-9324
-9325
-9326
Power Dissipation (mW)
20
20
20
Forward Current (mA)
7
7
7
Derating (mA/°C)
From 90°C
.7
.7
.7
Peak Current (mA)
500
500
500
Pulse width = 10 µs
Operating Temperature (°C)
-55/+100
-55/+100
-55/+100
Storage Temperature (°C)
-55/+100
-55/+100
-55/+100
Soldering Temperature
260°C, 5 seconds, 1.6 mm from case
Red
Yellow
Green
OPERATING CHARACTERISTICS (T
A=25°C)
-9324
-9325
-9326
Luminous Intensity (mcd)
Min.
1
1
1
IF=2mA
Typical
1.6
1.6
1.6
Peak Wavelength (nm)
Typical
635
585
565
λ Peak
Viewing Angle (2
Θ ½)
Typical
60°
60°
60°
Forward Voltage (V)
Typical
1.7
1.8
1.9
IF=2mA
Max.
2.2
2.7
2.2
Reverse Voltage (V), IR=50µA
Min.
5
5
5
Dimensions in mm [inches]
Θ is the off axis angle at which the luminous intensity is half the axial luminous intensity
Solder Adherence per MIL-STD-202E, Method 208C
MOUNTING CLIP: 515-0006
located on page 4-65


Similar Part No. - 553-2211

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
553-2211 DIALIGHT-553-2211 Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-2211 DIALIGHT-553-2211 Datasheet
84Kb / 10P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
553-2211-200 DIALIGHT-553-2211-200 Datasheet
73Kb / 8P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
553-2211-300 DIALIGHT-553-2211-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
553-2211-300 DIALIGHT-553-2211-300 Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
More results

Similar Description - 553-2211

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX DIALIGHT-553-XXXX Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX-300 DIALIGHT-553-XXXX-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
569-011X-X00 DIALIGHT-569-011X-X00 Datasheet
43Kb / 3P
   3mm LED CBI Circuit Board Indicator High Density Narrow Bi-Level
564-0X00-XXX DIALIGHT-564-0X00-XXX Datasheet
65Kb / 8P
   3mm LED CBI Circuit Board Indicator Tri-Level
568-0X0X-XXX DIALIGHT-568-0X0X-XXX Datasheet
25Kb / 2P
   3mm LED CBI Circuit Board Indicator Quad-Level
568-0101-111 DIALIGHT-568-0101-111 Datasheet
108Kb / 2P
   3mm LED CBI Circuit Board Indicator QUAD-LEVEL
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
564-0140-111 DIALIGHT-564-0140-111 Datasheet
109Kb / 2P
   3mm LED CBI Circuit Board Indicator TRI-LEVEL
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com