Electronic Components Datasheet Search |
|
CWR06CB155MTB Datasheet(PDF) 5 Page - Vishay Siliconix |
|
CWR06CB155MTB Datasheet(HTML) 5 Page - Vishay Siliconix |
5 / 7 page CWR06 www.vishay.com Vishay Sprague Revision: 27-Feb-13 5 Document Number: 40009 For technical questions, contact: tantalum@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes (1) A0, B0, K0, are determined by the maximum dimensions to the ends of the terminals extending from the component body and/or the body dimensions of the component. The clearance between the ends of the terminals or body of the component to the sides and depth of the cavity (A0, B0, K0) must be within 0.002" (0.05 mm) minimum and 0.020" (0.50 mm) maximum. The clearance allowed must also prevent rotation of the component within the cavity of not more than 20°. (2) Tape with components shall pass around radius “R” without damage. The minimum trailer length may require additional length to provide “R” minimum for 12 mm embossed tape for reels with hub diameters approaching N minimum. (3) This dimension is the flat area from the edge of the sprocket hole to either outward deformation of the carrier tape between the embossed cavities or to the edge of the cavity whichever is less. (4) This dimension is the flat area from the edge of the carrier tape opposite the sprocket holes to either the outward deformation of the carrier tape between the embossed cavity or to the edge of the cavity whichever is less. (5) The embossed hole location shall be measured from the sprocket hole controlling the location of the embossement. Dimensions of embossement location shall be applied independent of each other. (6) B1 dimension is a reference dimension tape feeder clearance only. TAPE AND REEL PACKAGING in inches [millimeters] Note • Metric dimensions will govern. Dimensions in inches are rounded and for reference only. Tape and reel specifications: All case sizes are available on plastic embossed tape per EIA-481. Standard reel diameter is 7" (178 mm). CARRIER TAPE DIMENSIONS in inches [millimeters] CASE CODE TAPE SIZE B1 (max.) D1 (min.) F P1 T2 (max.) W A 8 mm 0.179 [4.55] 0.039 [1.0] 0.138 ± 0.002 [3.5 ± 0.05] 0.157 ± 0.004 [4.0 ± 0.1] 0.098 [2.5] 0.315 ± 0.004 [8.0 ± 0.10] B, C, D, E 12 mm 0.323 [8.2] 0.059 [1.5] 0.217 ± 0.002 [5.5 ± 0.05] 0.157 ± 0.004 [4.0 ± 0.1] 0.256 [6.5] 0.472 ± 0.012 [12.0 ± 0.30] F 12 mm double pitch 0.323 [8.2] 0.059 [1.5] 0.217 ± 0.002 [5.5 ± 0.05] 0.315 ± 0.004 [8.0 ± 0.10] 0.256 [6.5] 0.472 ± 0.012 [12.0 ± 0.30] G, H 16 mm 0.476 [12.1] 0.059 [1.5] 0.295 ± 0.004 [7.5 ± 0.1] 0.315 ± 0.004 [8.0 ± 0.10] 0.315 [8.0] 0.642 max. [16.3] max. 0.004 [0.10] max. K 0 T 2 (max.) B 1 (max.) (6) 0.024 [0.600] max. 10 pitches cumulative tolerance on tape ± 0.008 [0.200] Embossment 0.069 ± 0.004 [1.75 ± 0.10] D 1 (min.) for components 0.079 x 0.047 [2.0 x 1.2] and larger (5) . Maximum USER DIRECTION OF FEED Center lines of cavity A 0 P 1 F W 0.030 [0.75] min. (3) 0.030 [0.75] min. (4) 0.079 ± 0.002 [2.0 ± 0.05] 0.157 ± 0.004 [4.0 ± 0.10] 0.059 + 0.004 - 0.0 [1.5 + 0.10 - 0.0] B 0 Maximum component rotation (Side or front sectional view) 20° For tape feeder reference only including draft. Concentric around B 0 Deformation between embossments Top cover tape Top cover tape cavity size (1) DIRECTION OF FEED Cathode (-) Anode (+) Bending radius (2) R minimum: 8 mm = 0.984" (25 mm) 12 mm and 16 mm = 1.181" (30 mm) R min. 20° maximum component rotation Typical component cavity center line Typical component center line A 0 B 0 (Top view) 0.9843 [250.0] Tape 3.937 [100.0] 0.039 [1.0] max. 0.039 [1.0] max. Camber Allowable camber to be 0.039/3.937 [1/100] (Top view) Non-cumulative over 9.843 [250.0] |
Similar Part No. - CWR06CB155MTB |
|
Similar Description - CWR06CB155MTB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |