Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

551-3508F Datasheet(PDF) 4 Page - Dialight Corporation

Part # 551-3508F
Description  CBI LED Circuit Board Indicator Selector Guide
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

551-3508F Datasheet(HTML) 4 Page - Dialight Corporation

  551-3508F Datasheet HTML 1Page - Dialight Corporation 551-3508F Datasheet HTML 2Page - Dialight Corporation 551-3508F Datasheet HTML 3Page - Dialight Corporation 551-3508F Datasheet HTML 4Page - Dialight Corporation 551-3508F Datasheet HTML 5Page - Dialight Corporation 551-3508F Datasheet HTML 6Page - Dialight Corporation 551-3508F Datasheet HTML 7Page - Dialight Corporation 551-3508F Datasheet HTML 8Page - Dialight Corporation 551-3508F Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
3MM
LED from
PCB
(a)
Housing
mounts on
x Pitch
(b)
Front of
housing to
center of
lead
(c)
Distance
between
LEDs
(d)
Available
Colors
Additional
Options
3 mm LED CBI
551-xx01F
0.197
(5mm)
0.197
(5mm)
0.269
(6.84mm)
-
G
Y
R
B
O
Integral Resistor, 5V
Low Current
Bi-Color
Reverse Polarity
(DIN 41494 compatible)
551-xx02F
0.1
(2.54mm)
0.175
(4.45mm)
0.27
(6.86mm)
-
G
Y
R
Integral Resistor, 5V
Low Current
Bi-Color
Reverse Polarity
551-xx03F
0.25
(6.35mm)
0.185
(4.70mm)
0.14
(3.6mm)
-
G
Y
R
B
Integral Resistor, 5V
Low Current
Bi-Color
Reverse Polarity
551-xx04F
0.45
(11.4mm)
0.185
(4.70mm)
0.14
(3.6mm)
-
G
Y
R
B
Integral Resistor, 5V
Low Current
Bi-Color
Reverse Polarity
551-xx07F
0.2
(5.08mm)
0.175
(4.45mm)
0.175
(4.45mm)
-
G
Y
R
B
O
Integral Resistor, 5V
Low Current
Bi-Color
Reverse Polarity
551-xx09F
0.12
(3.05mm)
0.165
(4.19mm)
0.16
(4.06mm)
-
G
Y
R
B
O
Integral Resistor, 5V
Low Current
Bi-Color
Reverse Polarity
551-xx11F
0.2
(5.08mm)
0.156
(3.96mm)
0.247
(6.27mm)
-
G
Y
R
B
Low Current
(DIN 41494 compatible)
3mm 3-Leaded Bi-Color LED CBI
551-3508F
0.15
(3.81mm)
0.2
(5.08mm)
0.18
(4.57mm)
-
R/G
-
551-3508-801F
0.15
(3.81mm)
0.2
(5.08mm)
0.18
(4.57mm)
-
R/G
-
CBI
® LED Circuit Board Indicator Selector Guide
Dialight Corporation • 1501 Route 34 South Farmingdale, NJ 07727 • www.dialight.com • 1-732-919-3119
Dialight Europe Ltd. • Exning Road, Newmarket, Suffolk, United Kingdom CB8 0AX • www.dialight.com • +44 (0)1638 666541
Dialight reserves the right to make changes at any time in order to supply the best product possible. Please reference www.dialight.com for the most current literature.
pg. 3


Similar Part No. - 551-3508F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
551-3508 DIALIGHT-551-3508 Datasheet
27Kb / 2P
   3mm, Flat Top LED CBI Circuit Board Indicator In-line, 3 Leaded Bi-Color
More results

Similar Description - 551-3508F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
350-1817-ND DIALIGHT-350-1817-ND Datasheet
78Kb / 9P
   LED CBI Circuit Board Indicator
555-2XXX DIALIGHT-555-2XXX Datasheet
31Kb / 5P
   2mm LED CBI Circuit Board Indicator Single
553-XXXX-300 DIALIGHT-553-XXXX-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
555-4XXX DIALIGHT-555-4XXX Datasheet
25Kb / 3P
   2mm LED CBI Circuit Board Indicator Quad
564-0100-132F DIALIGHT-564-0100-132F Datasheet
39Kb / 2P
   LED CBI Circuit Board Indicator Tri-Level
555-2003F DIALIGHT-555-2003F Datasheet
58Kb / 3P
   2mm LED CBI Circuit Board Indicator Single
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
564-0X00-XXX DIALIGHT-564-0X00-XXX Datasheet
65Kb / 8P
   3mm LED CBI Circuit Board Indicator Tri-Level
568-0X0X-XXX DIALIGHT-568-0X0X-XXX Datasheet
25Kb / 2P
   3mm LED CBI Circuit Board Indicator Quad-Level
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com