Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7101K2YV2BE Datasheet(PDF) 9 Page - C&K Components

Part # 7101K2YV2BE
Description  7000 Series Miniature Toggle Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

7101K2YV2BE Datasheet(HTML) 9 Page - C&K Components

Back Button 7101K2YV2BE Datasheet HTML 5Page - C&K Components 7101K2YV2BE Datasheet HTML 6Page - C&K Components 7101K2YV2BE Datasheet HTML 7Page - C&K Components 7101K2YV2BE Datasheet HTML 8Page - C&K Components 7101K2YV2BE Datasheet HTML 9Page - C&K Components 7101K2YV2BE Datasheet HTML 10Page - C&K Components 7101K2YV2BE Datasheet HTML 11Page - C&K Components 7101K2YV2BE Datasheet HTML 12Page - C&K Components 7101K2YV2BE Datasheet HTML 13Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PC MOUNTING
PC MOUNTING
7000 Series
Miniature Toggle Switches
TERMINATIONS
Actuator Shown In Pos. 1
Terminals & Support
Switch support with CW, H, H3, H4, Y1, Y4
bushings and KXX actuators.
PC MOUNTING
Actuator Shown In Pos. 1
PC MOUNTING
Actuator Shown In Pos. 1
SECTION A-A
A2
RIGHT ANGLE, PC THRU-HOLE,
.156" PITCH
A4
RIGHT ANGLE, PC THRU-HOLE
.156" PITCH
AV2
VERTICAL RIGHT ANGLE, PC THRU-HOLE,
.150" PITCH
Not available with I seal option.
Terminal bend radii and lead-in manufacturing option.
Not available with KXX & TXX actuators, CW, H, H3, H4, Y1 & Y4 bushings,
and I seal. Terminal bend radii and lead-in manufacturing option.
NOTE: The A4 option is available with any contact material and can be UL recognized and
CSA certified. The PC pattern must clear switch support legs.
Not available with TXX actuators and I seal.
Terminal bend radii and lead-in manufacturing option.
7101MHA2BE
Horizontal Actuation
SPDT
7101MD9AV2BE
Horizontal Actuation
SPDT
7101MD9A4BE
Horizontal Actuation
SPDT
Part No. Shown: 7101MHA2BE
Actuator Shown In Pos. 1
SECTION A-A
AV2
VERTICAL RIGHT ANGLE, PC THRU-HOLE,
.150" PITCH
Not available with I seal option.
Terminal bend radii and lead-in manufacturing option.
7201MD9AV2BE
Vertical Actuation
DPDT
F–11
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
F


Similar Part No. - 7101K2YV2BE

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7101 GILWAY-7101 Datasheet
33Kb / 1P
   T- Subminiature Lamps
logo
List of Unclassifed Man...
7101 ETC1-7101 Datasheet
36Kb / 1P
   Common Mode EMI Inductors
logo
Filtran LTD
7101 FILTRAN-7101 Datasheet
127Kb / 1P
   FIBRE CHANNEL Dual Transformer
logo
Coto Technology
7101 COTO-7101 Datasheet
1Mb / 4P
   7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
C&K Components
7101 CK-COMPONENTS-7101 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
More results

Similar Description - 7101K2YV2BE

ManufacturerPart #DatasheetDescription
logo
C&K Components
7101SD9AV2BE CK-COMPONENTS-7101SD9AV2BE Datasheet
1Mb / 14P
   7000 Series Miniature Toggle Switches
7201SYZQE CK-COMPONENTS-7201SYZQE_13 Datasheet
1Mb / 14P
   7000 Series Miniature Toggle Switches
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
   Miniature Toggle Switches
15 Jan 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com