Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1808SC271MA13A Datasheet(PDF) 1 Page - AVX Corporation

Part # 1808SC271MA13A
Description  High Voltage MLC Chips For 600V to 5000V Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

1808SC271MA13A Datasheet(HTML) 1 Page - AVX Corporation

  1808SC271MA13A Datasheet HTML 1Page - AVX Corporation 1808SC271MA13A Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
87
Notes: Capacitors with X7R dielectrics are not intended for applications across AC supply mains or AC line filtering with polarity reversal. Contact plant for recommendations.
Contact factory for availability of Termination and Tolerance options for Specific Part Numbers.
** The 3640 Style is not available on 7" Reels.
*** AVX offers nonstandard chip sizes. Contact factory for details.
High Voltage MLC Chips
For 600V to 5000V Applications
HOW TO ORDER
SIZE
0805
1206
1210*
1808*
1812*
1825*
2220*
2225*
3640*
(L) Length
2.01 ± 0.20
3.20 ± 0.20
3.20 ± 0.20
4.57 ± 0.25
4.50 ± 0.30
4.50 ± 0.30
5.70 ± 0.40
5.72 ± 0.25
9.14 ± 0.25
(0.079 ± 0.008) (0.126 ± 0.008) (0.126 ± 0.008) (0.180 ± 0.010) (0.177 ± 0.012) (0.177 ± 0.012) (0.224 ± 0.016) (0.225 ± 0.010) (0.360 ± 0.010)
(W) Width
1.25 ± 0.20
1.60 ± 0.20
2.50 ± 0.20
2.03 ± 0.25
3.20 ± 0.20
6.40 ± 0.30
5.00 ± 0.40
6.35 ± 0.25
10.2 ± 0.25
(0.049 ±0.008) (0.063 ± 0.008) (0.098 ± 0.008) (0.080 ± 0.010) (0.126 ± 0.008) (0.252 ± 0.012) (0.197 ± 0.016) (0.250 ± 0.010) (0.400 ± 0.010)
(T) Thickness
1.30
1.52
1.70
2.03
2.54
2.54
3.30
2.54
2.54
Max.
(0.051)
(0.060)
(0.067)
(0.080)
(0.100)
(0.100)
(0.130)
(0.100)
(0.100)
(t) terminal min.
0.50 ± 0.25
0.25 (0.010)
0.25 (0.010)
0.25 (0.010)
0.25 (0.010)
0.25 (0.010)
0.25 (0.010)
0.25 (0.010)
0.76 (0.030)
max. (0.020 ± 0.010)
0.75 (0.030)
0.75 (0.030)
1.02 (0.040)
1.02 (0.040)
1.02 (0.040)
1.02 (0.040)
1.02 (0.040)
1.52 (0.060)
High value, low leakage and small size are difficult parameters to obtain
in capacitors for high voltage systems. AVX special high voltage MLC
chip capacitors meet these performance characteristics and are
designed for applications such as snubbers in high frequency power
converters, resonators in SMPS, and high voltage coupling/dc blocking.
These high voltage chip designs exhibit low ESRs at high frequencies.
Larger physical sizes than normally encountered chips are used to make
high voltage MLC chip products. Special precautions must be taken in
applying these chips in surface mount assemblies. The temperature
gradient during heating or cooling cycles should not exceed 4ºC per
second. The preheat temperature must be within 50ºC of the peak tem-
perature reached by the ceramic bodies through the soldering process.
Chip sizes 1210 and larger should be reflow soldered only. Capacitors
may require protective surface coating to prevent external arcing.
For 1825, 2225 and 3640 sizes, AVX offers leaded version in either
thru-hole or SMT configurations (for details see section on high voltage
leaded MLC chips).
*Reflow Soldering Only
W
L
T
t
1808
AVX
Style
0805
1206
1210
1808
1812
1825
2220
2225
3640
***
A
Voltage
600V/630V = C
1000V = A
1500V = S
2000V = G
2500V = W
3000V = H
4000V = J
5000V = K
A
Temperature
Coefficient
C0G = A
X7R = C
271
Capacitance Code
(2 significant digits
+ no. of zeros)
Examples:
10 pF = 100
100 pF = 101
1,000 pF = 102
22,000 pF = 223
220,000 pF = 224
1 μF = 105
K
Capacitance
Tolerance
C0G:J = ±5%
K = ±10%
M = ±20%
X7R:K = ±10%
M = ±20%
Z = +80%,
-20%
A
Test Level
A = Standard
1
Termination*
1 = Pd/Ag
T = Plated
Ni and Sn
(RoHS Compliant)
1
Packaging
1 = 7" Reel**
3 = 13" Reel
9 = Bulk
A
Special
Code
A = Standard
*Note: Terminations with 5% minimum lead (Pb) is available, see pages 89 and 90 for LD style.
Leaded terminations are available, see pages 93 and 94.
NEW 630V RANGE
DIMENSIONS
millimeters (inches)


Similar Part No. - 1808SC271MA13A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1808SC271MA13A AVX-1808SC271MA13A Datasheet
40Kb / 2P
   Part Number Explanation
More results

Similar Description - 1808SC271MA13A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
3640HC183KAT9A AVX-3640HC183KAT9A Datasheet
93Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1808AA471JAT1A AVX-1808AA471JAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1825GC471KATME AVX-1825GC471KATME Datasheet
93Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
MLC AVX-MLC_V01 Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1825GC471KAT1A AVX-1825GC471KAT1A Datasheet
99Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
12067C103KAT2A AVX-12067C103KAT2A Datasheet
82Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1210GC102KAT2A AVX-1210GC102KAT2A Datasheet
93Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1210GC102KAT1A AVX-1210GC102KAT1A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
2225AC473KAT1A AVX-2225AC473KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1808HA470JAT1A AVX-1808HA470JAT1A Datasheet
118Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Application
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com