Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC351J50LFG Datasheet(PDF) 3 Page - C&K Components

Part # KSC351J50LFG
Description  Sealed Tact Switch for SMT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC351J50LFG Datasheet(HTML) 3 Page - C&K Components

  KSC351J50LFG Datasheet HTML 1Page - C&K Components KSC351J50LFG Datasheet HTML 2Page - C&K Components KSC351J50LFG Datasheet HTML 3Page - C&K Components KSC351J50LFG Datasheet HTML 4Page - C&K Components KSC351J50LFG Datasheet HTML 5Page - C&K Components KSC351J50LFG Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
OPTION
CODE
OPERATING FORCE
0
1.2 N (120 grams)
1
1.4 N (140 grams)
2
1.6 N / 1.7 N (160/170 grams)
4
3 N / 4 N (300/400 grams)
5
5.5 N (550 grams)
6
4.5 N / 8 N (450/800 grams)
B–25
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ck-components.com
B
23 july 12
OPERATING FORCE
KSC Series
Sealed Tact Switch for SMT
CONTACT MATERIAL
OPTION
CODE
MATERIAL
1
SILVER
2
SILVER LONG LIFE
3
GOLD
4
GOLD LONG LIFE
TERMINATION
J J BEND
G GULLWING
10
( 7,6 )
12 mini
5,8 maxi
PAD LAYOUT
6,8
3,3 mini
8,6 mini
3 maxi
PAD LAYOUT


Similar Part No. - KSC351J50LFG

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSC351J50SHLFG ITT-KSC351J50SHLFG Datasheet
316Kb / 5P
   Sealed Tact Switch for SMT
KSC351J50SHLFS ITT-KSC351J50SHLFS Datasheet
316Kb / 5P
   Sealed Tact Switch for SMT
More results

Similar Description - KSC351J50LFG

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSC241JLFS CK-COMPONENTS-KSC241JLFS Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC343GLFG CK-COMPONENTS-KSC343GLFG Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC243JLFG CK-COMPONENTS-KSC243JLFG Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC341JLFS CK-COMPONENTS-KSC341JLFS Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC CK-COMPONENTS-KSC_V02 Datasheet
1Mb / 22P
   Sealed Tact Switch for SMT
26 May 22
logo
ITT Industries
KSC621G ITT-KSC621G Datasheet
250Kb / 5P
   Sealed Tact Switch for SMT
logo
C&K Components
KSC201 CK-COMPONENTS-KSC201 Datasheet
101Kb / 1P
   Sealed Tact Switch for SMT
KSC CK-COMPONENTS-KSC_V01 Datasheet
423Kb / 3P
   Sealed Tact Switch for SMT
logo
List of Unclassifed Man...
KSC323G ETC2-KSC323G Datasheet
250Kb / 5P
   Sealed Tact Switch for SMT
logo
C&K Components
KSC241GLFS CK-COMPONENTS-KSC241GLFS Datasheet
273Kb / 6P
   Sealed Tact Switch for SMT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com